Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6785 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6785
Description  Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6785 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX6785 Datasheet HTML 3Page - Maxim Integrated Products MAX6785 Datasheet HTML 4Page - Maxim Integrated Products MAX6785 Datasheet HTML 5Page - Maxim Integrated Products MAX6785 Datasheet HTML 6Page - Maxim Integrated Products MAX6785 Datasheet HTML 7Page - Maxim Integrated Products MAX6785 Datasheet HTML 8Page - Maxim Integrated Products MAX6785 Datasheet HTML 9Page - Maxim Integrated Products MAX6785 Datasheet HTML 10Page - Maxim Integrated Products MAX6785 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level
Battery Monitors in Small TDFN and TQFN Packages
_
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
_
7
Pin Description
PIN
MAX6782/
MAX6783
MAX6784/
MAX6785
NAME
FUNCTION
1
1
IN2
Battery Monitor Input 2. Connect to an external resistive divider to set the trip
threshold for monitor 2.
2
2
IN3
Battery Monitor Input 3. Connect to an external resistive divider to set the trip
threshold for monitor 3.
3
IN4
Battery Monitor Input 4. Connect to an external resistive divider to set the trip
threshold for monitor 4.
4
3
REF
Reference Output. REF can source up to 1mA. REF does not require an external
bypass capacitor for stability. Keep the capacitance from REF to GND below 50pF.
5
4
HADJ1
Hysteresis Adjustment Input 1.
Connect HADJ1 to GND to select an internal preset hysteresis option.
Connect a resistive divider from REF to HADJ1 and to GND to externally adjust the
hysteresis for IN1 from its internal preset hysteresis (see Figure 6).
6
5
HADJ2
Hysteresis Adjustment Input 2.
Connect HADJ2 to GND to select an internal preset hysteresis option.
Connect a resistive divider from REF to HADJ2 and to GND to externally adjust the
hysteresis for IN2 from its internal preset hysteresis (see Figure 6).
7
6
HADJ3
Hysteresis Adjustment Input 3.
Connect HADJ3 to GND to select an internal preset hysteresis option.
Connect a resistive divider from REF to HADJ3 and to GND to externally adjust the
hysteresis for IN3 from its internal preset hysteresis (see Figure 6).
8
HADJ4
Hysteresis Adjustment Input 4.
Connect HADJ4 to GND to select an internal preset hysteresis option.
Connect a resistive divider from REF to HADJ4 and to GND to externally adjust the
hysteresis for IN4 from its internal preset hysteresis (see Figure 6).
9—
LBO4
Active-Low, Low-Battery Output 4.
LBO4 asserts when VIN4 falls below the falling
threshold voltage.
LBO4 deasserts when VIN4 exceeds the rising threshold voltage.
10
7
LBO3
Active-Low, Low-Battery Output 3.
LBO3 asserts when VIN3 falls below the falling
threshold voltage.
LBO3 deasserts when VIN3 exceeds the rising threshold voltage.
11
8
LBO2
Active-Low, Low-Battery Output 2.
LBO2 asserts when VIN2 falls below the falling
threshold voltage.
LBO2 deasserts when VIN2 exceeds the rising threshold voltage.
12
9
LBO1
Active-Low, Low-Battery Output 1.
LBO1 asserts when VIN1 falls below the falling
threshold voltage.
LBO1 deasserts when VIN1 exceeds the rising threshold voltage.
13
10
BATT
Battery Input. Power supply to the device. For better noise immunity, bypass BATT
to GND with a 0.1µF capacitor as close to the device as possible.
14
11
GND
Ground
15
N.C.
No Connection. Not internally connected.
16
12
IN1
Battery Monitor Input 1. Connect to an external resistive divider to set the trip
threshold for monitor 1.
MAX6782/MAX6783/MAX6784/MAX6785


Similar Part No. - MAX6785

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6785 MAXIM-MAX6785 Datasheet
171Kb / 17P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 3; 3/10
MAX6785TC_++ MAXIM-MAX6785TC_+ Datasheet
171Kb / 17P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 3; 3/10
More results

Similar Description - MAX6785

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6782 MAXIM-MAX6782_10 Datasheet
171Kb / 17P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 3; 3/10
MAX6775 MAXIM-MAX6775 Datasheet
217Kb / 12P
   Low-Power, 1%-Accurate Battery Monitors in uDFN and SC70 Packages
Rev 2; 1/06
MAX6775 MAXIM-MAX6775_09 Datasheet
200Kb / 11P
   Low-Power, 1%-Accurate Battery Monitors in 關DFN and SC70 Packages
Rev 4; 5/09
MAX6427 MAXIM-MAX6427 Datasheet
319Kb / 20P
   Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 1; 9/03
MAX16033 MAXIM-MAX16033 Datasheet
214Kb / 21P
   Low-Power Battery Backup Circuits in Small μDFN Packages
Rev 0; 7/07
MAX6427 MAXIM-MAX6427_05 Datasheet
379Kb / 20P
   Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 2; 12/05
MAX40018 MAXIM-MAX40018 Datasheet
528Kb / 13P
   Dual nanoPower Op Amps in Tiny WLP and TDFN Packages
2019
MAX6439 MAXIM-MAX6439 Datasheet
235Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated uP Reset
Rev 0; 7/02
MAX6439 MAXIM-MAX6439_V01 Datasheet
256Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated 關P Reset
2005
MAX6457 MAXIM-MAX6457_09 Datasheet
174Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 4; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com