Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6787TA+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6787TA+
Description  Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6787TA+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX6787TA+ Datasheet HTML 4Page - Maxim Integrated Products MAX6787TA+ Datasheet HTML 5Page - Maxim Integrated Products MAX6787TA+ Datasheet HTML 6Page - Maxim Integrated Products MAX6787TA+ Datasheet HTML 7Page - Maxim Integrated Products MAX6787TA+ Datasheet HTML 8Page - Maxim Integrated Products MAX6787TA+ Datasheet HTML 9Page - Maxim Integrated Products MAX6787TA+ Datasheet HTML 10Page - Maxim Integrated Products MAX6787TA+ Datasheet HTML 11Page - Maxim Integrated Products MAX6787TA+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level
Battery Monitors in Small TDFN and TQFN Packages
8
_
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
_
Pin Description (continued)
PIN
NAME
FUNCTION
1
LBL1
Falling Trip Level Input 1. Connect to an external resistive divider to set the falling trip level.
2
LBH1
Rising Trip Level Input 1. Connect to an external resistive divider to set the rising trip level.
3
LBL2
Falling Trip Level Input 2. Connect to an external resistive divider to set the falling trip level.
4
LBH2
Rising Trip Level Input 2. Connect to an external resistive divider to set the rising trip level.
5
GND
Ground
6
LBO2
Active-Low, Low-Battery Output 2. LBO2 asserts when VLBL2 falls below the falling threshold voltage. LBO2
deasserts when VLBH2 exceeds the rising threshold voltage.
7
LBO1
Active-Low, Low-Battery Output 1. LBO1 asserts when VLBL1 falls below the falling threshold voltage. LBO1
deasserts when VLBH1 exceeds the rising threshold voltage.
8
BATT
Battery Input. Power supply to the device. For better noise immunity, bypass BATT to GND with a 0.1µF
capacitor as close to the device as possible.
MAX6786/MAX6787/MAX6788
PIN
NAME
FUNCTION
1
IN1
Overvoltage Monitor Input 1
2
IN2
Overvoltage Monitor Input 2
3
IN3
Overvoltage Monitor Input 3
4
IN4
Overvoltage Monitor Input 4
5
GND
Ground
6
CLEAR
Active-Low Clear Input. OV and OV do not latch when an overvoltage fault is detected if CLEAR is held low.
CLEAR has an internal pullup resistor to BATT.
7
N.C.
No Connection. Not internally connected.
8
OV
Active-Low Overvoltage Output. When any of the inputs (VIN_) exceeds its respective rising threshold
voltage, OV asserts and stays asserted until CLEAR is pulled low or the power to the device is cycled. OV
does not latch when an overvoltage fault is detected if CLEAR is held low.
9
OV
Active-High Overvoltage Output. Inverse of OV.
10
BATT
Battery Input. Power supply to the device. For better noise immunity, bypass BATT to GND with a 0.1µF
capacitor as close to the device as possible.
MAX6789/MAX6790
Detailed Description
The MAX6782–MAX6788 are designed to monitor two
to four battery levels (1% accuracy) and assert an
active-low output indicator when the monitored voltage
level falls below the user-set threshold. Each battery
level is associated with an independent open-drain or
push-pull output. Each of these independent outputs
can be used to provide low battery warnings at differ-
ent voltage levels. Each of these monitored levels offers
fixed or adjustable hysteresis in order to prevent the
output from chattering as the battery recovers from the
lighter loads. The MAX6782–MAX6785 also feature ref-
erence outputs that can source up to 1mA.
The MAX6789/MAX6790 monitor four overvoltage con-
ditions and assert the complementary overvoltage out-
puts when any voltage at the inputs exceeds its
respective threshold. The MAX6789/MAX6790 allow
each trip threshold to be set with external resistors.
These devices also feature a latch and a clear function.
Figures 1, 2, and 3 show the simplified block diagrams
for the MAX6782–MAX6790. See the
Selector Guide.


Similar Part No. - MAX6787TA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6787TA++ MAXIM-MAX6787TA+ Datasheet
171Kb / 17P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 3; 3/10
MAX6787TA+T MAXIM-MAX6787TA+T Datasheet
171Kb / 17P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 3; 3/10
More results

Similar Description - MAX6787TA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6782 MAXIM-MAX6782_10 Datasheet
171Kb / 17P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 3; 3/10
MAX6775 MAXIM-MAX6775 Datasheet
217Kb / 12P
   Low-Power, 1%-Accurate Battery Monitors in uDFN and SC70 Packages
Rev 2; 1/06
MAX6775 MAXIM-MAX6775_09 Datasheet
200Kb / 11P
   Low-Power, 1%-Accurate Battery Monitors in 關DFN and SC70 Packages
Rev 4; 5/09
MAX6427 MAXIM-MAX6427 Datasheet
319Kb / 20P
   Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 1; 9/03
MAX16033 MAXIM-MAX16033 Datasheet
214Kb / 21P
   Low-Power Battery Backup Circuits in Small μDFN Packages
Rev 0; 7/07
MAX6427 MAXIM-MAX6427_05 Datasheet
379Kb / 20P
   Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 2; 12/05
MAX40018 MAXIM-MAX40018 Datasheet
528Kb / 13P
   Dual nanoPower Op Amps in Tiny WLP and TDFN Packages
2019
MAX6439 MAXIM-MAX6439 Datasheet
235Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated uP Reset
Rev 0; 7/02
MAX6439 MAXIM-MAX6439_V01 Datasheet
256Kb / 14P
   Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated 關P Reset
2005
MAX6457 MAXIM-MAX6457_09 Datasheet
174Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 4; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com