Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA-A2D6HB9-FREQ Datasheet(PDF) 2 Page - Nel Frequency Controls,inc

Part # AA-A2D6HB9-FREQ
Description  LVDS HF/UHF CLOCK (XO)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

AA-A2D6HB9-FREQ Datasheet(HTML) 2 Page - Nel Frequency Controls,inc

  AA-A2D6HB9-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc AA-A2D6HB9-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc AA-A2D6HB9-FREQ Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AA-A2D6XXX Series
Continued
LVDS HF/UHF CLOCK (XO)
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Operating Temperature Range
To
-40 to +85
ºC
Storage Temperature Range
Tst
-50 to +90
ºC
Supply Voltage
Vcc
-0.5 to 4.5
V
Enable/Disable Voltage
Ven/dis
0 to Vcc
V
Electrical Parameters
Parameter
Symb
Conditions, Note
MIN
TYP
MAX
Unit
Nominal Frequency
Fo
150
500
MHz
Supply Voltage
Vcc
Code A
Code B
3.135
2.375
3.3
2.5
3.465
2.625
V
Supply current
Icc
80
100
mA
Load
At receiving end between
the outputs
90
100
110
Ohm
Output Levels
Vod
Differential amplitude
247
330
454
mV
Amplitude error
50
mV
Vof
Offset Voltage
1.125
1.25
1.375
V
Offset Voltage error
50
mV
Duty Cycle (Symmetry)
At outputs crossing, room
temperature
45/55
50/50
55/45
%
Rise/Fall Time
Tr/Tf
20 to 80, 80 to 20 %
0.35
0.4
ns
Jitter
Integrated
J
Integrated from Phase
Noise, 12 KHz to 20 MHz,
RMS
0.2
ps
Wavecrest
characterized
Random
period,
2.5
2.5
ps
Accumul.,
pk-to-pk
25
ps
Deterministic
3
6
ps
Subharmonics
<400 M
>400 M
-50
-45
dBc
Phase Noise
£(∆f)
212.5 MHz
@ 10 Hz
@100 Hz
@1 KHz
@10KHz
@100KHz
@>1MHz
-65
-95
-125
-140
-145
-148
dBc/Hz
Frequency Stability
∆F/F
Overall, including initial
calibration, temperature,
aging 10 years, shock and
vibration
See “Creating a Part Number”
Not all combinations
available, consult factory
ppm
Enable High Option
Pin 2 Enabled
Pin 2 Disabled
CMOS logic 1 or N/C
CMOS logic 0
0.7 Vcc
0
Vcc
0.3 Vcc
V
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
Rev. -
CRYSTAL CLOCK OSCILLATORS
Data Sheet 0631E


Similar Part No. - AA-A2D6HB9-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
AA-A29LL99-FREQ NEL-AA-A29LL99-FREQ Datasheet
207Kb / 3P
   LVPECL HF/UHF CLOCK (XO)
AA-A29LL9E-FREQ NEL-AA-A29LL9E-FREQ Datasheet
207Kb / 3P
   LVPECL HF/UHF CLOCK (XO)
AA-A29LL9F-FREQ NEL-AA-A29LL9F-FREQ Datasheet
207Kb / 3P
   LVPECL HF/UHF CLOCK (XO)
AA-A29LL9G-FREQ NEL-AA-A29LL9G-FREQ Datasheet
207Kb / 3P
   LVPECL HF/UHF CLOCK (XO)
AA-A29LL9H-FREQ NEL-AA-A29LL9H-FREQ Datasheet
207Kb / 3P
   LVPECL HF/UHF CLOCK (XO)
More results

Similar Description - AA-A2D6HB9-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
AA-X2D6XXX-X NEL-AA-X2D6XXX-X Datasheet
152Kb / 3P
   LVDS HF/UHF CLOCK (XO)
SD-X2D4XXX-X NEL-SD-X2D4XXX-X Datasheet
163Kb / 3P
   LVDS UHF CLOCK (XO)
SD-A2D4XXX NEL-SD-A2D4XXX Datasheet
354Kb / 3P
   LVDS UHF CLOCK (XO)
SD-A2D7XXX NEL-SD-A2D7XXX Datasheet
154Kb / 3P
   LVDS UHF CLOCK (XO)
SD-X2D5XXX-X NEL-SD-X2D5XXX-X Datasheet
163Kb / 3P
   LVDS UHF CLOCK (XO)
SD-A2D7XXX-A NEL-SD-A2D7XXX-A Datasheet
163Kb / 3P
   LVDS UHF CLOCK (XO)
SD-A2D5XXX NEL-SD-A2D5XXX Datasheet
354Kb / 3P
   LVDS UHF CLOCK (XO)
AA-X29LXXX NEL-AA-X29LXXX Datasheet
207Kb / 3P
   LVPECL HF/UHF CLOCK (XO)
AA-X29LXXX-X NEL-AA-X29LXXX-X Datasheet
151Kb / 3P
   LVPECL HF/UHF CLOCK (XO)
AA-XEXX NEL-AA-XEXX Datasheet
206Kb / 3P
   HCSL COMPATIBLE HF/UHF CLOCK (XO)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com