Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB4L339 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NB4L339
Description  3.3V 1:4 Clock Fanout Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB4L339 Datasheet(HTML) 3 Page - ON Semiconductor

  NB4L339 Datasheet HTML 1Page - ON Semiconductor NB4L339 Datasheet HTML 2Page - ON Semiconductor NB4L339 Datasheet HTML 3Page - ON Semiconductor NB4L339 Datasheet HTML 4Page - ON Semiconductor NB4L339 Datasheet HTML 5Page - ON Semiconductor NB4L339 Datasheet HTML 6Page - ON Semiconductor NB4L339 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NB3N2304NZ
http://onsemi.com
3
Table 3. ATTRIBUTES
Characteristics
Value
ESD Protection
Human Body Model
Machine Model
> 2kV
> 200 V
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1)
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−O @ 0.125 in
Transistor Count
480 Devices
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.
Table 4. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VDD
Positive Power Supply
GND = 0 V
VDD + 0.5V
V
VI
Input Voltage
GND – 0.5 v
VI v VDD + 0.5
V
TA
Operating Temperature Range, Industrial
w −40 to v +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction−to−Ambient)
0 lfpm
500 lfpm
TSSOP−8
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
TSSOP−8
°C/W
TSOL
Wave Solder
Pb−Free (Note 2)
265
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
2. EDEC standard multilayer board − 2S2P (2 signal, 2 power).


Similar Part No. - NB4L339

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4L339 ONSEMI-NB4L339 Datasheet
144Kb / 12P
   2.5 V / 3.3 V Differential 2:1 Clock IN to Differential LVPECL Clock Generator
September, 2012 ??Rev. 3
NB4L339MNG ONSEMI-NB4L339MNG Datasheet
176Kb / 12P
   2.5 V / 3.3 V Differential 2:1 Clock IN to Differential LVPECL Clock Generator / Divider / Fan?뭀ut Buffer
January, 2007 ??Rev. P2
NB4L339MNG ONSEMI-NB4L339MNG Datasheet
144Kb / 12P
   2.5 V / 3.3 V Differential 2:1 Clock IN to Differential LVPECL Clock Generator
September, 2012 ??Rev. 3
NB4L339MNR2G ONSEMI-NB4L339MNR2G Datasheet
176Kb / 12P
   2.5 V / 3.3 V Differential 2:1 Clock IN to Differential LVPECL Clock Generator / Divider / Fan?뭀ut Buffer
January, 2007 ??Rev. P2
NB4L339MNR4G ONSEMI-NB4L339MNR4G Datasheet
144Kb / 12P
   2.5 V / 3.3 V Differential 2:1 Clock IN to Differential LVPECL Clock Generator
September, 2012 ??Rev. 3
More results

Similar Description - NB4L339

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N2304NZ ONSEMI-NB3N2304NZ Datasheet
117Kb / 7P
   3.3V 1:4 Clock Fanout Buffer
September, 2006 ??Rev. 0
NB3N2304NZ ONSEMI-NB3N2304NZ_07 Datasheet
143Kb / 7P
   3.3V 1:4 Clock Fanout Buffer
January, 2007 ??Rev. 1
NB3N2304NZ ONSEMI-NB3N2304NZ_09 Datasheet
144Kb / 7P
   3.3V 1:4 Clock Fanout Buffer
October, 2009 ??Rev. 6
logo
Asahi Kasei Microsystem...
AK8181A AKM-AK8181A Datasheet
253Kb / 8P
   3.3V LVPECL 1:4 Clock Fanout Buffer
AK8181F AKM-AK8181F Datasheet
654Kb / 12P
   3.3V LVDS 1:4 Clock Fanout Buffer
AK8181G AKM-AK8181G Datasheet
585Kb / 10P
   3.3V LVDS 1:4 Clock Fanout Buffer
AK8181E AKM-AK8181E Datasheet
552Kb / 10P
   3.3V LVPECL 1:4 Clock Fanout Buffer
logo
Cypress Semiconductor
CY2DP814 CYPRESS-CY2DP814 Datasheet
120Kb / 9P
   1:4 Clock Fanout Buffer
CY2DP814 CYPRESS-CY2DP814_08 Datasheet
429Kb / 9P
   1:4 Clock Fanout Buffer
CY2DL814 CYPRESS-CY2DL814 Datasheet
111Kb / 8P
   1:4 Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com