Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AB-A3AI99-FREQ Datasheet(PDF) 1 Page - Nel Frequency Controls,inc

Part # AB-A3AI99-FREQ
Description  SINE-WAVE UHF VCXO
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

AB-A3AI99-FREQ Datasheet(HTML) 1 Page - Nel Frequency Controls,inc

  AB-A3AI99-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc AB-A3AI99-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc AB-A3AI99-FREQ Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SINE-WAVE UHF VCXO
AB-A3A1XX Series
Description
The AB-A3A1XX Series of voltage controlled crystal oscillators (VCXO) provides ultra high frequency with a
single-ended sine-wave output. The device is based on low noise analog harmonic frequency multiplication,
providing exceptionally low Phase Noise and Jitter. It is packaged in a miniature, FR-4 based 9x14mm SMD
package.
Applications and Features
• Wide frequency range – 200.0MHz to 1.000GHz
• Fiber Channel; 10 GbE; Infiniband; Network Processors; SONET/SDH
• High Reliability - NEL HALT/HASS qualified for crystal oscillator start-up conditions
• Extremely Low Phase Noise and Jitter
• High shock resistance, to 1000g
• Absolute Pull Range (APR) to ±1000 ppm
• SONET ±20 ppm overall free-run stability available
• RoHS Compliant, Lead Free Construction
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
CRYSTAL CLOCK OSCILLATORS
Data Sheet 0630C
Rev. E
AB - A 3A1 X X - FREQ
Package Code
Absolute Pull Range, ppm
AB
6 pad 9x14 mm SMD
E ±20
F ±32
Input Voltage
G ±50
0
5.0V ±5%
H ±100
A
3.3V ±5%
9 Customer specific
Temperature Range, °C
A
0 to 50
B
0 to 70
C
-20 to 70
D
-40 to 85
9
Customer specific
Creating a Part Number


Similar Part No. - AB-A3AI99-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
AB-A36DH99-FREQ NEL-AB-A36DH99-FREQ Datasheet
140Kb / 3P
   PECL/LVPECL UHF VCXO
AB-A36DH9E-FREQ NEL-AB-A36DH9E-FREQ Datasheet
140Kb / 3P
   PECL/LVPECL UHF VCXO
AB-A36DH9F-FREQ NEL-AB-A36DH9F-FREQ Datasheet
140Kb / 3P
   PECL/LVPECL UHF VCXO
AB-A36DH9G-FREQ NEL-AB-A36DH9G-FREQ Datasheet
140Kb / 3P
   PECL/LVPECL UHF VCXO
AB-A36DH9H-FREQ NEL-AB-A36DH9H-FREQ Datasheet
140Kb / 3P
   PECL/LVPECL UHF VCXO
More results

Similar Description - AB-A3AI99-FREQ

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
GS14 EUROQUARTZ-GS14 Datasheet
90Kb / 1P
   14 pin Dual-inLine Sine Wave VCXO
logo
Nel Frequency Controls,...
AB-X0A3XX-X NEL-AB-X0A3XX-X Datasheet
155Kb / 3P
   SINE-WAVE UHF, Low Phase Noise XO
logo
EUROQUARTZ limited
GSR8 EUROQUARTZ-GSR8 Datasheet
88Kb / 1P
   8 pin Dual-in-Line Sine Wave VCXO
GSR14 EUROQUARTZ-GSR14 Datasheet
88Kb / 1P
   14 pin Dual-in-Line Sine Wave VCXO
GSR57 EUROQUARTZ-GSR57 Datasheet
101Kb / 1P
   7 x 5 x1.8mm SMD Sine Wave VCXO
GSR64 EUROQUARTZ-GSR64 Datasheet
99Kb / 1P
   11.4 x 9.6 x 4.7mm SMD Sine Wave VCXO
GS42 EUROQUARTZ-GS42 Datasheet
96Kb / 1P
   11.4 x 9.6 x 2.5mm SMD Sine Wave VCXO
GSR42 EUROQUARTZ-GSR42 Datasheet
93Kb / 1P
   11.4 x 9.6 x 2.5mm SMD Sine Wave VCXO
GSR62 EUROQUARTZ-GSR62 Datasheet
99Kb / 1P
   11.4 x 9.6 x 2.5mm SMD Sine Wave VCXO
GSR53 EUROQUARTZ-GSR53 Datasheet
94Kb / 1P
   5 x 3.2 x 1.2mm SMD Sine Wave VCXO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com