Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF470 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BF470
Description  PNP high-voltage transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF470 Datasheet(HTML) 2 Page - NXP Semiconductors

  BF470 Datasheet HTML 1Page - NXP Semiconductors BF470 Datasheet HTML 2Page - NXP Semiconductors BF470 Datasheet HTML 3Page - NXP Semiconductors BF470 Datasheet HTML 4Page - NXP Semiconductors BF470 Datasheet HTML 5Page - NXP Semiconductors BF470 Datasheet HTML 6Page - NXP Semiconductors BF470 Datasheet HTML 7Page - NXP Semiconductors BF470 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1996 Dec 09
2
Philips Semiconductors
Product specification
PNP high-voltage transistors
BF470; BF472
FEATURES
• Low feedback capacitance.
APPLICATIONS
• Class-B video output stages in television receivers and
for high-voltage IF output stages.
DESCRIPTION
PNP transistors in a TO-126; SOT32 plastic package.
NPN complements: BF469 and BF471.
PINNING
PIN
DESCRIPTION
1
emitter
2
collector, connected to mounting base
3
base
Fig.1
Simplified outline (TO-126; SOT32) and
symbol.
handbook, halfpage
MAM272
12
3
Top view
1
2
3
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
BF470
−−250
V
BF472
−−300
V
VCEO
collector-emitter voltage
open base
BF470
−−250
V
BF472
−−300
V
ICM
peak collector current
−−100
mA
Ptot
total power dissipation
Tmb ≤ 114 °C
1.8
W
hFE
DC current gain
IC = −25 mA; VCE = −20 V
50
Cre
feedback capacitance
IC =ic = 0; VCE = −30 V; f = 1 MHz
1.8
pF
fT
transition frequency
IC = −10 mA; VCE = −10 V; f = 100 MHz
60
MHz


Similar Part No. - BF470

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
BF470 CDIL-BF470 Datasheet
127Kb / 3P
   PNP PLASTIC POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BF470 NJSEMI-BF470 Datasheet
100Kb / 3P
   PNP high-voltage transistors
More results

Similar Description - BF470

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMBT5401 WEITRON-MMBT5401 Datasheet
291Kb / 5P
   High Voltage PNP Transistors
logo
NXP Semiconductors
BF423L PHILIPS-BF423L Datasheet
50Kb / 6P
   PNP high-voltage transistors
2004 Nov 10
BF621_623 PHILIPS-BF621_623_15 Datasheet
132Kb / 10P
   PNP high-voltage transistors
2004 Dec 14
logo
Weitron Technology
MPSA92 WEITRON-MPSA92 Datasheet
169Kb / 4P
   High-Voltage PNP Transistors
logo
Diotec Semiconductor
MPSA92 DIOTEC-MPSA92_18 Datasheet
146Kb / 2P
   High Voltage PNP Transistors
logo
Motorola, Inc
BF421 MOTOROLA-BF421 Datasheet
119Kb / 4P
   High Voltage Transistors(PNP)
logo
NXP Semiconductors
BF821 PHILIPS-BF821 Datasheet
41Kb / 8P
   PNP high-voltage transistors
1999 Apr 15
logo
Weitron Technology
MPSA94 WEITRON-MPSA94 Datasheet
1Mb / 4P
   High-Voltage PNP Transistors
logo
Guangdong Kexin Industr...
BF821 KEXIN-BF821 Datasheet
37Kb / 1P
   PNP High-Voltage Transistors
logo
NXP Semiconductors
BF870 PHILIPS-BF870 Datasheet
43Kb / 5P
   PNP high-voltage transistors
1996 Dec 09
BF821 NXP-BF821 Datasheet
105Kb / 6P
   PNP high-voltage transistors
2004 Jan 16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com