Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AB-036DL9F-FREQ Datasheet(PDF) 3 Page - Nel Frequency Controls,inc

Part # AB-036DL9F-FREQ
Description  PECL/LVPECL UHF VCXO
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

AB-036DL9F-FREQ Datasheet(HTML) 3 Page - Nel Frequency Controls,inc

  AB-036DL9F-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc AB-036DL9F-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc AB-036DL9F-FREQ Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CRYSTAL CLOCK OSCILLATORS
Rev. C
0.55 ( 1 4 m m )
0.35 ( 9 m m )
0 .2 4 ( 6 . 1 mm)
0.20 0 ( 5 .0 8 m m )
0.30 0 ( 7 .6 2 m m )
1
2
3
4
5
6
0.04 5 ( 1 .1 4 m m )
0. 05 0 ( 1 .2 7 m m )
0. 20 0 ( 1 0.2 m m )
0.10 0 ( 5 .1 m m )
0 .06 0 ( 1 .5 2 m m )
RE CO M M E NDE D P AD L AYO UT
AB-X36DXXX Series
Continued
PECL/LVPECL UHF VCXO
Electrical Connection
Pin
Connection
1
Vco
2
Enable/Disable
3
V
EE
4
Output
5
Output Complement
6
V
CC
Environmental and Mechanical Characteristics
Operating temp.
range
see part # table
Mechanical Shock
Per MIL-STD-202, Method 213, Cond. E
Thermal Shock
Per MIL-STD-883, Method 1011, Cond. A
Vibration
Per MIL-STD-883, Method 2007, Cond. A
Hermetic Seal
Leak rate less than 1x10-8 atm.cc/s of helium
Soldering conditions
See MAX reflow profile below
Maximum Reflow Profile
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com


Similar Part No. - AB-036DL9F-FREQ

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-0351BA-01WA-E40-S A-BRIGHT-AB-0351BA-01WA-E40-S Datasheet
203Kb / 3P
   HIGH POWER LED BULB
7/2/2007
AB-0351BA-01WA-G10-S A-BRIGHT-AB-0351BA-01WA-G10-S Datasheet
200Kb / 3P
   HIGH POWER LED BULB
7/2/2007
AB-0351BA-12V0-M00-S A-BRIGHT-AB-0351BA-12V0-M00-S Datasheet
198Kb / 3P
   HIGH POWER LED BULB
7/2/2007
AB-0351BA-24V0-M00-S A-BRIGHT-AB-0351BA-24V0-M00-S Datasheet
199Kb / 3P
   HIGH POWER LED BULB
7/2/2007
AB-0351GA-01WA-E40-S A-BRIGHT-AB-0351GA-01WA-E40-S Datasheet
203Kb / 3P
   HIGH POWER LED BULB
7/2/2007
More results

Similar Description - AB-036DL9F-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
AB-X36DXX-X NEL-AB-X36DXX-X Datasheet
159Kb / 3P
   PECL/LVPECL UHF VCXO
SD-X36AXXX NEL-SD-X36AXXX Datasheet
155Kb / 3P
   LVPECL UHF VCXO
SU-X36CXXX NEL-SU-X36CXXX Datasheet
140Kb / 3P
   PECL/LVPECL HF VCXO
AB-X36CXXX-X NEL-AB-X36CXXX-X Datasheet
159Kb / 3P
   PECL/LVPECL HF VCXO
SD-X36BXXX NEL-SD-X36BXXX Datasheet
155Kb / 3P
   LVPECL UHF VCXO
AB-X29NXXX NEL-AB-X29NXXX Datasheet
142Kb / 3P
   PECL/LVPECL UHF XO
AB-X29NXXX-X NEL-AB-X29NXXX-X Datasheet
157Kb / 3P
   PECL/LVPECL UHF XO
SU-X29PXXX-X NEL-SU-X29PXXX-X Datasheet
160Kb / 4P
   PECL/LVPECL UHF XO
logo
Golledge Electronics Lt...
GVXO38 GOLLEDGE-GVXO38 Datasheet
71Kb / 1P
   VCXO Complementray ECL/PECL UHF Range
logo
Advanced XTAL Products
AXIS50-11 AXTAL-AXIS50-11 Datasheet
248Kb / 2P
   UHF VCXO with LVPECL or Sinus Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com