Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AB-A3DBNBH-FREQ Datasheet(PDF) 2 Page - Nel Frequency Controls,inc

Part # AB-A3DBNBH-FREQ
Description  LVDS UHF VCXO
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

AB-A3DBNBH-FREQ Datasheet(HTML) 2 Page - Nel Frequency Controls,inc

  AB-A3DBNBH-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc AB-A3DBNBH-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc AB-A3DBNBH-FREQ Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AB-A3DBXXX Series
Continued
LVDS UHF VCXO
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Operating Temperature Range
To
-40 to +85
ºC
Storage Temperature Range
Tst
-50 to +90
ºC
Supply Voltage
Vcc
-0.5 to 4.5
V
Enable/Disable Voltage
Ven/dis
0 to Vcc
V
Electrical Parameters
Parameter
Symb
Conditions, Note
MIN
TYP
MAX
Unit
Nominal Frequency
Fo
200
1000
MHz
Supply Voltage
Vcc
Code A
3.135
3.3
3.465
V
Supply current
Icc
50
60
mA
Output Logic Type
LVDS
Load
At receiving end between the
outputs
90
100
110
Ohm
Output Levels
Vod
Differential amplitude
247
330
454
mV
Amplitude error
50
mV
Vof
Offset Voltage
1.125
1.25
1.375
V
Offset Voltage error
50
mV
Duty Cycle
(Symmetry)
At outputs crossing, room
temperature
45/55
50/50
55/45
%
Rise/Fall Time
Tr/Tf
20 to 80, 80 to 20 %
0.5
0.7
ns
Jitter
Integrated
J
Integrated from Phase Noise,
12 KHz to 20 MHz , RMS
0.1
0.2
ps
100 Hz to 80 KHz, RMS
1.0
ps
50 Khz to 80 Mhz
0.3
ps
Wavecrest
characterized
Random period,
2.5
ps
Accumul., pk-
to-pk
25
ps
Deterministic
1
ps
Sub-Harmonics
@ 622.08MHz
-50
-46
dBc
Phase Noise
£(Δf)
622.08 MHz,
APR 50ppm or
less
@ 10 Hz
@100 Hz
@1 KHz
@10KHz
@100KHz
@>1MHz
-60
-90
-118
-135
-135
-140
-55
-85
-113
-130
-130
-135
dBc/Hz
Frequency Stability
ΔF/F
Overall, including initial
calibration, temperature,
aging 10 years, shock and
vibration @ Vc=Vcc/2;
APR 50ppm, or less
±20
±30
ppm
Control Voltage Range
Vc
0V
Vcc
V
Setability
Vcs
Vc to set F at Fo; T, Vcc,
load - nominal, as shipped
0.4 Vcc
0.5 Vcc
0.6 Vcc
V
Absolute Pull Range
APR
Over all conditions, see part
# creation
20,32,
50,100
ppm
Input Impedance
Zin
@ Fmod < 100 Khz
50
KOhm
Modulation Bandwidth
At Vc = Vcc/2, -3dB
20
KHz
Enable/Disable Option
Pin 2 Enabled
Pin 2 Disabled
CMOS logic 1 or N/C
CMOS logic 0
0.7 Vcc
0
Vcc
0.3 Vcc
V
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
Rev. B
CRYSTAL CLOCK OSCILLATORS
Data Sheet 0630A


Similar Part No. - AB-A3DBNBH-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
AB-A3DBXXX-X NEL-AB-A3DBXXX-X Datasheet
159Kb / 3P
   The outputs can be disabled for test automation or combining multiple clocks
More results

Similar Description - AB-A3DBNBH-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SD-A3DBXXX NEL-SD-A3DBXXX Datasheet
155Kb / 3P
   LVDS UHF VCXO
SD-A3DAXXX NEL-SD-A3DAXXX Datasheet
354Kb / 3P
   LVDS UHF VCXO
AB-X3A1XX-X NEL-AB-X3A1XX-X Datasheet
156Kb / 3P
   SINEWAVE UHF VCXO
SD-X36AXXX NEL-SD-X36AXXX Datasheet
155Kb / 3P
   LVPECL UHF VCXO
SD-X36BXXX NEL-SD-X36BXXX Datasheet
155Kb / 3P
   LVPECL UHF VCXO
logo
AiT Semiconductor Inc.
KVL7050 AITSEMI-KVL7050 Datasheet
292Kb / 1P
   SMD LVDS VCXO
logo
Skyworks Solutions Inc.
SU-A3DCXXX SKYWORKS-SU-A3DCXXX Datasheet
139Kb / 3P
   LVDS HF VCXO
logo
Jauch Quartz Gmbh
JVD75A JAUCH-JVD75A Datasheet
194Kb / 2P
   SMD LVDS VCXO
JVD75B JAUCH-JVD75B Datasheet
195Kb / 2P
   SMD LVDS VCXO
logo
AiT Semiconductor Inc.
KVLM AITSEMI-KVLM Datasheet
239Kb / 1P
   SMD LVDS VCXO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com