Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1178 Datasheet(PDF) 10 Page - Analog Devices

Part # ADM1178
Description  Hot Swap Controller and Digital Power Monitor with AlertB Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1178 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM1178 Datasheet HTML 6Page - Analog Devices ADM1178 Datasheet HTML 7Page - Analog Devices ADM1178 Datasheet HTML 8Page - Analog Devices ADM1178 Datasheet HTML 9Page - Analog Devices ADM1178 Datasheet HTML 10Page - Analog Devices ADM1178 Datasheet HTML 11Page - Analog Devices ADM1178 Datasheet HTML 12Page - Analog Devices ADM1178 Datasheet HTML 13Page - Analog Devices ADM1178 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADM1178
Preliminary Technical Data
Rev. PrD | Page 10 of 16
VOLTAGE AND CURRENT READBACK
In addition to providing hot swap functionality, the ADM1178
also contains the components to allow voltage and current
readback over an I2C bus. The voltage output of the current
sense amplifier and the voltage on the VCC pin are fed into a
12-bit ADC via a multiplexer. The device can be instructed to
convert voltage and/or current at any time during operation via
an I2C command. When all conversions are complete the
voltage and/or current values can be read out to 12-bit accuracy
in two or three bytes.
SERIAL BUS INTERFACE
Control of the ADM1178 is carried out via the Inter-IC Bus
(I2C). This interface is compatible with fastmode I2C (400 kHz
max). The ADM1178 is connected to this bus as a slave device,
under the control of a master device.
IDENTIFYING THE ADM1178 ON THE I2C BUS
The ADM1178 has a 7-bit serial bus slave address. When the
device is powered up, it will do so with a default serial bus
address. The three MSBs of the address are set to 111 and the
two MSBs are set to 10, to give an address 111xx10. Bits A2 and
A3 are determined by the state of the ADR pin. There are four
different configurations available on the ADR pin which
correspond to four different I2C addresses for these bits. These
are explained in Table 4 below. This scheme allows four
ADM1178 devices to operation on a single I2C bus.
Table 4. Setting I2C Addresses via the ADR Pin
ADR Configuration
Address
Low state
0xE4
Resistor to GND
0xEC
Floating (unconnected)
0xF4
High state
0xFC
GENERAL I2C TIMING
Figure 6 and Figure 7 show timing diagrams for general read
and write operations using the I2C. The I2C specification defines
specific conditions for different types of read and write
operation, which are discussed later. The general I2C protocol
operates as follows:
1.
The master initiates data transfer by establishing a START
condition, defined as a high to low transition on the serial
data line SDA while the serial clock line SCL remains
high. This indicates that a data stream will follow. All slave
peripherals connected to the serial bus respond to the
START condition, and shift in the next 8 bits, consisting
of a 7-bit slave address (MSB first) plus a R/W bit, which
determines the direction of the data transfer, i.e. whether
data will be written to or read from the slave device (0 =
write, 1 = read).
The peripheral whose address corresponds to the
transmitted address responds by pulling the data line low
during the low period before the ninth clock pulse, known
as the acknowledge bit, and holding it low during the high
period of this clock pulse. All other devices on the bus
now remain idle while the selected device waits for data to
be read from or written to it. If the R/W bit is a 0, the
master will write to the slave device. If the R/W bit is a 1,
the master will read from the slave device.
2.
Data is sent over the serial bus in sequences of nine clock
pulses, eight bits of data followed by an acknowledge bit
from the slave device. Data transitions on the data line
must occur during the low period of the clock signal and
remain stable during the high period, as a low to high
transition when the clock is high may be interpreted as a
STOP signal.
If the operation is a write operation, the first data byte
after the slave address is a command byte. This tells the
slave device what to expect next. It may be an instruction
such as telling the slave device to expect a block write, or
it may simply be a register address that tells the slave
where subsequent data is to be written.
Since data can flow in only one direction as defined by the
R/W bit, it is not possible to send a command to a slave
device during a read operation. Before doing a read
operation, it may first be necessary to do a write operation
to tell the slave what sort of read operation to expect
and/or the address from which data is to be read.
3.
When all data bytes have been read or written, stop
conditions are established. In WRITE mode, the master
will pull the data line high during the 10th clock pulse to
assert a STOP condition. In READ mode, the master
device will release the SDA line during the low period
before the ninth clock pulse, but the slave device will not
pull it low. This is known as No Acknowledge. The master
will then take the data line low during the low period
before the 10th clock pulse, then high during the 10th clock
pulse to assert a STOP condition.


Similar Part No. - ADM1178

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1170 AD-ADM1170 Datasheet
266Kb / 16P
   1.6 V to 16.5 V Hot Swap Controller with Soft Start
REV. 0
ADM1170-1AUJZ-RL7 AD-ADM1170-1AUJZ-RL7 Datasheet
266Kb / 16P
   1.6 V to 16.5 V Hot Swap Controller with Soft Start
REV. 0
ADM1170-2AUJZ-RL7 AD-ADM1170-2AUJZ-RL7 Datasheet
266Kb / 16P
   1.6 V to 16.5 V Hot Swap Controller with Soft Start
REV. 0
ADM1170 AD-ADM1170_15 Datasheet
248Kb / 16P
   1.6 V to 16.5 V Hot Swap Controller with Soft Start
REV. A
ADM1171 AD-ADM1171 Datasheet
255Kb / 16P
   2.7 V to 16.5 V Hot Swap Controller with Current Sense Output
REV. 0
More results

Similar Description - ADM1178

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1175 AD-ADM1175 Datasheet
693Kb / 24P
   Hot Swap Controller and Digital Power Monitor with Convert Pin
REV. 0
ADM1177 AD-ADM1177 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with Soft-Start Pin
Rev. PrD May 2006
ADM1191 AD-ADM1191_08 Datasheet
403Kb / 16P
   Digital Power Monitor with Convert Pin and ALERTB Output
REV. B
ADM1278 AD-ADM1278 Datasheet
874Kb / 61P
   Hot Swap Controller and Digital Power and Energy Monitor with PMBus Interface
ADM1177 AD-ADM1177_15 Datasheet
583Kb / 24P
   Hot Swap Controller and Digital Power Monitor with Soft Start Pin
REV. C
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
   Hot-Swap Controller and Digital Power
REV. D
ADM1272 AD-ADM1272 Datasheet
578Kb / 57P
   High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
LT4239 AD-LT4239 Datasheet
1Mb / 24P
   High Current Hot Swap Controller with Current Monitor Output
Rev. 0
ADM1176 AD-ADM1176 Datasheet
683Kb / 24P
   Hot Swap Controller and I2C짰 Power Monitor with Convert Pin
REV. 0
LTC4287 AD-LTC4287 Datasheet
2Mb / 77P
   High Power Positive Hot Swap Controller with Power Monitor
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com