Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8551T1ZBD1 Datasheet(PDF) 4 Page - ITT Industries

Part # 8551T1ZBD1
Description  Subminiature Pushbutton Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

8551T1ZBD1 Datasheet(HTML) 4 Page - ITT Industries

  8551T1ZBD1 Datasheet HTML 1Page - ITT Industries 8551T1ZBD1 Datasheet HTML 2Page - ITT Industries 8551T1ZBD1 Datasheet HTML 3Page - ITT Industries 8551T1ZBD1 Datasheet HTML 4Page - ITT Industries 8551T1ZBD1 Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
A–63
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
C&K 8500 Series
Subminiature Pushbutton Switches
TERMINATIONS
CONTACT MATERIAL
SEAL
AVAILABLE HARDWARE
.331 DIA.
(8,41È)
.300
(7,62)
.150 (3,81)
FOR 267A
.200 (5,08)
FOR 8931
DIM. "X"
PC MOUNTING
E
EPOXY SEAL
Z
SOLDER LUG
C
PC THRU-HOLE
AV
RIGHT ANGLE, PC THRU-HOLE
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
1 CONTACTS & TERMINALS: Copper alloy, with gold plate over nickel plate.
2 CONTACTS: Coin silver, with gold plate over nickel plate.
3 TERMINALS: Copper alloy, with gold plate over nickel plate.
4 CONTACTS: Coin silver, silver plated.
5 TERMINALS: Copper alloy, silver plated.
NOTE: Any models supplied with Q, B or G contact material are RoHS compliant. For the
latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
All models
with all options when ordered with G or Q contact material.
Q contact material standard with C, Z terminations.
8551 & 8552 available with Q contact material only.
Cap
Cap, J80, J81 & J 82 options only
Frame
PART NO.
267A01000 WHITE
267A02000 BLACK
267A03000 RED
267A09000 GRAY
85X2T, 8534T
models only
Material: Nylon
Finish: Gloss
PART NO.
893101000
WHITE
893102000
BLACK
893103000
RED
893109000
GRAY
85X1T, 8532T1,
8533T, 8534T1 models only
Material: Nylon
Finish: Gloss
PART NO.
448901000
WHITE
448902000
BLACK
448903000
RED
448909000
GRAY
Material: Nylon
Finish: Gloss or matte
PART NO.
613302263
BLACK
Material: Nylon
Finish: Matte
8531, 8533, 8551
0.500
8532, 8534, 8552
0.438
DIM “X”
MODEL NO.
Other colors available, consult Customer Service Center.
A
NOTE: Available with M or S plunger models only
YES
YES
YES
YES
YES
YES
RoHS
COMPLIANT *
RoHS
COMPATIBLE *
RATINGS
TERMINAL
PLATING
CONTACT
MATERIAL
OPTION
CODE
B
Q
G
GOLD 1
SILVER 4
GOLD OVER
SILVER 2
GOLD
SILVER 5
GOLD 3
LOW LEVEL/DRY
CIRCUIT OR POWER
POWER
LOW LEVEL/DRY CIRCUIT
0.4 VA MAX. @ 20 V AC OR DC MAX.
853X MODELS: 1 AMP @ 120 V AC OR 28 V DC.
855X MODELS: 3 AMPS @ 120 V AC OR 28 V DC.
0.4 V MAX @20 V AC OR DC MAX. OR 853X MODELS: 1 AMP @
120 V AC OR 28 V DC. 855X MODELS: 3 AMPS @120 V AC OR 28 V DC.


Similar Part No. - 8551T1ZBD1

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
8551 GILWAY-8551 Datasheet
33Kb / 1P
   T-1 Subminiature Lamps
logo
PHOENIX CONTACT
8551 PHOENIX-8551 Datasheet
299Kb / 18P
   AXL E ETH DI16 M12 6P
logo
Molex Electronics Ltd.
85510-5017 MOLEX9-85510-5017 Datasheet
124Kb / 3P
   Modular Jack, Vertical, SMT, 4/4, Solder Tabs
85510-5018 MOLEX9-85510-5018 Datasheet
124Kb / 3P
   Modular Jack, Vertical, SMT, 6/4, Solder Tabs
85510-5019 MOLEX9-85510-5019 Datasheet
124Kb / 3P
   Modular Jack, Vertical, SMT, 6/6, Solder Tabs
More results

Similar Description - 8551T1ZBD1

ManufacturerPart #DatasheetDescription
logo
C&K Components
KM1202A05BE CK-COMPONENTS-KM1202A05BE Datasheet
200Kb / 4P
   Subminiature Pushbutton Switches
KM11 CK-COMPONENTS-KM11 Datasheet
239Kb / 4P
   Subminiature Pushbutton Switches
logo
Copal Electronics
AP_SERIES COPAL-AP_SERIES Datasheet
858Kb / 5P
   Subminiature Pushbutton Switches
logo
C&K Components
8500 CK-COMPONENTS-8500_V01 Datasheet
784Kb / 5P
   Subminiature Pushbutton Switches
KM CK-COMPONENTS-KM Datasheet
464Kb / 4P
   Subminiature Pushbutton Switches
8 Aug 22
logo
ITT Industries
KM1202A05B ITT-KM1202A05B Datasheet
234Kb / 4P
   Subminiature Pushbutton Switches
logo
C&K Components
8500 CK-COMPONENTS-8500 Datasheet
342Kb / 5P
   Subminiature Pushbutton Switches
logo
Copal Electronics
APE COPAL-APE Datasheet
407Kb / 4P
   Subminiature Pushbutton Switches
logo
Grayhill, Inc
38GWSP8M7RT GRAYHILL-38GWSP8M7RT Datasheet
379Kb / 4P
   Sealed Subminiature Pushbutton Switches
logo
GREATECS
HB15SKW01-5C-CB GREATECS-HB15SKW01-5C-CB Datasheet
150Kb / 2P
   Illuminated Subminiature Pushbutton Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com