Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA-BADXBE-FREQ Datasheet(PDF) 1 Page - Nel Frequency Controls,inc

Part # AA-BADXBE-FREQ
Description  LVDS TCXO/TCVCXO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

AA-BADXBE-FREQ Datasheet(HTML) 1 Page - Nel Frequency Controls,inc

  AA-BADXBE-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc AA-BADXBE-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc AA-BADXBE-FREQ Datasheet HTML 3Page - Nel Frequency Controls,inc AA-BADXBE-FREQ Datasheet HTML 4Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CRYSTAL OSCILLATORS
Rev. B
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
Data Sheet 0637B
LVDS TCXO/TCVCXO
AA-XADXXX Series
Description
The AA-XADXXX Series of quartz crystal oscillators provide excellent temperature stability with
LVDS complementary outputs. The device is packaged in a miniature, low profile leadless FR4
based package with gold plated pads, which enhances compatibility with PCB material.
Creating a Part Number
AA - X AD X X
X
-FREQ
Package code
AA – 6 pad 7.5x5x2 SMD
Operating Voltage
A 3.3 V ± 5%
B 2.5 V ± 5%
Temperature Range, ºC
A 0 to 50
B 0 to 70
C -20 to 70
D -40 to 85
9 customer specific
Temperature Stability, ppm
E ±1
F ±2
G ±2.5
9 customer specific
TCXO/TCVCXO Option
X
No V. Control
Y
w/V. Control


Similar Part No. - AA-BADXBE-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
AA-B29LL99-FREQ NEL-AA-B29LL99-FREQ Datasheet
207Kb / 3P
   LVPECL HF/UHF CLOCK (XO)
AA-B29LL9E-FREQ NEL-AA-B29LL9E-FREQ Datasheet
207Kb / 3P
   LVPECL HF/UHF CLOCK (XO)
AA-B29LL9F-FREQ NEL-AA-B29LL9F-FREQ Datasheet
207Kb / 3P
   LVPECL HF/UHF CLOCK (XO)
AA-B29LL9G-FREQ NEL-AA-B29LL9G-FREQ Datasheet
207Kb / 3P
   LVPECL HF/UHF CLOCK (XO)
AA-B29LL9H-FREQ NEL-AA-B29LL9H-FREQ Datasheet
207Kb / 3P
   LVPECL HF/UHF CLOCK (XO)
More results

Similar Description - AA-BADXBE-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
AA-XADXXX-X NEL-AA-XADXXX-X Datasheet
149Kb / 4P
   LVDS TCXO/TCVCXO
logo
List of Unclassifed Man...
CFPT-9025 ETC2-CFPT-9025 Datasheet
63Kb / 3P
   High Performance TCXO/TCVCXO
logo
CTS Corporation
574 CTS-574 Datasheet
194Kb / 5P
   Stratum 3 TCXO/TCVCXO
logo
MTRONPTI
M63001GBFPN MTRONPTI-M63001GBFPN Datasheet
624Kb / 3P
   5x7 mm, 1.8/2.5/3.3 V, LVPECL/LVDS/CML/CMOS, TCXO/TCVCXO
logo
TEMEX
RFPT700 TEMEX-RFPT700 Datasheet
308Kb / 6P
   SMD Low Acceleration Sensitivity TCXO / TCVCXO
logo
MTRONPTI
M6029 MTRONPTI-M6029 Datasheet
220Kb / 1P
   5x7 mm, 3.0 Volt, Clipped Sinewave, TCXO/TCVCXO
M6029_0611 MTRONPTI-M6029_0611 Datasheet
250Kb / 2P
   5x7 mm, 3.0 Volt, Clipped Sinewave, TCXO/TCVCXO
logo
Advanced Crystal Techno...
TDLV75 ACT-TDLV75 Datasheet
866Kb / 3P
   TCXO/VC‐TCXO, 7.0 x 5.0mm, LVDS output
25042016
logo
ILSI America LLC
I123 ILSI-I123 Datasheet
43Kb / 2P
   Leaded Oscillator, TCXO, TCVCXO Metal Package, Full Size DIP
I121 ILSI-I121 Datasheet
51Kb / 2P
   Leaded Oscillator, TCXO, TCVCXO Metal Package, Full Size DIP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com