Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8531T1ZQD1 Datasheet(PDF) 3 Page - ITT Industries

Part # 8531T1ZQD1
Description  Subminiature Pushbutton Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

8531T1ZQD1 Datasheet(HTML) 3 Page - ITT Industries

  8531T1ZQD1 Datasheet HTML 1Page - ITT Industries 8531T1ZQD1 Datasheet HTML 2Page - ITT Industries 8531T1ZQD1 Datasheet HTML 3Page - ITT Industries 8531T1ZQD1 Datasheet HTML 4Page - ITT Industries 8531T1ZQD1 Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
A–62
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
C&K 8500 Series
Subminiature Pushbutton Switches
PLUNGER
ACTUATOR
NOTE: LED snaps
securely into frame.
Height depends on
LED used.
PANEL MOUNTING
PANEL MOUNTING
ACTUATOR—SNAP-IN FRONT MOUNT
J82
SNAP-IN WITH FRAME FOR LED
J81 SNAP-IN WITH FRAME
T1 15/32 BUSHING WITH FRAME
T
15/32 BUSHING
S
.210" HIGH PLUNGER
M
.150" HIGH PLUNGER
LED not included.
For LED information, see page A-64.
Cap Finish: gloss. Other colors available,
consult Customer Service Center.
One mounting nut and lockwasher
supplied with all actuators (except T
actuator: two nuts supplied).
NOTE: Caps available for plunger
options, see page A-63.
NOTE: No frame color choice required.
NOTE: No frame color choice required.
Available with 8532 and 8534 models only.
NOTE: One mounting nut and lockwasher supplied with all actuators (except T actuator: two nuts supplied).
Cap and Frame Finish: matte.
Other colors available,
consult Customer Service Center.
One mounting nut and lockwasher
supplied with all actuators.
NOTE: Caps & frames available
separately, see pages A-63 and A-64.
2
BLACK
1
WHITE
3
RED
9
GRAY
CAP COLOR
OPTION
CODE
2
BLACK
3
RED
PLUNGER COLOR
OPTION
CODE
2
BLACK
CAP AND FRAME
COLOR
OPTION
CODE
ACTUATOR OR PLUNGER
PLUNGER COLOR
ACTUATOR OR PLUNGER
CAP COLOR
ACTUATOR OR PLUNGER
CAP COLOR
FRAME COLOR
A


Similar Part No. - 8531T1ZQD1

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8531 FILTRAN-8531 Datasheet
167Kb / 1P
   LAN 10/100 PC Card LAN Magnetics
logo
API Technologies Corp
8531 APITECH-8531 Datasheet
508Kb / 1P
   10/100 PC Card LAN Magnetics
logo
Integrated Device Techn...
8531-01 IDT-8531-01 Datasheet
269Kb / 18P
   Low Skew, 1-to-9, Different ial-to-3.3V LVPECL Fanout Buffer
logo
Renesas Technology Corp
8531-01 RENESAS-8531-01 Datasheet
411Kb / 19P
   Low Skew, 1-to-9, Differential-to- 3.3V LVPECL Fanout Buffer
January 19, 2016
logo
Integrated Device Techn...
85310AYI-01LF IDT-85310AYI-01LF Datasheet
281Kb / 18P
   Low Skew, 1-to-10 Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
More results

Similar Description - 8531T1ZQD1

ManufacturerPart #DatasheetDescription
logo
C&K Components
KM1202A05BE CK-COMPONENTS-KM1202A05BE Datasheet
200Kb / 4P
   Subminiature Pushbutton Switches
KM11 CK-COMPONENTS-KM11 Datasheet
239Kb / 4P
   Subminiature Pushbutton Switches
logo
Copal Electronics
AP_SERIES COPAL-AP_SERIES Datasheet
858Kb / 5P
   Subminiature Pushbutton Switches
logo
C&K Components
8500 CK-COMPONENTS-8500_V01 Datasheet
784Kb / 5P
   Subminiature Pushbutton Switches
KM CK-COMPONENTS-KM Datasheet
464Kb / 4P
   Subminiature Pushbutton Switches
8 Aug 22
logo
ITT Industries
KM1202A05B ITT-KM1202A05B Datasheet
234Kb / 4P
   Subminiature Pushbutton Switches
logo
C&K Components
8500 CK-COMPONENTS-8500 Datasheet
342Kb / 5P
   Subminiature Pushbutton Switches
logo
Copal Electronics
APE COPAL-APE Datasheet
407Kb / 4P
   Subminiature Pushbutton Switches
logo
Grayhill, Inc
38GWSP8M7RT GRAYHILL-38GWSP8M7RT Datasheet
379Kb / 4P
   Sealed Subminiature Pushbutton Switches
logo
GREATECS
HB15SKW01-5C-CB GREATECS-HB15SKW01-5C-CB Datasheet
150Kb / 2P
   Illuminated Subminiature Pushbutton Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com