Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

357109002 Datasheet(PDF) 7 Page - ITT Industries

Part # 357109002
Description  Thumbwheel Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

357109002 Datasheet(HTML) 7 Page - ITT Industries

  357109002 Datasheet HTML 1Page - ITT Industries 357109002 Datasheet HTML 2Page - ITT Industries 357109002 Datasheet HTML 3Page - ITT Industries 357109002 Datasheet HTML 4Page - ITT Industries 357109002 Datasheet HTML 5Page - ITT Industries 357109002 Datasheet HTML 6Page - ITT Industries 357109002 Datasheet HTML 7Page - ITT Industries 357109002 Datasheet HTML 8Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
N–14
N
C&K 3 Series
Thumbwheel Switches
AVAILABLE HARDWARE
PART NO.
605A00000 PC
605A02000 SOLDER LUG
Fits 0 & 1 terminations only.
Terminal connector
PART NO.
403500000
Nut
Two nuts required per assembly and screws.
Screws for field assembly of thumbwheel switches
(2 screws needed per assembly + 403500000 nuts)
605A00000
605A02000
PART NO.
406100652
Nut driver (For 403500000 nut)
1–2
1–2
3–4
3
5–7
4–6
412700000
412701000
412702000
NUMBER OF SECTIONS IN ASSEMBLY
FRONT MOUNTING
REAR MOUNTING
MTG. STYLE – 00
MTG. STYLE – 10
SCREW PART NUMBER
(0-80 UNF THD. SIZE)
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com


Similar Part No. - 357109002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3571 ETC2-3571 Datasheet
1Mb / 16P
   Drywall Punch
logo
Molex Electronics Ltd.
35711-0200 MOLEX5-35711-0200 Datasheet
69Kb / 2P
   2.79mm (.110") Slip-In Tab, Quick Disconnect, 0.50mm (.020") Tab Thickness, Wire Range 16-20 AWG (1.31-0.52mm짼), Unplated
35711-0210 MOLEX5-35711-0210 Datasheet
69Kb / 2P
   2.79mm (.110") Slip-In Tab, Quick Disconnect, 0.50mm (.020") Tab Thickness, Wire Range 16-20 AWG (1.31-0.52mm짼), Post-Tin Plated
35711-0410 MOLEX5-35711-0410 Datasheet
71Kb / 2P
   2.79mm (.110") Slip-On Tab, Quick Disconnect, 0.50mm (.020") Tab Thickness, Wire Range 16-20 AWG (1.31-0.52mm짼), Post-Tin Plated
35711-0600 MOLEX5-35711-0600 Datasheet
99Kb / 2P
   2.79mm (.110") Slip-In Receptacle, Quick Disconnect, 0.50mm (.020") Tab Thickness, Wire Range 20-22 AWG (0.52-0.33mm짼), Unplated
More results

Similar Description - 357109002

ManufacturerPart #DatasheetDescription
logo
C&K Components
301100000 CK-COMPONENTS-301100000 Datasheet
387Kb / 8P
   Thumbwheel Switches
3 CK-COMPONENTS-3 Datasheet
1Mb / 8P
   Thumbwheel Switches
2020
302719P02 CK-COMPONENTS-302719P02 Datasheet
381Kb / 8P
   3 Series Thumbwheel Switches
logo
Omron Electronics LLC
A7MD OMRON-A7MD Datasheet
466Kb / 4P
   Ultra-small Thumbwheel-operated Switches
A7MA OMRON-A7MA Datasheet
109Kb / 5P
   Thumbwheel Switch
logo
List of Unclassifed Man...
A7CN ETC-A7CN Datasheet
101Kb / 5P
   Thumbwheel Switch
logo
Omron Electronics LLC
A7AS OMRON-A7AS Datasheet
77Kb / 4P
   Thumbwheel Switch
A7P-M OMRON-A7P-M Datasheet
1Mb / 25P
   Thumbwheel Switch
logo
Grayhill, Inc
62T22-N0-040C GRAYHILL-62T22-N0-040C Datasheet
258Kb / 2P
   Thumbwheel with Pushbutton
logo
Omron Electronics LLC
A7CN OMRON-A7CN Datasheet
493Kb / 6P
   Thumbwheel Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com