Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8551J82ZBE1 Datasheet(PDF) 1 Page - ITT Industries

Part # 8551J82ZBE1
Description  Subminiature Pushbutton Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

8551J82ZBE1 Datasheet(HTML) 1 Page - ITT Industries

  8551J82ZBE1 Datasheet HTML 1Page - ITT Industries 8551J82ZBE1 Datasheet HTML 2Page - ITT Industries 8551J82ZBE1 Datasheet HTML 3Page - ITT Industries 8551J82ZBE1 Datasheet HTML 4Page - ITT Industries 8551J82ZBE1 Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
A–60
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
C&K 8500 Series
Subminiature Pushbutton Switches
Features/Benefits
Pre-travel or over-travel models
available
Ratings up to 3 AMPS
Reliable contact design
RoHS compliant
Typical Applications
Detection
Telecommunications and
networking equipment
Computers and peripherals
Specifications
CONTACT RATING: Q contact material (853X Models): 1 AMP @
120 V AC or 28 V DC; (855X Models): 3 AMPS @ 120 V AC or
28 V DC. See page A-63 for additional ratings.
ELECTRICAL LIFE:
853X MODELS: 250,000 actuations at full load.
855X MODELS: 10,000 actuations at full load.
CONTACT RESISTANCE: Below 30 m
Ω typ. initial @
2-4 V DC, 100 mA, for both silver and gold plated contacts.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level.
OPERATING TEMPERATURE: –30ºC to 65ºC.
NOTE: Any models supplied with Q, B or G contact material are RoHS compliant. For the
latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Materials
CASE: Glass filled phenolic or diallyl phthalate (DAP) (UL 94V-0).
PLUNGER: Phenolic or glass filled polyester, black standard(UL94V-0).
CAP & FRAME: Nylon, black, standard.
BUSHING: Brass, nickel plated.
CONTACTS: Q contact material: Coin silver, silver plated. See page
A-63 for additional contact materials.
TERMINALS: Q contact material: Copper alloy, silver plated. See page
A-63 for additional contact materials.
TERMINAL SEAL: Epoxy.
HARDWARE: Nut: Brass, nickel plated; Lockwasher: Steel, bright
nickel plated.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown
and described on pages A-61 thru A-64. For additional options not shown in catalog, consult Customer Service Center. All
models have epoxy terminal seal and are compatible with all “bottom-wash” PCB cleaning methods.
Switch Function
8531 SPST Off-Mom. 1 Amp
8532 SPST Off-Mom. 1 Amp
8533 SPST On-Mom. 1 Amp
8534 SPST On-Mom. 1 Amp
8551 SPST Off-Mom. 3 Amps
8552 SPST Off-Mom. 3 Amps
Actuator or Plunger
M
.150" high
J81 Snap-in with frame
J82 Snap-in with frame for LED
S
.210" high
T
15/32 bushing
T1
15/32 bushing with frame
(8532 and 8534 only)
Contact Material
Q Silver
B Gold
G Gold over silver
Seal
E Epoxy
D No epoxy seal
Cap or Plunger Color
2 Black
1 White
3 Red
9 Gray
Frame Color
2 Black
NONE Models without frame
Models Available
Terminations
Z
Solder lug
AV Right angle, PC thru-hole
C
PC Thru-hole
A


Similar Part No. - 8551J82ZBE1

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
8551 GILWAY-8551 Datasheet
33Kb / 1P
   T-1 Subminiature Lamps
logo
PHOENIX CONTACT
8551 PHOENIX-8551 Datasheet
299Kb / 18P
   AXL E ETH DI16 M12 6P
logo
Molex Electronics Ltd.
85510-5017 MOLEX9-85510-5017 Datasheet
124Kb / 3P
   Modular Jack, Vertical, SMT, 4/4, Solder Tabs
85510-5018 MOLEX9-85510-5018 Datasheet
124Kb / 3P
   Modular Jack, Vertical, SMT, 6/4, Solder Tabs
85510-5019 MOLEX9-85510-5019 Datasheet
124Kb / 3P
   Modular Jack, Vertical, SMT, 6/6, Solder Tabs
More results

Similar Description - 8551J82ZBE1

ManufacturerPart #DatasheetDescription
logo
C&K Components
KM1202A05BE CK-COMPONENTS-KM1202A05BE Datasheet
200Kb / 4P
   Subminiature Pushbutton Switches
KM11 CK-COMPONENTS-KM11 Datasheet
239Kb / 4P
   Subminiature Pushbutton Switches
logo
Copal Electronics
AP_SERIES COPAL-AP_SERIES Datasheet
858Kb / 5P
   Subminiature Pushbutton Switches
logo
C&K Components
8500 CK-COMPONENTS-8500_V01 Datasheet
784Kb / 5P
   Subminiature Pushbutton Switches
KM CK-COMPONENTS-KM Datasheet
464Kb / 4P
   Subminiature Pushbutton Switches
8 Aug 22
logo
ITT Industries
KM1202A05B ITT-KM1202A05B Datasheet
234Kb / 4P
   Subminiature Pushbutton Switches
logo
C&K Components
8500 CK-COMPONENTS-8500 Datasheet
342Kb / 5P
   Subminiature Pushbutton Switches
logo
Copal Electronics
APE COPAL-APE Datasheet
407Kb / 4P
   Subminiature Pushbutton Switches
logo
Grayhill, Inc
38GWSP8M7RT GRAYHILL-38GWSP8M7RT Datasheet
379Kb / 4P
   Sealed Subminiature Pushbutton Switches
logo
GREATECS
HB15SKW01-5C-CB GREATECS-HB15SKW01-5C-CB Datasheet
150Kb / 2P
   Illuminated Subminiature Pushbutton Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com