Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF245B Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BF245B
Description  N-channel silicon field-effect transistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF245B Datasheet(HTML) 2 Page - NXP Semiconductors

  BF245B Datasheet HTML 1Page - NXP Semiconductors BF245B Datasheet HTML 2Page - NXP Semiconductors BF245B Datasheet HTML 3Page - NXP Semiconductors BF245B Datasheet HTML 4Page - NXP Semiconductors BF245B Datasheet HTML 5Page - NXP Semiconductors BF245B Datasheet HTML 6Page - NXP Semiconductors BF245B Datasheet HTML 7Page - NXP Semiconductors BF245B Datasheet HTML 8Page - NXP Semiconductors BF245B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1996 Jul 30
2
Philips Semiconductors
Product specification
N-channel silicon field-effect transistors
BF245A; BF245B; BF245C
FEATURES
• Interchangeability of drain and source connections
• Frequencies up to 700 MHz.
APPLICATIONS
• LF, HF and DC amplifiers.
DESCRIPTION
General purpose N-channel symmetrical junction
field-effect transistors in a plastic TO-92 variant package.
CAUTION
The device is supplied in an antistatic package. The
gate-source input must be protected against static
discharge during transport or handling.
PINNING
PIN
SYMBOL
DESCRIPTION
1
d
drain
2
s
source
3
g
gate
Fig.1
Simplified outline (TO-92 variant)
and symbol.
handbook, halfpage
1
3
2
MAM257
s
d
g
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDS
drain-source voltage
−−±30
V
VGSoff
gate-source cut-off voltage
ID = 10 nA; VDS =15V
−0.25
−−8V
VGSO
gate-source voltage
open drain
−−−30
V
IDSS
drain current
VDS = 15 V; VGS =0
BF245A
2
6.5
mA
BF245B
6
15
mA
BF245C
12
25
mA
Ptot
total power dissipation
Tamb =75 °C
−−
300
mW
yfs
forward transfer admittance
VDS = 15 V; VGS =0;
f = 1 kHz; Tamb =25 °C
3
6.5
mS
Crs
reverse transfer capacitance
VDS = 20 V; VGS = −1V;
f = 1 MHz; Tamb =25 °C
1.1
pF


Similar Part No. - BF245B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF245B SIEMENS-BF245B Datasheet
178Kb / 7P
   N-Channel junction field-Effect Transistors
logo
Fairchild Semiconductor
BF245B FAIRCHILD-BF245B Datasheet
22Kb / 3P
   N-Channel Amplifiers
logo
National Semiconductor ...
BF245B NSC-BF245B Datasheet
120Kb / 2P
   JFET PRO ELECTRON SERIES
logo
ON Semiconductor
BF245B ONSEMI-BF245B Datasheet
172Kb / 8P
   JFET VHF/UHF Amplifiers N-Channel - Depletion
June, 2001 ??Rev. 0
logo
New Jersey Semi-Conduct...
BF245B NJSEMI-BF245B Datasheet
51Kb / 1P
   IM-Channel Junction Field-Effect Transistors
More results

Similar Description - BF245B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC264A PHILIPS-BC264A Datasheet
294Kb / 6P
   N-CHANNEL SILICON FIELD-EFFECT TRANSISTORS
December 1990
BF510 PHILIPS-BF510 Datasheet
37Kb / 7P
   N-channel silicon field-effect transistors
December 1997
logo
New Jersey Semi-Conduct...
J111 NJSEMI-J111 Datasheet
454Kb / 2P
   N-channel silicon field-effect transistors
logo
NXP Semiconductors
BF245A NXP-BF245A Datasheet
307Kb / 13P
   N-channel silicon field-effect transistors
1996 Jul 30
PMBFJ308 PHILIPS-PMBFJ308 Datasheet
98Kb / 12P
   N-channel silicon field-effect transistors
1996 Sep 11
logo
Quanzhou Jinmei Electro...
BF245A JMNIC-BF245A_15 Datasheet
73Kb / 11P
   N-channel silicon field-effect transistors
logo
NXP Semiconductors
PN4391 PHILIPS-PN4391 Datasheet
36Kb / 6P
   N-channel silicon field-effect transistors
April 1989
J111 PHILIPS-J111 Datasheet
35Kb / 6P
   N-channel silicon field-effect transistors
July 1993
BF410A PHILIPS-BF410A Datasheet
36Kb / 6P
   N-channel silicon field-effect transistors
December 1990
logo
Quanzhou Jinmei Electro...
BF245A_2015 JMNIC-BF245A_2015 Datasheet
73Kb / 11P
   N-channel silicon field-effect transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com