Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH-B3209-FREQ Datasheet(PDF) 1 Page - Nel Frequency Controls,inc

Part # SH-B3209-FREQ
Description  VCXO Series (CMOS)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

SH-B3209-FREQ Datasheet(HTML) 1 Page - Nel Frequency Controls,inc

  SH-B3209-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc SH-B3209-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
VCXO Series (CMOS)
SH-A3200 Series
PRELIMINARY
Description
The SH-A3200 Series of voltage controlled quartz crystal oscillators provide frequency control by applying
a voltage to Pin 1. This unit supplies a CMOS compatible output which are enabled when Pin 2 is set to a
logic high or left open.
Features
• Wide frequency range 60.0MHz to 160.0MHz
• Will withstand vapor phase temperatures of 253°C
for 4 minutes maximum
• Space-saving alternative to discrete component
oscillators
• High shock resistance, to 1000g
• 3.3 or 2.5 volt operation
• Metal lid electrically connected to ground to
reduce EMI
• Low Jitter - Wavecrest jitter characterization
available
• High Reliability - NEL HALT/HASS qualified for
crystal oscillator start-up conditions
• High Q Crystal actively tuned oscillator circuit
• Power supply decoupling internal
• No internal PLL avoids cascading PLL problems
• High frequencies due to proprietary design
• Gold plated pads
• RoHS Compliant, Lead Free Construction
Electrical Connection
Pad
Connection
1
V
CO
2
Enable
3
Ground
4
Output
5
NC
6
V
DD
CRYSTAL CLOCK OSCILLATORS
Data Sheet 0541A
Rev. -


Similar Part No. - SH-B3209-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SH-B1480 NEL-SH-B1480 Datasheet
302Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SH-B1480-FREQ NEL-SH-B1480-FREQ Datasheet
302Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SH-B1481-FREQ NEL-SH-B1481-FREQ Datasheet
302Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SH-B1487-FREQ NEL-SH-B1487-FREQ Datasheet
302Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SH-B1489-FREQ NEL-SH-B1489-FREQ Datasheet
302Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
More results

Similar Description - SH-B3209-FREQ

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
KVC7050 AITSEMI-KVC7050 Datasheet
251Kb / 1P
   SMD CMOS VCXO
KVC5032 AITSEMI-KVC5032 Datasheet
249Kb / 1P
   SMD CMOS VCXO
KVCM AITSEMI-KVCM Datasheet
239Kb / 1P
   SMD CMOS VCXO
logo
Nel Frequency Controls,...
SU-X32AXXX NEL-SU-X32AXXX Datasheet
139Kb / 3P
   CMOS/LVCMOS HF VCXO
logo
Connor-Winfield Corpora...
HV52-600 CONNOR-WINFIELD-HV52-600 Datasheet
81Kb / 2P
   HIGH SPEED CMOS VCXO
logo
Pletronics, Inc.
VHA6029036AA PLETRONICS-VHA6029036AA Datasheet
188Kb / 8P
   3.3V VCXO CMOS Oscillator
VHD6031035AA PLETRONICS-VHD6031035AA Datasheet
143Kb / 7P
   3.3V VCXO CMOS Oscillator
logo
Nel Frequency Controls,...
AB-X32AXXX-X NEL-AB-X32AXXX-X Datasheet
159Kb / 3P
   CMOS/LVCMOS HF VCXO
logo
QUARTZCOM the communica...
VXO-6S-4P QUARTZCOM-VXO-6S-4P Datasheet
119Kb / 1P
   Miniature packaged SMD VCXO CMOS
logo
Pericom Semiconductor C...
FRSONT019 PERICOM-FRSONT019 Datasheet
895Kb / 2P
   3.3V CMOS 19.44MHz SONET VCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com