Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-A29H0-FREQ Datasheet(PDF) 1 Page - Nel Frequency Controls,inc

Part # SD-A29H0-FREQ
Description  Differential Positive ECL (DPECL) Fast Edge
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

SD-A29H0-FREQ Datasheet(HTML) 1 Page - Nel Frequency Controls,inc

  SD-A29H0-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc SD-A29H0-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
Differential Positive ECL (DPECL)
Fast Edge
SD-A29H0 Series
Description
The SD-A29H0 Series of quartz crystal oscillators provide DPECL compatible signals. Systems designers
may now specify space-saving, cost-effective packaged PECL oscillators to meet their timing requirements.
Features
• Wide frequency range – 60.0MHz to 312.500MHz
• User specified tolerance available
• Will withstand SMD reflow temperatures of 253°C
for 4 minutes maximum
• Space-saving alternative to discrete component
oscillators
• High shock resistance, to 1000g
• 3.3 volt operation
• High Reliability - NEL HALT/HASS qualified for
crystal oscillator start-up conditions
• Wavecrest jitter characterization available
• Overtone technology
• High Q Crystal actively tuned oscillator circuit
• No internal PLL avoids cascading PLL problems
• Power supply decoupling internal
• Metal lid electrically connected to ground to
reduce EMI
• Gold plated pads
• RoHS Compliant, Lead Free Construction
• Ideal for Tachyon DX4 & other fast edge
applications
Electrical Connection
Pin
Connection
1
Enable/Disable
2
N.C.
3
V
EE /Ground
4
Output
5
/Output
6
V
CC
CRYSTAL CLOCK OSCILLATORS
Data Sheet 0528A
Rev. B


Similar Part No. - SD-A29H0-FREQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD-A2920 ETC-SD-A2920 Datasheet
180Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SD-A2920-FREQ ETC-SD-A2920-FREQ Datasheet
180Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SD-A2921 ETC-SD-A2921 Datasheet
180Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SD-A2921-FREQ ETC-SD-A2921-FREQ Datasheet
180Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SD-A2927 ETC-SD-A2927 Datasheet
180Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
More results

Similar Description - SD-A29H0-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HS-2920 NEL-HS-2920 Datasheet
261Kb / 2P
   Differential Positive ECL (DPECL) Fast Edge
HS-A2920 NEL-HS-A2920 Datasheet
262Kb / 2P
   Differential Positive ECL (DPECL) Fast Edge
PJ-B2980 NEL-PJ-B2980_10 Datasheet
160Kb / 3P
   Differential Positive ECL (DPECL) Fast Edge
PJ-A2980 NEL-PJ-A2980_10 Datasheet
160Kb / 3P
   Differential Positive ECL (DPECL) Fast Edge
HS-2920 NEL-HS-2920_10 Datasheet
62Kb / 2P
   Differential Positive ECL (DPECL) Fast Edge
HS-A2920 NEL-HS-A2920_10 Datasheet
62Kb / 2P
   Differential Positive ECL (DPECL) Fast Edge
SJ-A2920 NEL-SJ-A2920_10 Datasheet
105Kb / 3P
   Differential Positive ECL (DPECL) Fast Edge
SJ-A2920 NEL-SJ-A2920 Datasheet
353Kb / 2P
   Differential Positive ECL (DPECL) Fast Edge
HA-2870 NEL-HA-2870_10 Datasheet
65Kb / 2P
   Differential Positive ECL (DPECL)
SK-A29B0 NEL-SK-A29B0_10 Datasheet
89Kb / 3P
   Differential Positive ECL (DPECL)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com