Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH-A148B-FREQ Datasheet(PDF) 1 Page - Nel Frequency Controls,inc

Part # SH-A148B-FREQ
Description  CRYSTAL CLOCK OSCILLATORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

SH-A148B-FREQ Datasheet(HTML) 1 Page - Nel Frequency Controls,inc

  SH-A148B-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc SH-A148B-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
LVCMOS
SH-B1480 Series
Description
The SH-B1480 Series of quartz crystal oscillators provide enable/disable 3-state LVCMOS compatible
signals for bus connected systems. Supplying Pin 1 of the SH-B1480 units with a logic “1" or open enables
its Pin 4 output. In the disable mode, Pin 4 presents a high impedance to the load.
Features
• Wide frequency range–150.0MHz to 280.0MHz
(Contact factory for other frequencies)
• User specified tolerance available
• Will withstand SMD reflow temperatures of 253°C
for 4 minutes maximum
• Space-saving alternative to discrete component
oscillators
• 2.5 Volt operation
• High shock resistance, to 1000g
• Low Jitter - Wavecrest jitter characterization
available
• High Reliability - NEL HALT/HASS qualified for
crystal oscillator start-up conditions
• High Q Crystal actively tuned oscillator circuit
• Power supply decoupling internal
• No internal PLL avoids cascading PLL problems
• High frequencies due to proprietary design
• Metal lid electrically connected to ground to
reduce EMI
• Gold plated pads
• RoHS Compliant, Lead Free Construction
Electrical Connection
Pin
Connection
1
Enable/Disable
2
NC
3
Ground
4
Output
5
NC
6
V
DD
CRYSTAL CLOCK OSCILLATORS
Data Sheet 0514E
Rev. A


Similar Part No. - SH-A148B-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SH-A3200 NEL-SH-A3200 Datasheet
179Kb / 2P
   VCXO Series (CMOS)
SH-A3200-FREQ NEL-SH-A3200-FREQ Datasheet
179Kb / 2P
   VCXO Series (CMOS)
SH-A3201-FREQ NEL-SH-A3201-FREQ Datasheet
179Kb / 2P
   VCXO Series (CMOS)
SH-A3209-FREQ NEL-SH-A3209-FREQ Datasheet
179Kb / 2P
   VCXO Series (CMOS)
SH-A320B-FREQ NEL-SH-A320B-FREQ Datasheet
179Kb / 2P
   VCXO Series (CMOS)
More results

Similar Description - SH-A148B-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HS-600 NEL-HS-600 Datasheet
297Kb / 2P
   Crystal Clock Oscillators
logo
List of Unclassifed Man...
HS-2870 ETC1-HS-2870 Datasheet
362Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SC-A1440 ETC1-SC-A1440 Datasheet
278Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
logo
Nel Frequency Controls,...
SD-B2980 NEL-SD-B2980 Datasheet
50Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SJ-160 NEL-SJ-160 Datasheet
258Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SJ-B2870 NEL-SJ-B2870 Datasheet
381Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SK-A2D00 NEL-SK-A2D00 Datasheet
255Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
logo
Wolfgang Knap
22SMOP WK-22SMOP Datasheet
98Kb / 1P
   Crystal Clock Oscillators
32SMOP WK-32SMOP Datasheet
100Kb / 1P
   Crystal Clock Oscillators
logo
List of Unclassifed Man...
SJ460 ETC-SJ460 Datasheet
256Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SC-A1420 ETC1-SC-A1420 Datasheet
41Kb / 2P
   Crystal Clock Oscillators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com