Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH-A3681-FREQ Datasheet(PDF) 1 Page - Nel Frequency Controls,inc

Part # SH-A3681-FREQ
Description  Frequency Range: 60.0 MHz to 200.0 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

SH-A3681-FREQ Datasheet(HTML) 1 Page - Nel Frequency Controls,inc

  SH-A3681-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc SH-A3681-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A.
Phone: 262-763-3591 Fax: 262-763-2881 Email: nelsales@nelfc.com www.nelfc.com
SH-A368X
Series
Size, Low Profile, mm
5 x 7 x 1.45
I/O
6 pad
Supply Voltage
3.3V
Features
• Frequency range–60.0MHz to 200.0MHz
• Wide Absolute Pull Range
• Will withstand SMD reflow temperatures
of 253°C for 4 minutes maximum
• Space-saving alternative to discrete
component oscillators
• High shock resistance, to 1000g
• 3.3 volt operation
• Metal lid electrically connected to ground
to reduce EMI
• Low Jitter - Wavecrest jitter characterization
available
• High Reliability - NEL HALT/HASS
qualified for crystal oscillator start-up
conditions
• High Q Crystal actively tuned oscillator
circuit
• Power supply decoupling internal
• No internal PLL avoids cascading
PLL problems
• High frequencies due to proprietary design
• Gold plated pads
• RoHS Compliant, Lead Free Construction
VCXO Series (PECL)
SH-A368X Series Rev B
Frequency Range: 60.0 MHz to 200.0 MHz
Creating a Part Number
SH - A368X - FREQ
Package Code
SH
6 pad 5x7mm SMD
Input Voltage
Code
Specification
A
3.3 V
APR/Performance
1 ±50 ppm 0-70°C
9 Customer Specific
B ±50 ppm -40 to +85°C
Drawing Specifications
Description
The SH-A368X Series of voltage controlled quartz crystal oscillators provide frequency
control by applying a voltage to Pin 1. This unit supplies DPECL compatible outputs which are
enabled when Pin 2 is set to a logic low or left open.
Dimension shown in mm and (inches).
Electrical Connections
Pin
Connection
1
VCO
2
Enable
3
VEE
4
Output
5
Output Complement
6
VCC
For the most up to date
specifications on each NEL
product, log on to our
website—www.nelfc.com
D3


Similar Part No. - SH-A3681-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SH-A3200 NEL-SH-A3200 Datasheet
179Kb / 2P
   VCXO Series (CMOS)
SH-A3200-FREQ NEL-SH-A3200-FREQ Datasheet
179Kb / 2P
   VCXO Series (CMOS)
SH-A3201-FREQ NEL-SH-A3201-FREQ Datasheet
179Kb / 2P
   VCXO Series (CMOS)
SH-A3209-FREQ NEL-SH-A3209-FREQ Datasheet
179Kb / 2P
   VCXO Series (CMOS)
SH-A320B-FREQ NEL-SH-A320B-FREQ Datasheet
179Kb / 2P
   VCXO Series (CMOS)
More results

Similar Description - SH-A3681-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SD-A3670 NEL-SD-A3670 Datasheet
210Kb / 2P
   Frequency Range: 70.0 MHz to 200.0 MHz
logo
Vectron International, ...
MQF60-0-0400-02 VECTRON-MQF60-0-0400-02 Datasheet
33Kb / 1P
   Nominal centre frequency fo: 60.0 MHz
logo
Pasternack Enterprises,...
PE15A9001 PASTERNACK-PE15A9001 Datasheet
419Kb / 5P
   50 MHz to 1000 MHz Frequency Range
logo
Nel Frequency Controls,...
PJ-0A20X NEL-PJ-0A20X Datasheet
184Kb / 2P
   Frequency Range: 10.0 MHz to 52.0 MHz
logo
Pasternack Enterprises,...
PE15B5002 PASTERNACK-PE15B5002 Datasheet
579Kb / 7P
   30 MHz to 3000 MHz Frequency Range
logo
Nel Frequency Controls,...
SJ-A1440 NEL-SJ-A1440 Datasheet
290Kb / 2P
   Frequency Range: 10.0 MHz to 250.0 MHz
SK-A2910 NEL-SK-A2910 Datasheet
336Kb / 2P
   Frequency Range: 100.0 MHz to 320.0 MHz
SC-B1420 NEL-SC-B1420 Datasheet
206Kb / 2P
   Frequency Range: 1.0 MHz to 80.0 MHz
SJ-A1420 NEL-SJ-A1420 Datasheet
291Kb / 2P
   Frequency Range: 1.0 MHz to 80.0 MHz
logo
Integrated Technology F...
260911B ITF-260911B Datasheet
160Kb / 2P
   200.0 MHz SAW Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com