Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU-A369X Datasheet(PDF) 1 Page - Nel Frequency Controls,inc

Part # SU-A369X
Description  CRYSTAL CLOCK OSCILLATORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

SU-A369X Datasheet(HTML) 1 Page - Nel Frequency Controls,inc

  SU-A369X Datasheet HTML 1Page - Nel Frequency Controls,inc SU-A369X Datasheet HTML 2Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
VCXO Series (PECL)
SU-A369X Series
PATENT PENDING
Description
The SU-A369X Series of voltage controlled quartz crystal oscillators provide frequency control by applying
a voltage to Pin 1. This unit supplies DPECL compatible outputs which are enabled when Pin 2 is set to a
logic low or left open.
Features
• Frequency range–300.0MHz to 1.500GHz
• Wide Absolute Pull Range
• Will withstand SMD reflow temperatures of 183°C
for 4 minutes maximum
• Space-saving alternative to discrete component
oscillators
• High shock resistance, to 1000g
• 3.3 volt operation
• Low Jitter - Wavecrest jitter characterization
available
• High Reliability - NEL HALT/HASS qualified for
crystal oscillator start-up conditions
• High Q Crystal actively tuned oscillator circuit
• Power supply decoupling internal
• No internal PLL avoids cascading PLL problems
• High frequencies due to proprietary design
• Gold plated pads
Electrical Connection
Pad
Connection
1
V
CO
2
Enable
3
V
EE
4
Output
5
Output Complement
6
V
CC
CRYSTAL CLOCK OSCILLATORS
Data Sheet 0515F
Rev. F


Similar Part No. - SU-A369X

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SU-A36CH99-FREQ NEL-SU-A36CH99-FREQ Datasheet
140Kb / 3P
   PECL/LVPECL HF VCXO
SU-A36CH9E-FREQ NEL-SU-A36CH9E-FREQ Datasheet
140Kb / 3P
   PECL/LVPECL HF VCXO
SU-A36CH9F-FREQ NEL-SU-A36CH9F-FREQ Datasheet
140Kb / 3P
   PECL/LVPECL HF VCXO
SU-A36CH9G-FREQ NEL-SU-A36CH9G-FREQ Datasheet
140Kb / 3P
   PECL/LVPECL HF VCXO
SU-A36CH9H-FREQ NEL-SU-A36CH9H-FREQ Datasheet
140Kb / 3P
   PECL/LVPECL HF VCXO
More results

Similar Description - SU-A369X

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HS-600 NEL-HS-600 Datasheet
297Kb / 2P
   Crystal Clock Oscillators
logo
List of Unclassifed Man...
HS-2870 ETC1-HS-2870 Datasheet
362Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SC-A1440 ETC1-SC-A1440 Datasheet
278Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
logo
Nel Frequency Controls,...
SD-B2980 NEL-SD-B2980 Datasheet
50Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SJ-160 NEL-SJ-160 Datasheet
258Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SJ-B2870 NEL-SJ-B2870 Datasheet
381Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SK-A2D00 NEL-SK-A2D00 Datasheet
255Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
logo
Wolfgang Knap
22SMOP WK-22SMOP Datasheet
98Kb / 1P
   Crystal Clock Oscillators
32SMOP WK-32SMOP Datasheet
100Kb / 1P
   Crystal Clock Oscillators
logo
List of Unclassifed Man...
SJ460 ETC-SJ460 Datasheet
256Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SC-A1420 ETC1-SC-A1420 Datasheet
41Kb / 2P
   Crystal Clock Oscillators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com