Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8161J80AV2PE22 Datasheet(PDF) 5 Page - ITT Industries

Part # 8161J80AV2PE22
Description  Alternate Action and Momentary Pushbutton Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

8161J80AV2PE22 Datasheet(HTML) 5 Page - ITT Industries

  8161J80AV2PE22 Datasheet HTML 1Page - ITT Industries 8161J80AV2PE22 Datasheet HTML 2Page - ITT Industries 8161J80AV2PE22 Datasheet HTML 3Page - ITT Industries 8161J80AV2PE22 Datasheet HTML 4Page - ITT Industries 8161J80AV2PE22 Datasheet HTML 5Page - ITT Industries 8161J80AV2PE22 Datasheet HTML 6Page - ITT Industries 8161J80AV2PE22 Datasheet HTML 7Page - ITT Industries 8161J80AV2PE22 Datasheet HTML 8Page - ITT Industries 8161J80AV2PE22 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
A–54
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
C&K 8060 Series
Alternate Action and Momentary Pushbutton Switches
TERMINATIONS
SECTION A-A
.130
(3,3)
.138
(3,51)
PC MOUNTING
PC MOUNTING
.750
(19,05)
A
RIGHT ANGLE, PC THRU-
HOLE
A3
RIGHT ANGLE, SNAP-IN, PC THRU-HOLE
W
WIRE WRAP
C
PC THRU-HOLE
Z3
QUICK CONNECT
Z
SOLDER LUG
SPDT and DPDT
SPDT and DPDT
SPDT and DPDT
SPDT and DPDT
8161SH9ABE2
SPDT
Not available with P, S, R, K, L, or M contact
material. Mating quick connector available;
order part number 530100000, page A-59.
Not available with P, S, R, K, L, or M contact material.
Not available with I seal.
Terminal bend radii and lead-in manufacturing option.
NOTE: PC pattern must clear switch support leg.
Third Angle
Projection
A


Similar Part No. - 8161J80AV2PE22

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8161 FILTRAN-8161 Datasheet
268Kb / 2P
   T1/CEPT Quad Port T1/E1
logo
List of Unclassifed Man...
8161 ETC1-8161 Datasheet
30Kb / 1P
   Diagonal cutters oval
logo
Hubbell Incorporated.
8161 HUBBELL-8161 Datasheet
365Kb / 1P
   Anchor, No Wrench, 8in x 66in Thimbleye
logo
Festo Corporation.
8161520 FESTO-8161520 Datasheet
94Kb / 1P
   Shock absorber
12/4/22
8161521 FESTO-8161521 Datasheet
95Kb / 1P
   Shock absorber
12/4/22
More results

Similar Description - 8161J80AV2PE22

ManufacturerPart #DatasheetDescription
logo
C&K Components
8060 CK-COMPONENTS-8060 Datasheet
726Kb / 10P
   Alternate Action and Momentary Pushbutton Switches
8060 CK-COMPONENTS-8060_V01 Datasheet
1Mb / 10P
   Alternate Action and Momentary Pushbutton Switches
2018
PN11SBNA03QE CK-COMPONENTS-PN11SBNA03QE Datasheet
314Kb / 3P
   Alternate & Momentary Action Pushbutton Switches
PN11 CK-COMPONENTS-PN11 Datasheet
306Kb / 3P
   Alternate & Momentary Action Pushbutton Switches
PN CK-COMPONENTS-PN Datasheet
560Kb / 3P
   Alternate & Momentary Action Pushbutton Switches
2022
logo
ITT Industries
PN11SBNA03QE ITT-PN11SBNA03QE Datasheet
430Kb / 3P
   Alternate & Momentary Action Pushbutton Switches
logo
List of Unclassifed Man...
7199K102 ETC2-7199K102 Datasheet
169Kb / 1P
   General Purpose Alternate and Momentary Pushbutton Switches - Ac/Dc Rated
PS1-100Q ETC2-PS1-100Q Datasheet
720Kb / 11P
   Sensitive Snap-Action Pushbutton Switches ??Solder and P.C. Terminals (Momentary Action)
PB-12331ZQ ETC2-PB-12331ZQ Datasheet
200Kb / 4P
   Standard Ordering Table . Pushbutton Switches . Panelmount Maintained and Momentary Action (SPDT)
PB-12333ZG ETC2-PB-12333ZG Datasheet
201Kb / 3P
   Standard Ordering Table ??Pushbutton Switches ??Panelmount Maintained and Momentary Action (SPDT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com