Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF622 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BF622
Description  The Small-signal NPN Silicon High Voltage Medium-Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BF622 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BF622 Datasheet HTML 1Page - List of Unclassifed Manufacturers BF622 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BF622
Ph./Fax: +7–816–2231736
PLANETA JSC, 2/13 Fedorovsky Ruchei, Veliky Novgorod, 173004, Russia
E-mail: planeta@novgorod.net
http://www.novgorod.net/~planeta
© August 2001 Rev 1
2
ELECTRICAL CHARACTERISTICS (T
A = 25 °C
unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
DC CHARACTERISTICS
Collector – Base Cutoff Current,
I
E=
0mA, V
CB=200V
I
CBO
10
nA
Emitter – Base Cutoff Current,
I
C=
0mA, V
EB=
5V
I
EBO
50
nA
Collector – Base Breakdown Voltage,
I
C=
10
µA, I
E=
0mA
V
(BR)CBO
250
V
Collector – Emitter Breakdown Voltage,
I
C=
1mA, I
B=
0mA
V
(BR)CEO
250
V
Emitter – Base Breakdown Voltage,
I
E=100µA,
I
C=
0mA
V
(BR)CEO
5
V
DC Current Gain,
I
C=
25mA, V
CE=
20V
h
FE
50
AC CHARACTERISTICS
Collector – Emitter Saturation Voltage,
I
C=
30mA, I
B=
5mA
V
CE(sat)
0.6
V
Base – Emitter Saturation Voltage,
I
C=
20mA, I
B=
2mA
V
BE(sat)
0.9
V
Collector – Base Capacitance,
I
E=
0mA, V
CB=
30V, f=1MHz
C
OB
1.6
pF
Current Gain – Bandwidth Product,
I
C=
10mA, V
CE=
10V
f
T
60
MHz
PACKAGE DIMENSIONS of BF622 in mm
B
4.5±0,1
1.9max
1.5
3.0
1.5±0.1
0.4
0.5±0.05
0.4±0.05
1
2
3
B
PLASTIC CASE KT-47


Similar Part No. - BF622

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF622 PHILIPS-BF622 Datasheet
40Kb / 8P
   NPN high-voltage transistors
1999 Apr 21
logo
Siemens Semiconductor G...
BF622 SIEMENS-BF622 Datasheet
129Kb / 4P
   NPN Silicon High-Voltage Transistor (Suitable for video output stages in TV sets High breakdown voltage Low collector-emitter saturation voltage)
logo
Guangdong Kexin Industr...
BF622 KEXIN-BF622 Datasheet
52Kb / 2P
   Silicon NPN epitaxial planer type
logo
NXP Semiconductors
BF622 NXP-BF622 Datasheet
131Kb / 10P
   NPN high-voltage transistors
2004 Dec 14
logo
Shenzhen Jin Yu Semicon...
BF622 HTSEMI-BF622 Datasheet
265Kb / 1P
   TRANSISTOR (NPN)
More results

Similar Description - BF622

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BF620 ETC1-BF620 Datasheet
34Kb / 2P
   The Small-signal NPN Silicon High Voltage Medium-Power Transistor
logo
TAITRON Components Inco...
2N5551 TAITRON-2N5551 Datasheet
155Kb / 4P
   Small Signal High Voltage Transistor (NPN)
logo
Motorola, Inc
MRF577T1 MOTOROLA-MRF577T1 Datasheet
112Kb / 12P
   The RF Small Signal Line NPN Silicon High-Frequency Transistor
logo
Fairchild Semiconductor
BC184L FAIRCHILD-BC184L Datasheet
23Kb / 3P
   SILICON NPN SMALL SIGNAL TRANSISTOR
BC184C FAIRCHILD-BC184C Datasheet
25Kb / 3P
   Silicon NPN Small Signal Transistor
BC184L FAIRCHILD-BC184L Datasheet
25Kb / 3P
   Silicon NPN Small Signal Transistor
BC184LC FAIRCHILD-BC184LC Datasheet
25Kb / 3P
   Silicon NPN Small Signal Transistor
logo
Central Semiconductor C...
CP318V CENTRAL-CP318V Datasheet
126Kb / 2P
   Small Signal Transistor NPN - High Voltage Transistor Chip
CP316 CENTRAL-CP316 Datasheet
211Kb / 2P
   Small Signal Transistor NPN - High Voltage Transistor Chip
CP336V CENTRAL-CP336V Datasheet
731Kb / 2P
   Small Signal Transistor NPN - High Voltage Transistor Chip
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com