Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JZ48F000BTY Datasheet(PDF) 7 Page - Intel Corporation

Part # JZ48F000BTY
Description  StrataFlash Wireless Memory
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JZ48F000BTY Datasheet(HTML) 7 Page - Intel Corporation

Back Button JZ48F000BTY Datasheet HTML 3Page - Intel Corporation JZ48F000BTY Datasheet HTML 4Page - Intel Corporation JZ48F000BTY Datasheet HTML 5Page - Intel Corporation JZ48F000BTY Datasheet HTML 6Page - Intel Corporation JZ48F000BTY Datasheet HTML 7Page - Intel Corporation JZ48F000BTY Datasheet HTML 8Page - Intel Corporation JZ48F000BTY Datasheet HTML 9Page - Intel Corporation JZ48F000BTY Datasheet HTML 10Page - Intel Corporation JZ48F000BTY Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 106 page
background image
Intel StrataFlash® Wireless Memory (L18)
Datasheet
Intel StrataFlash® Wireless Memory (L18)
April 2005
Order Number: 251902, Revision: 009
7
09/02/04
-007
Added Table 7 “Bus Operations Summary” on page 45
Modified Table 32 “L18 SCSP Package Ordering Information” on page 105 and added the following
order items:
* RD48F2000L0YTQ0, RD48F2000L0YBQ0
* RD48F4000L0YTQ0, RD48F4000L0YBQ0
* PF48F3000L0YTQ0, PF48F3000L0YBQ0
* PF48F4000L0YTQ0, PF48F4000L0YBQ0
* NZ48F4000L0YTQ0, NZ48F4000L0YBQ0
* JZ48F4000LOYTQ0, JZ48F4000LOYBQ0
09/29/04
-008
Removed two mechanical drawings for 9x7.7x1.0 mm and 9x11x1.0 mm
Added mechanical drawing Figure 4 “256-Mbit, 88-ball (80-active ball) SCSP Drawing and Dimen-
sions (8x11x1.0 mm)” on page 15
In Table 32 “L18 SCSP Package Ordering Information” on page 105, corrected 256L18 package
size from 8x10x1.2 mm to 8x11x1.2 mm
04/22/05
-009
Removed Bin 2 LC and Frequency Support Tables
Added back VF BGA mechanical drawings
Renamed 256-Mbit UT-SCSP to be 256-Mbit SCSP
Updated Ordering Info
Minor text edits
Converted datasheet to new template
In Table 4 “Bottom Parameter Memory Map” on page 24, corrected 256-Mbit Blk 131 address
range from 100000 - 10FFFF to 800000 - 80FFFF
In Section 5.1, “Absolute Maximum Ratings” on page 25, corrected Voltage on any signal (except
VCC, VPP) from -0.5 V to +3.8 V to -0.5 V to +2.5 V
In Section E.2, “Ordering Information for SCSP” on page 105, corrected package designators for
leaded and lead-free packages from RD/PF to NZ/JZ


Similar Part No. - JZ48F000BTY

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
JZ400 KNOWLES-JZ400 Datasheet
857Kb / 2P
   OUTLINE DRAWING FOR JZxxx SERIES
12/4/2014
JZ400 KNOWLES-JZ400 Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
logo
List of Unclassifed Man...
JZ4770 ETC1-JZ4770 Datasheet
1Mb / 47P
   Mobile Application Processor
More results

Similar Description - JZ48F000BTY

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
28F128L18 NUMONYX-28F128L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
313295-04 NUMONYX-313295-04 Datasheet
1Mb / 98P
   Numonyx StrataFlash Wireless Memory
logo
Intel Corporation
TE28F256J3C INTEL-TE28F256J3C Datasheet
905Kb / 72P
   Intel StrataFlash Memory (J3)
logo
Numonyx B.V
306666-11 NUMONYX-306666-11 Datasheet
1Mb / 99P
   Numonyx StrataFlash Embedded Memory
logo
Micron Technology
JS28F256P30B95A MICRON-JS28F256P30B95A Datasheet
1Mb / 97P
   Numonyx StrataFlash Embedded Memory
logo
Intel Corporation
28F640P3 INTEL-28F640P3 Datasheet
1Mb / 102P
   Intel StrataFlash Embedded Memory
logo
Micron Technology
JS28F256P33BFE MICRON-JS28F256P33BFE Datasheet
1Mb / 90P
   NumonyxTM StrataFlash Embedded Memory
logo
Intel Corporation
28F128J3A INTEL-28F128J3A Datasheet
380Kb / 58P
   3 Volt Intel StrataFlash Memory
logo
Micron Technology
PC28F512G18FF MICRON-PC28F512G18FF Datasheet
1Mb / 118P
   128Mb, 256Mb, 512Mb, 1Gb StrataFlash Memory
logo
Intel Corporation
28F320J5 INTEL-28F320J5 Datasheet
641Kb / 53P
   StrataFlash MEMORY TECHNOLOGY 32 AND 64 MBIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com