Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK-A2911-FREQ Datasheet(PDF) 1 Page - Nel Frequency Controls,inc

Part # SK-A2911-FREQ
Description  Frequency Range: 100.0 MHz to 320.0 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

SK-A2911-FREQ Datasheet(HTML) 1 Page - Nel Frequency Controls,inc

  SK-A2911-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc SK-A2911-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Creating a Part Number
SK - A291X - FREQ
Package Code
HK
Leaded 8 pin (14 pin)
SK
8 pin (14 pin) SMD Gull Wing
Input Voltage
Code
Specification
A
3.3 V
5 V
Tolerance/Performance
0 ±100 ppm 0-70°C
1 ±50 ppm 0-70°C
7 ±25 ppm 0-70°C
9 Customer Specific
A ±20 ppm 0-70°C
B ±50 ppm -40 to +85°C
C ±100 ppm -40 to +85°C
Description
The SK-A2910 Series of quartz crystal oscillators provide DPECL Fast Edge compatible signals. This device
is to operate using positive voltage and uses multiple ground pins for improved signal integrity. This device is
intended to operate on positive voltage for PECL applications.
Features
• High Reliability - NEL HALT/HASS qualified for
crystal oscillator start-up conditions
• Low jitter - Wavecrest jitter characterization avail-
able
• Wide frequency range—100.0 MHz to 320.0 MHz
• User specified tolerance available
• Case at electrical ground
• Will withstand vapor phase temperatures of 253°C
for 4 minutes maximum
• All metal, resistance weld, hermetically sealed package
• High shock resistance, to 1500g
• Overtone technology
• High Q crystal actively tuned oscillator circuit
• Power supply decoupling internal
• Dual ground plane for added stability
• No internal PLL avoids cascading PLL problems
• High frequencies due to proprietary design
• RoHS Compliant, Lead Free Construction
SK-A2910
Series
Size, mm
20 x 13
I/O
8 pin (14 pin) SMD Gull Wing
Supply Voltage
3.3V / 5V
For the most up to date speci-
fications on each NEL prod-
uct, log on to our website—
www.nelfc.com
Differential Positive ECL (DPECL)
SK-A2910 Series Rev H
Frequency Range: 100.0 MHz to 320.0 MHz
Drawing Specifications
Electrical Connection
Pin Connection
1VCC
2
VEE Case
6VEE Case
7
Output
8
/Output
9
VEE Case
13
VEE Case
14
Enable/Disable
Dimensions shown in inches and millimeters.
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone: 262-763-3591
Fax: 262-763-2881 Email: nelsales@nelfc.com www.nelfc.com


Similar Part No. - SK-A2911-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SK-A2911-FREQ NEL-SK-A2911-FREQ Datasheet
218Kb / 2P
   Differential Positive ECL (DPECL)
More results

Similar Description - SK-A2911-FREQ

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MQF100-0-0800-01 VECTRON-MQF100-0-0800-01 Datasheet
147Kb / 1P
   Nominal centre frequency fo: 100.0 MHz
MQF100-0-0800-06 VECTRON-MQF100-0-0800-06 Datasheet
145Kb / 1P
   Nominal centre frequency fo: 100.0 MHz
logo
Pasternack Enterprises,...
PE15A9001 PASTERNACK-PE15A9001 Datasheet
419Kb / 5P
   50 MHz to 1000 MHz Frequency Range
logo
Nel Frequency Controls,...
PJ-0A20X NEL-PJ-0A20X Datasheet
184Kb / 2P
   Frequency Range: 10.0 MHz to 52.0 MHz
logo
Pasternack Enterprises,...
PE15B5002 PASTERNACK-PE15B5002 Datasheet
579Kb / 7P
   30 MHz to 3000 MHz Frequency Range
logo
Nel Frequency Controls,...
SH-A368X NEL-SH-A368X Datasheet
132Kb / 2P
   Frequency Range: 60.0 MHz to 200.0 MHz
SJ-A1440 NEL-SJ-A1440 Datasheet
290Kb / 2P
   Frequency Range: 10.0 MHz to 250.0 MHz
SC-B1420 NEL-SC-B1420 Datasheet
206Kb / 2P
   Frequency Range: 1.0 MHz to 80.0 MHz
SJ-A1420 NEL-SJ-A1420 Datasheet
291Kb / 2P
   Frequency Range: 1.0 MHz to 80.0 MHz
SD-A3670 NEL-SD-A3670 Datasheet
210Kb / 2P
   Frequency Range: 70.0 MHz to 200.0 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com