Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SJ-A1427-FREQ Datasheet(PDF) 1 Page - Nel Frequency Controls,inc

Part # SJ-A1427-FREQ
Description  CRYSTAL CLOCK OSCILLATORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

SJ-A1427-FREQ Datasheet(HTML) 1 Page - Nel Frequency Controls,inc

  SJ-A1427-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc SJ-A1427-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
CMOS
SJ-1420 Series
Description
The SJ-1420 Series of quartz crystal oscillators provide enable/disable 3-state CMOS compatible signals
for bus connected systems. Supplying Pin 1 of the SJ-1420 units with a logic “1" or open enables its pin 3
output. In the disabled mode, pin 3 presents a high impedance to the load. All units are designed to
survive standard wave soldering operations without damage.
Features
• Wide frequency range– 40.1MHz to 80MHz
• User specified tolerance available
• Will withstand vapor phase temperatures of 253°C
for 4 minutes maximum
• Space-saving alternative to discrete component
oscillators
• High shock resistance, to 3000g
• Metal lid electrically connected to ground to reduce
EMI
• Low Jitter
• High Q Crystal actively tuned oscillator circuit
• Power supply decoupling internal
• No internal PLL avoids cascading PLL problems
• Low power consumption
• Gold plated leads
• RoHS Compliant, Lead Free Construction
Electrical Connection
Pin
Connection
1
Enable Input
2
Grd & Case
3
Output
4
V
DD
CRYSTAL CLOCK OSCILLATORS
Data Sheet 0010F
Rev. J


Similar Part No. - SJ-A1427-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SJ-A1427-FREQ NEL-SJ-A1427-FREQ Datasheet
291Kb / 2P
   Frequency Range: 1.0 MHz to 80.0 MHz
More results

Similar Description - SJ-A1427-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HS-600 NEL-HS-600 Datasheet
297Kb / 2P
   Crystal Clock Oscillators
logo
List of Unclassifed Man...
HS-2870 ETC1-HS-2870 Datasheet
362Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SC-A1440 ETC1-SC-A1440 Datasheet
278Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
logo
Nel Frequency Controls,...
SD-B2980 NEL-SD-B2980 Datasheet
50Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SJ-160 NEL-SJ-160 Datasheet
258Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SJ-B2870 NEL-SJ-B2870 Datasheet
381Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SK-A2D00 NEL-SK-A2D00 Datasheet
255Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
logo
Wolfgang Knap
22SMOP WK-22SMOP Datasheet
98Kb / 1P
   Crystal Clock Oscillators
32SMOP WK-32SMOP Datasheet
100Kb / 1P
   Crystal Clock Oscillators
logo
List of Unclassifed Man...
SJ460 ETC-SJ460 Datasheet
256Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SC-A1420 ETC1-SC-A1420 Datasheet
41Kb / 2P
   Crystal Clock Oscillators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com