Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NZ48F000QTY Datasheet(PDF) 1 Page - Intel Corporation

Part # NZ48F000QTY
Description  StrataFlash Wireless Memory
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NZ48F000QTY Datasheet(HTML) 1 Page - Intel Corporation

  NZ48F000QTY Datasheet HTML 1Page - Intel Corporation NZ48F000QTY Datasheet HTML 2Page - Intel Corporation NZ48F000QTY Datasheet HTML 3Page - Intel Corporation NZ48F000QTY Datasheet HTML 4Page - Intel Corporation NZ48F000QTY Datasheet HTML 5Page - Intel Corporation NZ48F000QTY Datasheet HTML 6Page - Intel Corporation NZ48F000QTY Datasheet HTML 7Page - Intel Corporation NZ48F000QTY Datasheet HTML 8Page - Intel Corporation NZ48F000QTY Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 106 page
background image
Order Number: 251902, Revision: 009
April 2005
Intel StrataFlash® Wireless Memory
(L18)
28F640L18, 28F128L18, 28F256L18
Datasheet
Product Features
The Intel StrataFlash
® wireless memory (L18) device is the latest generation of Intel
StrataFlash
® memory devices featuring flexible, multiple-partition, dual operation. It provides
high performance synchronous-burst read mode and asynchronous read mode using 1.8 V low-
voltage, multi-level cell (MLC) technology.
The multiple-partition architecture enables background programming or erasing to occur in one
partition while code execution or data reads take place in another partition. This dual-operation
architecture also allows a system to interleave code operations while program and erase
operations take place in the background. The 8-Mbit or 16-Mbit partitions allow system
designers to choose the size of the code and data segments. The L18 wireless memory device is
manufactured using Intel 0.13 µm ETOX™ VIII process technology. It is available in industry-
standard chip scale packaging.
High performance Read-While-Write/Erase
— 85 ns initial access
— 54 MHz with zero wait state, 14 ns clock-to-
data output synchronous-burst mode
— 25 ns asynchronous-page mode
— 4-, 8-, 16-, and continuous-word burst mode
— Burst suspend
— Programmable WAIT configuration
— Buffered Enhanced Factory Programming
(BEFP) at 5 µs/byte (Typ)
— 1.8 V low-power buffered programming at
7 µs/byte (Typ)
Architecture
— Asymmetrically-blocked architecture
— Multiple 8-Mbit partitions: 64-Mbit and 128-
Mbit devices
— Multiple 16-Mbit partitions: 256-Mbit devices
— Four 16-Kword parameter blocks: top or
bottom configurations
— 64-Kword main blocks
— Dual-operation: Read-While-Write (RWW) or
Read-While-Erase (RWE)
— Status Register for partition and device status
Power
—VCC (core) = 1.7 V - 2.0 V
—VCCQ (I/O) = 1.35 V - 2.0 V, 1.7 V - 2.0 V
— Standby current: 30 µA (Typ) for 256-Mbit
— 4-Word synchronous read current: 15 mA (Typ)
at 54 MHz
— Automatic Power Savings mode
Security
— OTP space:
• 64 unique factory device identifier bits
• 64 user-programmable OTP bits
• Additional 2048 user-programmable OTP bits
— Absolute write protection: VPP = GND
— Power-transition erase/program lockout
— Individual zero-latency block locking
— Individual block lock-down
Software
— 20 µs (Typ) program suspend
— 20 µs (Typ) erase suspend
— Intel® Flash Data Integrator optimized
— Basic Command Set (BCS) and Extended
Command Set (ECS) compatible
— Common Flash Interface (CFI) capable
Quality and Reliability
— Expanded temperature: –25° C to +85° C
— Minimum 100,000 erase cycles per block
— ETOX™ VIII process technology (0.13 µm)
Density and Packaging
— 64-, 128-, and 256-Mbit density in VF BGA
packages
— 128/0 and 256/0 density in SCSP
— 16-bit wide data bus


Similar Part No. - NZ48F000QTY

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
NZ48F4000L0ZBQ0 INTEL-NZ48F4000L0ZBQ0 Datasheet
1Mb / 100P
   1.8 Volt Intel StrataFlash짰 Wireless Memory with 3.0-Volt I/O (L30)
NZ48F4000L0ZTQ0 INTEL-NZ48F4000L0ZTQ0 Datasheet
1Mb / 100P
   1.8 Volt Intel StrataFlash짰 Wireless Memory with 3.0-Volt I/O (L30)
More results

Similar Description - NZ48F000QTY

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
28F128L18 NUMONYX-28F128L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
313295-04 NUMONYX-313295-04 Datasheet
1Mb / 98P
   Numonyx StrataFlash Wireless Memory
logo
Intel Corporation
TE28F256J3C INTEL-TE28F256J3C Datasheet
905Kb / 72P
   Intel StrataFlash Memory (J3)
logo
Numonyx B.V
306666-11 NUMONYX-306666-11 Datasheet
1Mb / 99P
   Numonyx StrataFlash Embedded Memory
logo
Micron Technology
JS28F256P30B95A MICRON-JS28F256P30B95A Datasheet
1Mb / 97P
   Numonyx StrataFlash Embedded Memory
logo
Intel Corporation
28F640P3 INTEL-28F640P3 Datasheet
1Mb / 102P
   Intel StrataFlash Embedded Memory
logo
Micron Technology
JS28F256P33BFE MICRON-JS28F256P33BFE Datasheet
1Mb / 90P
   NumonyxTM StrataFlash Embedded Memory
logo
Intel Corporation
28F128J3A INTEL-28F128J3A Datasheet
380Kb / 58P
   3 Volt Intel StrataFlash Memory
logo
Micron Technology
PC28F512G18FF MICRON-PC28F512G18FF Datasheet
1Mb / 118P
   128Mb, 256Mb, 512Mb, 1Gb StrataFlash Memory
logo
Intel Corporation
28F320J5 INTEL-28F320J5 Datasheet
641Kb / 53P
   StrataFlash MEMORY TECHNOLOGY 32 AND 64 MBIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com