Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-A3679-FREQ Datasheet(PDF) 1 Page - Nel Frequency Controls,inc

Part # SD-A3679-FREQ
Description  Frequency Range: 70.0 MHz to 200.0 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

SD-A3679-FREQ Datasheet(HTML) 1 Page - Nel Frequency Controls,inc

  SD-A3679-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc SD-A3679-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
The SD-A3670 Series of voltage controlled quartz crystal oscillators provide frequency control by applying a
voltage to Pin 1. This unit supplies DPECL compatible outputs which are enabled when Pin 2 is set to a logic
low or left open.
Features
• Wide Absolute Pull Range
• High Reliability - NEL HALT/HASS qualified for
crystal oscillator start-up conditions
• Low jitter - Wavecrest jitter characterization
available
• Wide frequency range—70.0 MHz to
200.0 MHz
• User specified tolerance available
• Will withstand vapor phase temperatures of 253°C
for 4 minutes maximum
• Space-saving alternative to discrete component
oscillators
• High shock resistance, to 1000g
• 3.3 Volt operation
• Metal lid electrically connected to ground to
reduce EMI
• High Q crystal actively tuned oscillator circuit
• Power supply decoupling internal
• No internal PLL avoids cascading PLL problems
• High frequencies due to proprietary design
• Gold plated pads
• RoHS Compliant, Lead Free Construction
SD-A3670
Series
Size, mm
5 x 7
I/O
6 pad
Supply Voltage
3.3V
VCXO Series (PECL)
SD-A3670 Series Rev H
Frequency Range: 70.0 MHz to 200.0 MHz
Creating a Part Number
SD - A367X - FREQ
Package Code
SD 6 pad 5x7 mm SMD
Input Voltage
Code
Specification
A
3.3 V
Tolerance/Performance
0 ±100 ppm 0-70°C
9 Customer Specific
C ±100 ppm -40 to +85°C
Drawing Specifications
Dimensions shown in inches and millimeters.
Electrical Connection
Pin
Connection
1
VCO
2
Enable
3VEE
4
Output
5
Output Complement
6
VCC
For the most up to date speci-
fications on each NEL prod-
uct, log on to our website—
www.nelfc.com
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone: 262-763-3591
Fax: 262-763-2881 Email: nelsales@nelfc.com www.nelfc.com


Similar Part No. - SD-A3679-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SD-A36AL99-FREQ NEL-SD-A36AL99-FREQ Datasheet
155Kb / 3P
   LVPECL UHF VCXO
SD-A36AL9E-FREQ NEL-SD-A36AL9E-FREQ Datasheet
155Kb / 3P
   LVPECL UHF VCXO
SD-A36AL9F-FREQ NEL-SD-A36AL9F-FREQ Datasheet
155Kb / 3P
   LVPECL UHF VCXO
SD-A36AL9G-FREQ NEL-SD-A36AL9G-FREQ Datasheet
155Kb / 3P
   LVPECL UHF VCXO
SD-A36AL9H-FREQ NEL-SD-A36AL9H-FREQ Datasheet
155Kb / 3P
   LVPECL UHF VCXO
More results

Similar Description - SD-A3679-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SH-A368X NEL-SH-A368X Datasheet
132Kb / 2P
   Frequency Range: 60.0 MHz to 200.0 MHz
logo
Pasternack Enterprises,...
PE15A9001 PASTERNACK-PE15A9001 Datasheet
419Kb / 5P
   50 MHz to 1000 MHz Frequency Range
logo
Nel Frequency Controls,...
PJ-0A20X NEL-PJ-0A20X Datasheet
184Kb / 2P
   Frequency Range: 10.0 MHz to 52.0 MHz
logo
Pasternack Enterprises,...
PE15B5002 PASTERNACK-PE15B5002 Datasheet
579Kb / 7P
   30 MHz to 3000 MHz Frequency Range
logo
Vectron International, ...
MQF70-0-1500-07 VECTRON-MQF70-0-1500-07 Datasheet
67Kb / 1P
   Nominal centre frequency fo: 70.0 MHz
MQF70-0-2500-11 VECTRON-MQF70-0-2500-11 Datasheet
69Kb / 1P
   Nominal centre frequency fo: 70.0 MHz
MQF70-0-1400-03 VECTRON-MQF70-0-1400-03 Datasheet
60Kb / 1P
   Nominal centre frequency fo: 70.0 MHz
logo
Nel Frequency Controls,...
SJ-A1440 NEL-SJ-A1440 Datasheet
290Kb / 2P
   Frequency Range: 10.0 MHz to 250.0 MHz
SK-A2910 NEL-SK-A2910 Datasheet
336Kb / 2P
   Frequency Range: 100.0 MHz to 320.0 MHz
SC-B1420 NEL-SC-B1420 Datasheet
206Kb / 2P
   Frequency Range: 1.0 MHz to 80.0 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com