Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


S19250 Datasheet(PDF) 1 Page - Applied Micro Circuits Corporation

Part No. S19250
Description  STS-192 SONET/SDH/FEC/GbE/FC 16-bit Transceiver with EDC
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AMCC [Applied Micro Circuits Corporation]
Homepage  http://www.amcc.com
Logo 

   
 1 page
background image
PRODUC T BRIEF
S1
92
50
Description
The S19250 MUX/DeMux chip is a fully
integrated serialization/de-serialization SONET
STS-192/10 GB Ethernet/Fiber Channel
transceiver with Electronic Dispersion
Compensation (EDC). This device can be used
to compensate channel impairments caused by
Single Mode Fiber (SMF) and copper medium.
The chip performs all necessary parallel-to-serial
and serial-to-parallel functions in conformance
with SONET/SDH, 10 Gigabit Ethernet (10 GbE)
and 10 Gigabit Fibre Channel (10 G FC)
transmission standards. The figure below shows
a typical network application. The other
application block diagrams are shown on
page 2.
On-chip clock synthesis PLL components are
contained in the S19250 chip, allowing the use
of a slower external transmit clock reference.
The chip can be used with 155.52 MHz or
622.08 MHz (or equivalent FEC/10 GbE/10 G FC
rates) reference clocks, in support of existing
system clocking schemes. The low-jitter LVDS
interface guarantees compliance with the bit-
error rate requirements of the Telcordia and ITU-
T standards.
Overview
The S19250 transceiver incorporates SONET/
SDH/10 GbE/10 G Fibre Channel serialization
and deserialization functions. This chip can be
used to implement the front end of SONET/10
GbE/10 G Fibre Channel equipment, which
consists primarily of the serial transmit interface
and the serial receive interface. The chip
includes parallel-to-serial, and serial-to-parallel
conversion and system timing. The S19250 is
designed to be pin compatible with the
S19235/S19237. Therefore, the default serial bus
is MDIO.
AMCC Suggested Interface Devices
GANGES II
(S19202CBI20)
STS-192 POS/ATM SONET/SDH Mapper
HUDSON (S19203)
Variable Rate Digital Wrapper Framer/
Deframer, Performance
Monitor, and FEC Device
RUBICON (S19227)
OC-192/48/12/3 DW/FEC/PM and
ASYNC Mapper Device with Strong FEC
MEKONG (S19204)
STS-192 Pointer Processor
KHATANGA
(S19205)
STS-192c SONET/SDH Framer/Mapper
with Integrated MAC
Features
• Operational from 9.9 Gbps to 11.3 Gbps
• Built-In Self Test (BIST) with Error Counter
• On-chip High-Frequency PLLs for Clock Recov-
ery and Clock Gen.
• 16-bit LVDS Parallel Data Path
• TX and RX Lock Detect Indicators
• Reference Loop Timing Modes
• Line and Diagnostic Loopback Mode for Faulty
Node Identification
• -40°C to 85°C Industrial Temperature Range
• Supports MDIO, I2C and SPI serial interface
• Complies with applicable OIF SFI-4 Phase 1,
Telcordia/ITU-T, 300-pin MSA, IEEE 802.3ae
and XFP MSA Standards
• 2000 V ESD rating on low speed pins, 1000 V
on high speed I/Os
• 17 x 17 mm2, 1.0 mm pitch package with
Green / RoHS compliant lead free option. Pin
Compatible with S19235/S19237.
•1.1 W typical
Transmitter Features
• Ref. Freq. of 155.52 or 622.08 MHz (or eq. FEC
rate); Common 10 GbE/10 G FC Ref. of 156.25
MHz or 159.375 MHz for 10 G FC; Divide by 16
or 64 of the TX rates
• Internal, Self-Initializing FIFO to Decouple
Transmit Clocks
• Programmable TSD Output Differential Swing
•Duo Binary Encoding
Receiver Features
•LOS/RSSI
• ISI compensation. Tolerates additional 350 ps/
nm of chromatic dispersion with an OSNR
penalty of 1.0dB over a traditional demux
• Tolerates up to 36” of Standard FR-4 Material
• Adaptive Post-Amplifier Offset Adjust
• Phase Adjust of -0.11 to +0.085 UI
• Ref. Freq. of 155.52 MHz or 622.08 MHz (or eq.
FEC rate); Common ref. of 156.25 MHz for 10
GbE/10 GFC or 159.375 MHz for 10 GFC; Divide
by 16 or 64 of the RX rates
• Capability to Interface with Single-Ended or
Differential TIAs (Center Tap Option)
• Input Sensitivity of 10 mV p-p (one wire or
two wire) at 10-12 BER
Applications
• SONET/SDH and 10GbE-Based Transmission
Systems & Modules
•Section Repeaters
• Add Drop Multiplexers (ADM)
• Broad-Band Cross-Connects
• Fiber Optic Test Equipment
S19250
STS-192 SONET/SDH/FEC/GbE/FC 16-bit Transceiver with EDC
System Block Diagram with the S19250
ORX
OTX
ORX
OTX
AMCC
S19250
16
16
AMCC'S
KHATANGA,
GANGES,
HUDSON,
MEKONG,
or RUBICON
TIA
Laser
Driver
Laser
Driver
AMCC
S19250
TIA
16
16
AMCC'S
KHATANGA,
GANGES,
HUDSON,
MEKONG,
or RUBICON




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
S19252STS-192 SONET/SDH/FEC/GbE/FC 16-bit EDC Transceiver with 10 G Clock 1 2 Applied Micro Circuits Corporation
74ALVCH16224516-bit bus transceiver with direction pin and 30ohm termination resistor 3-State 1 2 3 4 5 MoreNXP Semiconductors
TC74LCXR163245FT16-BIT DUAL SUPPLY VOLTAGE INTERFACE BUS TRANSCEIVER WITH SERIES RESISTOR 1 2 3 4 5 MoreToshiba Semiconductor
74LCXZ16245Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC16245Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ACTQ1654316-Bit Registered Transceiver with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
GTL1655DGG16-bit LVTTL-to-GTL/GTL+ bus transceiver with live insertion 1 2 3 4 5 MoreNXP Semiconductors
IDT74ALVC1622453.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreIntegrated Device Technology
SN74ALVCH3297316-BIT BUS TRANSCEIVER AND TRANSPARENT D-TYPE LATCH WITH EIGHT INDEPENDENT BUFFERS 1 2 3 4 5 MoreTexas Instruments
74VCXH163224516-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl