Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSDF52830YS Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TSDF52830YS
Description  Dual - MOSMIC- two AGC Amplifiers for TV-Tuner Prestage with Integrated Band Switch for One-Line Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSDF52830YS Datasheet(HTML) 4 Page - Vishay Siliconix

  TSDF52830YS Datasheet HTML 1Page - Vishay Siliconix TSDF52830YS Datasheet HTML 2Page - Vishay Siliconix TSDF52830YS Datasheet HTML 3Page - Vishay Siliconix TSDF52830YS Datasheet HTML 4Page - Vishay Siliconix TSDF52830YS Datasheet HTML 5Page - Vishay Siliconix TSDF52830YS Datasheet HTML 6Page - Vishay Siliconix TSDF52830YS Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
4
Document Number 85178
Rev. 1.1, 26-Aug-04
VISHAY
TSDF52830YS
Vishay Semiconductors
Electrical AC Characteristics
Tamb = 25 °C, unless otherwise specified
Amplifier 1
VDS = VRG1 = 5 V, VG2S = 4 V, RG1 = 100 kΩ, ID = IDSO, f = 1 MHz, Tamb = 25 °C, unless otherwise specified
Following data are valid for operating amplifier 1 (pin 1, 3, 5, 2) which is optimized for UHF applications
Remark on improving intermodulation behavior:
By setting RG1 smaller than 100 kΩ, typical value of IDSO will raise and improved intermodulation behavior will be performed.
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward transadmittance
|y21s|
273135
mS
Gate 1 input capacitance
Cissg1
1.7
2.1
pF
Feedback capacitance
Crss
20
fF
Output capacitance
Coss
0.9
pF
Power gain
GS = 2 mS, BS = BSopt,
GL = 0.5 mS, BL = BLopt,
f = 200 MHz
Gps
33
dB
GS = 3.3 mS, BS = BSopt,
GL = 1 mS, BL = BLopt,
f = 400 MHz
Gps
30
dB
GS = 3.3 mS, BS = BSopt,
GL = 1 mS, BL = BLopt,
f = 800 MHz
Gps
25
dB
AGC range
VDS = 5 V, VG2S = 0.5 to 4 V,
f = 800 MHz
Gps
40
50
dB
Noise figure
GS = GL = 20 mS, BS = BL = 0,
f = 50 MHz
F5.0
7.0
dB
GS = 2 mS, GL = 0.5 mS,
BS = BSopt, f = 400 MHz
F1.0
1.5
dB
GS = 3.3 mS, GL = 1 mS,
BS = BSopt, f = 800 MHz
F1.3
2.0
dB
Cross modulation
Input level for
k = 1 % @ 0 dB
AGC fw = 50 MHz,
funw = 60 MHz
Xmod
90
dB
µV
Input level for
k = 1 % @ 40 dB
AGC fw = 50 MHz,
funw = 60 MHz
Xmod
100
105
dB
µV


Similar Part No. - TSDF52830YS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSDF52830YS VISHAY-TSDF52830YS Datasheet
164Kb / 8P
   Dual - MOSMIC®- two AGC Amplifiers for TV-Tuner Prestage with Integrated Band Switch for One-Line Switching
Rev. 1.2, 05-Sep-08
TSDF52830YS VISHAY-TSDF52830YS_08 Datasheet
164Kb / 8P
   Dual - MOSMIC®- two AGC Amplifiers for TV-Tuner Prestage with Integrated Band Switch for One-Line Switching
Rev. 1.2, 05-Sep-08
More results

Similar Description - TSDF52830YS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSDF72830YS VISHAY-TSDF72830YS Datasheet
253Kb / 7P
   Dual - MOSMIC- two AGC Amplifiers for TV-Tuner Prestage with Integrated Band Switch for One-Line Switching
Rev. 1.1, 02-May-05
TSDF12830YS VISHAY-TSDF12830YS Datasheet
125Kb / 7P
   Dual - MOSMIC two AGC Amplifiers for TV-Tuner Prestage with Integrated Band Switch for One-Line Switching
Rev. 1.2, 25-Aug-04
TSDF52830YS VISHAY-TSDF52830YS_08 Datasheet
164Kb / 8P
   Dual - MOSMIC®- two AGC Amplifiers for TV-Tuner Prestage with Integrated Band Switch for One-Line Switching
Rev. 1.2, 05-Sep-08
TSDF54040 VISHAY-TSDF54040 Datasheet
62Kb / 5P
   Dual - MOSMIC - two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 16-Mar-99
TSDF53030 VISHAY-TSDF53030 Datasheet
62Kb / 5P
   Dual - MOSMIC - two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 05-May-99
TSDF54040X VISHAY-TSDF54040X Datasheet
51Kb / 4P
   Dual - MOSMIC - two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1, 12-Nov-01
TSDF52424 VISHAY-TSDF52424 Datasheet
62Kb / 5P
   Dual - MOSMIC - two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 05-Mar-99
TSDF02830YR VISHAY-TSDF02830YR Datasheet
133Kb / 6P
   Dual - MOSMIC two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1, 25-Oct-02
TSDF03030XR VISHAY-TSDF03030XR Datasheet
60Kb / 4P
   Dual - MOSMIC two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1, 12-Nov-01
TSDF04040XR VISHAY-TSDF04040XR Datasheet
60Kb / 4P
   Dual - MOSMIC two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1, 12-Nov-01
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com