Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSDF52830YS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSDF52830YS
Description  Dual - MOSMIC- two AGC Amplifiers for TV-Tuner Prestage with Integrated Band Switch for One-Line Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSDF52830YS Datasheet(HTML) 2 Page - Vishay Siliconix

  TSDF52830YS Datasheet HTML 1Page - Vishay Siliconix TSDF52830YS Datasheet HTML 2Page - Vishay Siliconix TSDF52830YS Datasheet HTML 3Page - Vishay Siliconix TSDF52830YS Datasheet HTML 4Page - Vishay Siliconix TSDF52830YS Datasheet HTML 5Page - Vishay Siliconix TSDF52830YS Datasheet HTML 6Page - Vishay Siliconix TSDF52830YS Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number 85178
Rev. 1.1, 26-Aug-04
VISHAY
TSDF52830YS
Vishay Semiconductors
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Amplifier 1
Following data are valid for operating amplifier 1 (pin 1, 3, 5, 2) which is optimized for UHF applications
Amplifier 2
Following data are valid for operating amplifier 2 (pin 6, 4, 5, 2) which is optimized for VHF applications
Maximum Thermal Resistance
1) on glass fibre printed board (25 x 20 x 1.5) mm3 plated with 35 µm Cu
Part
Marking
Package
TSDF52830YS
WN5
SOT-363
Parameter
Test condition
Symbol
Value
Unit
Drain - source voltage
VDS
8V
Drain current
ID
25
mA
Gate 1/Gate 2 - source peak
current
± IG1/G2SM
10
mA
Gate 1/Gate 2 - source voltage
+ VG1± VG2SM
6V
Gate 1 - source voltage
- VG1SM
1.5
V
Total power dissipation
Tamb ≤ 60 °C
Ptot
200
mW
Channel temperature
TCh
150
°C
Storage temperature range
Tstg
- 55 to + 150
°C
Parameter
Test condition
Symbol
Value
Unit
Drain - source voltage
VDS
8V
Drain current
ID
30
mA
Gate 1/Gate 2 - source peak
current
± IG1/G2SM
10
mA
Gate 1/Gate 2 - source voltage
+ VG1/± VG2SM
6V
Gate 1 - source voltage
- VG1SM
1.5
V
Total power dissipation
Tamb ≤ 60 °C
Ptot
200
mW
Channel temperature
TCh
150
°C
Storage temperature range
Tstg
- 55 to + 150
°C
Parameter
Test condition
Symbol
Value
Unit
Channel ambient
1)
RthChA
450
K/W


Similar Part No. - TSDF52830YS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSDF52830YS VISHAY-TSDF52830YS Datasheet
164Kb / 8P
   Dual - MOSMIC®- two AGC Amplifiers for TV-Tuner Prestage with Integrated Band Switch for One-Line Switching
Rev. 1.2, 05-Sep-08
TSDF52830YS VISHAY-TSDF52830YS_08 Datasheet
164Kb / 8P
   Dual - MOSMIC®- two AGC Amplifiers for TV-Tuner Prestage with Integrated Band Switch for One-Line Switching
Rev. 1.2, 05-Sep-08
More results

Similar Description - TSDF52830YS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSDF72830YS VISHAY-TSDF72830YS Datasheet
253Kb / 7P
   Dual - MOSMIC- two AGC Amplifiers for TV-Tuner Prestage with Integrated Band Switch for One-Line Switching
Rev. 1.1, 02-May-05
TSDF12830YS VISHAY-TSDF12830YS Datasheet
125Kb / 7P
   Dual - MOSMIC two AGC Amplifiers for TV-Tuner Prestage with Integrated Band Switch for One-Line Switching
Rev. 1.2, 25-Aug-04
TSDF52830YS VISHAY-TSDF52830YS_08 Datasheet
164Kb / 8P
   Dual - MOSMIC®- two AGC Amplifiers for TV-Tuner Prestage with Integrated Band Switch for One-Line Switching
Rev. 1.2, 05-Sep-08
TSDF54040 VISHAY-TSDF54040 Datasheet
62Kb / 5P
   Dual - MOSMIC - two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 16-Mar-99
TSDF53030 VISHAY-TSDF53030 Datasheet
62Kb / 5P
   Dual - MOSMIC - two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 05-May-99
TSDF54040X VISHAY-TSDF54040X Datasheet
51Kb / 4P
   Dual - MOSMIC - two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1, 12-Nov-01
TSDF52424 VISHAY-TSDF52424 Datasheet
62Kb / 5P
   Dual - MOSMIC - two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 05-Mar-99
TSDF02830YR VISHAY-TSDF02830YR Datasheet
133Kb / 6P
   Dual - MOSMIC two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1, 25-Oct-02
TSDF03030XR VISHAY-TSDF03030XR Datasheet
60Kb / 4P
   Dual - MOSMIC two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1, 12-Nov-01
TSDF04040XR VISHAY-TSDF04040XR Datasheet
60Kb / 4P
   Dual - MOSMIC two AGC Amplifiers for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1, 12-Nov-01
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com