Electronic Components Datasheet Search |
|
9221J2Z4QD3 Datasheet(PDF) 4 Page - ITT Industries |
|
9221J2Z4QD3 Datasheet(HTML) 4 Page - ITT Industries |
4 / 5 page H–56 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com H C&K 9000 Series Power Rocker and Lever Handle Switches TERMINATIONS CONTACT MATERIAL SEAL AV2 VERTICAL RIGHT ANGLE, PC THRU-HOLE 9201J1AV2QE2 Vertical Actuation DPDT NOTE: Terminal bend radii and lead-in manufacturing option. Terminal spacing greater than 3mm at all points. Terminal Nos. Molded On Side of Case Not available with 9221 model or Z4 terminations. Must be ordered with 9221 model and Z4 termination. 9201 Only 1 END CONTACTS: Coin silver, silver plated. 2 CENTER CONTACTS & ALL TERMINALS: Copper alloy, silver plated. 3 END CONTACTS: Silver cadmium oxide. 4 CENTER CONTACTS: Copper alloy, silver plated. 5 Z4 TERMINALS ONLY: Copper alloy, tin plated. 6 Cadmium used for electrical contacts is acceptable for RoHS. NOTE: Any models supplied with Q contact material is RoHS compliant. For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. 9221 model must be ordered with Z4 terminations and D seal option. All 9000 Series models meet international dimensional and electrical requirements. * Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications. E EPOXY SEAL D NO EPOXY SEAL OPTION CODE Q 9201 9221 MODEL CONTACT MATERIAL SILVER 1,2 SILVER CADMIUM OXIDE 3,4,0 SILVER OR TIN 2,5 TIN 5 TERMINAL PLATING RATINGS RoHS COMPLIANT * RoHS COMPATIBLE * POWER 6 AMPS @120 V AC OR 28 V DC; 3 AMPS @ 250 V AC. 10 AMPS @125 V AC OR 28 V DC; 5 AMPS @ 250 V AC. YES YES |
Similar Part No. - 9221J2Z4QD3 |
|
Similar Description - 9221J2Z4QD3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |