Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9201K1CWZ4QE2 Datasheet(PDF) 3 Page - ITT Industries

Part # 9201K1CWZ4QE2
Description  Power Toggle Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

9201K1CWZ4QE2 Datasheet(HTML) 3 Page - ITT Industries

  9201K1CWZ4QE2 Datasheet HTML 1Page - ITT Industries 9201K1CWZ4QE2 Datasheet HTML 2Page - ITT Industries 9201K1CWZ4QE2 Datasheet HTML 3Page - ITT Industries 9201K1CWZ4QE2 Datasheet HTML 4Page - ITT Industries 9201K1CWZ4QE2 Datasheet HTML 5Page - ITT Industries 9201K1CWZ4QE2 Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
G–50
G
C&K 9000 Series
Power Toggle Switches
ACTUATOR
BUSHING
15/32-32 UNS-2A
1/4-40 UNS-2A
1/4-40 UNS-2A
Locking Positions
2 Position Lock
1/4-40 UNS-2A
1/4-40 UNS-2A
K
LOCKING LEVER, .650" HIGH, THREADED
H3 .296" HIGH, THREADED, KEYWAY
H
.296" HIGH, THREADED, FLAT
CW
SPLASHPROOF, 15/32 BUSHING
L40
LEVER HANDLE
WITHOUT CAP
L43
PLASTIC LEVER HANDLE WITH
ANTIROTATION AND CAP, P/N 4812
K1
LOCKING LEVER, .680" HIGH, THREADED
NOTE: To prevent accidental actuation, toggles must be lifted before being
actuated. When released, toggles again lock in place. Bushing option code
not required. Overtightening mounting nut may cause actuator to bind.
NOTE: Lever handle actuator L43 supplied, but not installed. For interchangeability, order L40 actuator option and order lever handles separately, see page G-53.
Antirotation is standard on all actuators, provides ‘anti-push-in’ feature.
Internal actuator seal standard. External
bushing seal washer available separately,
order from: Multi-Flex Seals, Inc.,
Hackensack, NJ. Part number: MFS-60064.
NOTE: Two mounting nuts, locking ring and lockwasher supplied standard with threaded bushings.
Black hardware is supplied when either black bushings or actuators are specified. Optional mounting
nut and locking ring styles and finishes available, see Section O.
Will withstand 12 in./lbs. of torque with no distortion.
For T & T1 actuators only.
Finish: Matte
Other colors available, consult Customer
Service Center.
No color choice required.
2
BLACK
NONE
No Actuator Color (L40 option)
ACTUATOR CAP COLOR
OPTION
CODE
NONE
NICKEL
2
BLACK
BUSHING
FINISH
OPTION
CODE
.
NONE
NATURAL ALUMINUM–With Nickle Plated Bushing
2
BLACK ANODIZED ALUMINUM
ACTUATOR CAP FINISH
OPTION
CODE
BUSHING FINISH
BUSHING
ACTUATOR FINISH
ACTUATOR
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com


Similar Part No. - 9201K1CWZ4QE2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9201 ETC2-9201 Datasheet
2Mb / 4P
   Multi-ranging operation
logo
B&K Precision Corporati...
9201 BK-9201 Datasheet
2Mb / 4P
   Multi-Range Programmable DC Power Supplies
logo
Belden Inc.
9201 BELDEN-9201 Datasheet
159Kb / 2P
   50 Ohm Wireless Transmission Coax, RG-58, 20 AWG Solid BC, 80% BC Braid, PVC Jkt
05-01-2023
logo
Heyco.
9201 HEYCO-9201 Datasheet
93Kb / 1P
   Drive Fasteners
logo
Belden Inc.
9201-0101000 BELDEN-9201-0101000 Datasheet
159Kb / 2P
   50 Ohm Wireless Transmission Coax, RG-58, 20 AWG Solid BC, 80% BC Braid, PVC Jkt
05-01-2023
More results

Similar Description - 9201K1CWZ4QE2

ManufacturerPart #DatasheetDescription
logo
C&K Components
9000 CK-COMPONENTS-9000 Datasheet
357Kb / 5P
   Power Toggle Switches
9000TOGGLE CK-COMPONENTS-9000TOGGLE Datasheet
619Kb / 5P
   Power Toggle Switches
10 jul 18
logo
List of Unclassifed Man...
1MD1T2B4M6RE ETC2-1MD1T2B4M6RE Datasheet
376Kb / 18P
   Toggle Switches
logo
NTE Electronics
54-020 NTE-54-020 Datasheet
5Mb / 21P
   Toggle Switches
logo
List of Unclassifed Man...
9103A ETC2-9103A Datasheet
67Kb / 1P
   Toggle Switches
7580K6 ETC2-7580K6 Datasheet
1Mb / 35P
   Toggle Switches
logo
Carling Technologies
LT1561-130-012 CARLINGTECH-LT1561-130-012 Datasheet
812Kb / 2P
   Toggle Switches
IK251-73 CARLINGTECH-IK251-73 Datasheet
59Kb / 1P
   Toggle Switches
logo
List of Unclassifed Man...
7695K5 ETC2-7695K5 Datasheet
1Mb / 35P
   Toggle Switches
logo
NTE Electronics
54-001 NTE-54-001 Datasheet
5Mb / 21P
   Toggle Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com