Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

050-607-7911899 Datasheet(PDF) 11 Page - ITT Industries

Part # 050-607-7911899
Description  RF Coaxial Connectors
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

050-607-7911899 Datasheet(HTML) 11 Page - ITT Industries

Back Button 050-607-7911899 Datasheet HTML 7Page - ITT Industries 050-607-7911899 Datasheet HTML 8Page - ITT Industries 050-607-7911899 Datasheet HTML 9Page - ITT Industries 050-607-7911899 Datasheet HTML 10Page - ITT Industries 050-607-7911899 Datasheet HTML 11Page - ITT Industries 050-607-7911899 Datasheet HTML 12Page - ITT Industries 050-607-7911899 Datasheet HTML 13Page - ITT Industries 050-607-7911899 Datasheet HTML 14Page - ITT Industries 050-607-7911899 Datasheet HTML 15Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
112
RF Coaxial Connectors
Assembly Instructions
AI-102, AI-236 & AI-771
SMA Straight Connectors, Crimp Type for Braided Cable
1. Trim cable to dimensions shown being careful not to nick the braid or center conductor. Tin center
conductor, (DO NOT OVER TIN) then slip ferrule (and shrink tubing if supplied) over cable.
2. Solder center conductor to contact. With AI-771 the contact bottoms on the dielectric. With AI-102
& AI-236 the gap shown is to be maintained.
Alternatively with AI-771.
Crimp attachment: Crimp contact to inner conductor using ITT Cannon’s Hand Tool P/N
050-000-0155 (Astro tool P/N 615708), setting 3 with positioner P/N 050-000-0156. (Astro turret
head P/N 650027), color code per chart.
3. Insert trimmed cable into the rear of the body assembly. Tubular body extension will slide under
the braid with the rear portion of extension fitting under the jacket as shown.
NOTE: When using cables with inflexible jackets it is permissible to make two 3,17 (.125) long
longitudinal slits in the outer jacket.
4. Slip ferrule flush against the body and crimp in position using ITT Cannon crimp tool and suitable
die set (see table).
CRIMP FERRULE
BODY ASSEMBLY
CONTACT
5. Slide heat shrinkable tubing over ferrule and apply heat until tubing shrinks down.
Cable
Cable Code
Die Size
RG141/U
9141
5,42 (.213)
RG142/U
9142
5,42 (.213)
RG188/U
9188
3,25 (.128)
RG196/U
9196
2,67 (.105)
RD316
9875/9399
3,84 (.151)
Assembly Instruction No.
A
B
C
AI-102 & AI-236
10,31 (.406)
4,37 (.172)
2,77 (.109)
AI-771
10,62 (.418)
5,16 (.203)
3,56 (.140)
Cable Type
Colour Code
RG161/U, RG171/U
RG188/U, RG316/U
Red
RD316


Similar Part No. - 050-607-7911899

ManufacturerPart #DatasheetDescription
logo
ITT Industries
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
050-628-9188890 ITT-050-628-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
050-651-0000310 ITT-050-651-0000310 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
050-653-0000310 ITT-050-653-0000310 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
More results

Similar Description - 050-607-7911899

ManufacturerPart #DatasheetDescription
logo
ITT Industries
QT-BNC ITT-QT-BNC Datasheet
62Kb / 1P
   RF Coaxial Connectors
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
SSMB ITT-SSMB Datasheet
452Kb / 39P
   RF Coaxial Connectors
logo
Japan Aviation Electron...
SMB JAE-SMB Datasheet
370Kb / 9P
   COAXIAL CONNECTORS
logo
Murata Manufacturing Co...
MM8130-2600RB8 MURATA-MM8130-2600RB8 Datasheet
37Kb / 1P
   Coaxial Connectors
logo
Pasternack Enterprises,...
PE2PB1005 PASTERNACK-PE2PB1005 Datasheet
839Kb / 7P
   RF Coaxial GSG Probe
PE2PB1006 PASTERNACK-PE2PB1006 Datasheet
832Kb / 7P
   RF Coaxial GS Probe
PE2PB1007 PASTERNACK-PE2PB1007 Datasheet
828Kb / 7P
   RF Coaxial GS Probe
logo
DDK Ltd.
PSD-SJ-FCCAV1-SO DDK-PSD-SJ-FCCAV1-SO Datasheet
617Kb / 3P
   Small Coaxial Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com