Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8240YRM-REEL7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8240YRM-REEL7
Description  LED Driver/Monitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8240YRM-REEL7 Datasheet(HTML) 5 Page - Analog Devices

  AD8240YRM-REEL7 Datasheet HTML 1Page - Analog Devices AD8240YRM-REEL7 Datasheet HTML 2Page - Analog Devices AD8240YRM-REEL7 Datasheet HTML 3Page - Analog Devices AD8240YRM-REEL7 Datasheet HTML 4Page - Analog Devices AD8240YRM-REEL7 Datasheet HTML 5Page - Analog Devices AD8240YRM-REEL7 Datasheet HTML 6Page - Analog Devices AD8240YRM-REEL7 Datasheet HTML 7Page - Analog Devices AD8240YRM-REEL7 Datasheet HTML 8Page - Analog Devices AD8240YRM-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD8240
Rev. 0 | Page 5 of 12
PRODUCT DESCRIPTION
The AD8240 consists of four functional blocks labeled A
through D, as shown in Figure 2.
B
GND
VO
VSENSE
5V
REFERENCE
PWM
VPLUS
BASE
SHUNT
C
AD8240
D
A
Figure 2. Simplified Functional Block Diagram
Table 3 briefly describes the blocks, while the sections that
follow provide more detailed information.
Table 3.
Block
Description
A
Linear regulator
B
High-side current-sense amplifier
C
Comparator
D
Driver
LINEAR REGULATOR (BLOCK A)
The simplified architecture of the linear regulator block is an
amplifier and resistor divider. One input to the amplifier is
tied to the 5 V reference. The other input is tied to a resistor
divider that sets the ratio of the 5 V reference to VO. As a
result, the accuracy of the voltage output is proportional to
the accuracy of the 5 V reference. For example, if the 5 V
reference is 5% high (5.25 V), the output is 5% high (12.6 V).
HIGH-SIDE CURRENT-SENSE AMPLIFIER WITH
OPEN LED DETECTION (BLOCK B)
This amplifier is used to measure the LED current by ampli-
fying the voltage across a user-selected shunt resistor. It has a
gain of 24 and an overall accuracy of 5%. The output of the
amplifier is typically connected to a microcontroller A/D
converter input so that the condition of the LED lamp can be
determined. This output can also be tied to other devices such
as a latching comparator or output buffer. It is important to note
that the output of this amplifier has a relatively high impedance
of approximately 10 kΩ. As a result, a buffer amplifier should be
used if the load is less than 100 kΩ.
COMPARATOR WITH LATCH-OFF OVERCURRENT
PROTECTION (BLOCK C)
This block is used to shut down the output in the case of a
short circuit or an overcurrent condition. When the output
of the high-side current-sense amplifier approaches 5 V, the
comparator output switches, causing the driver to latch off the
output voltage.
INTELLIGENT DRIVER (BLOCK D)
The intelligent driver provides multiple functions:
Level shifts and conditions the output of the regulator
amplifier to drive an external user-selected power
transistor.
Accepts PWM input so that LED brightness can be
controlled by a user-supplied PWM signal.
The PWM input can also be used as a simple on/off
control for applications that do not require variable
brightness.
Latch-off input that latches the output off when the
comparator trips during an overcurrent event. The latch
is reset by cycling the PWM input.


Similar Part No. - AD8240YRM-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8240 AD-AD8240_15 Datasheet
224Kb / 12P
   LED Driver/Monitor
REV. 0
More results

Similar Description - AD8240YRM-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8240 AD-AD8240_15 Datasheet
224Kb / 12P
   LED Driver/Monitor
REV. 0
logo
Texas Instruments
TLC5960 TI-TLC5960 Datasheet
682Kb / 33P
[Old version datasheet]   Eight-Channel LED Driver with Intelligent Headroom Voltage Monitor (iHVM)
TLS2205 TI-TLS2205 Datasheet
775Kb / 31P
[Old version datasheet]   VOICE - COIL MOTOR DRIVER, SPINDLE - MOTOR DRIVER, AND VOLTAGE MONITOR
logo
Linear Technology
LT3796 LINER-LT3796 Datasheet
331Kb / 8P
   100V LED Controller with Current Monitor
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com