Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM1404ARNIQ6F Datasheet(PDF) 4 Page - STMicroelectronics

Part # STM1404ARNIQ6F
Description  Security Supervisor with Battery Switchover
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1404ARNIQ6F Datasheet(HTML) 4 Page - STMicroelectronics

  STM1404ARNIQ6F Datasheet HTML 1Page - STMicroelectronics STM1404ARNIQ6F Datasheet HTML 2Page - STMicroelectronics STM1404ARNIQ6F Datasheet HTML 3Page - STMicroelectronics STM1404ARNIQ6F Datasheet HTML 4Page - STMicroelectronics STM1404ARNIQ6F Datasheet HTML 5Page - STMicroelectronics STM1404ARNIQ6F Datasheet HTML 6Page - STMicroelectronics STM1404ARNIQ6F Datasheet HTML 7Page - STMicroelectronics STM1404ARNIQ6F Datasheet HTML 8Page - STMicroelectronics STM1404ARNIQ6F Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
STM1404
4/9
Figure 4. Block Diagram
Note: 1. BAT54J (from STMicroelectronics) recommended.
2. Required for battery-reverse charging protection.
3. Open Drain
4. VREF only for STM1404A; VTPU for STM1404B/C.
AI09684a
COMPARE @
POWER-UP
VRST
VINT
VOUT
VREF
(4)
1.237V VREF
Generator
COMPARE
COMPARE
COMPARE
COMPARE
COMPARE
High Temp.
Sense
TA > TH
Low Temp.
Sense
TA < TL
trec
Generator
VPFI
VBAT
(1)
VDET
VHV
VLV
VSO
VCC
PFI
TP1 (NH)
TP2 (NL)
TP3 (NH)
TP4 (NL)
MR
RST
(3)
PFO
(3)
BLD
(3)
VCCSW
SAL
(3)
VTPU
(4)
BAT54J
(1,2)


Similar Part No. - STM1404ARNIQ6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM1404ARNBQ6F STMICROELECTRONICS-STM1404ARNBQ6F Datasheet
370Kb / 35P
   3 V FIPS-140 security supervisor with battery switchover
STM1404ARNCQ6F STMICROELECTRONICS-STM1404ARNCQ6F Datasheet
370Kb / 35P
   3 V FIPS-140 security supervisor with battery switchover
STM1404ARNDQ6F STMICROELECTRONICS-STM1404ARNDQ6F Datasheet
370Kb / 35P
   3 V FIPS-140 security supervisor with battery switchover
More results

Similar Description - STM1404ARNIQ6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM1403 STMICROELECTRONICS-STM1403 Datasheet
162Kb / 9P
   3V FIPS-140 Security Supervisor with Battery Switchover
STM1403 STMICROELECTRONICS-STM1403_08 Datasheet
361Kb / 34P
   3 V FIPS-140 security supervisor with battery switchover
STM1404 STMICROELECTRONICS-STM1404_08 Datasheet
370Kb / 35P
   3 V FIPS-140 security supervisor with battery switchover
STM690 STMICROELECTRONICS-STM690_06 Datasheet
657Kb / 32P
   3V Supervisor with Battery Switchover
STM690 STMICROELECTRONICS-STM690 Datasheet
445Kb / 31P
   3V Supervisor with Battery Switchover
STM690A STMICROELECTRONICS-STM690A Datasheet
773Kb / 37P
   5V Supervisor with Battery Switchover
STM690 STMICROELECTRONICS-STM690_10 Datasheet
960Kb / 42P
   3 V supervisor with battery switchover
STM690A STMICROELECTRONICS-STM690A_10 Datasheet
1Mb / 43P
   5 V supervisor with battery switchover
M41T82 STMICROELECTRONICS-M41T82 Datasheet
453Kb / 58P
   Serial RTC with battery switchover
logo
Maxim Integrated Produc...
MAX4959 MAXIM-MAX4959 Datasheet
335Kb / 17P
   High-Voltage OVP with Battery Switchover
Rev 0; 7/07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com