Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA5052RSATG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPA5052RSATG4
Description  STEREO DIGITAL AUDIO LIP-SYNC DELAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA5052RSATG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPA5052RSATG4 Datasheet HTML 1Page - Texas Instruments TPA5052RSATG4 Datasheet HTML 2Page - Texas Instruments TPA5052RSATG4 Datasheet HTML 3Page - Texas Instruments TPA5052RSATG4 Datasheet HTML 4Page - Texas Instruments TPA5052RSATG4 Datasheet HTML 5Page - Texas Instruments TPA5052RSATG4 Datasheet HTML 6Page - Texas Instruments TPA5052RSATG4 Datasheet HTML 7Page - Texas Instruments TPA5052RSATG4 Datasheet HTML 8Page - Texas Instruments TPA5052RSATG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.ti.com
DC CHARACTERISTICS
Serial Audio Input Ports
th1
tsu1
tsu2
th2
DATA
BCLK
(Input)
LRCLK
(Input)
TPA5052
SLOS500A – JUNE 2006 – REVISED AUGUST 2006
T
A = 25°C, VDD = 3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDD
Supply current
VDD = 3.3 V, fs = 48 kHz, BCLK = 32 × fs
1.8
3
mA
IOH
High-level output current
DATA_OUT = 2.6 V
5
13
mA
IOL
Low-level output current
DATA_OUT = 0.4 V
5
13
mA
DATA, LRCLK, BCLK, VI = 5.5V, VDD = 3V
20
IIH
High-level input current
µA
DEL[4:0], VI = 3.6V, VDD = 3.6V
5
IIL
Low-level input current
DATA, LRCLK, BCLK, DEL[4:0], VI = 0V, VDD = 3.6V
1
µA
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fSCLKIN Frequency, BCLK 32 × fs, 48 × fs, 64 × fs
1.024
12.288
MHz
tsu1
Setup time, LRCLK to BCLK rising edge
10
ns
th1
Hold time, LRCLK from BCLK rising edge
10
ns
tsu2
Setup time, DATA to BCLK rising edge
10
ns
th2
Hold time, DATA from BCLK rising edge
10
ns
LRCLK frequency
32
48
192
kHz
BCLK duty cycle
50%
LRCLK duty cycle
50%
BCLK rising edges between LRCLK rising edges
LRCLK duty cycle = 50%
32
64
BCLK edges
Figure 1. Serial Data Interface Timing
4
Submit Documentation Feedback


Similar Part No. - TPA5052RSATG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA5050 TI-TPA5050 Datasheet
486Kb / 17P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050 Datasheet
888Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050RSAR TI-TPA5050RSAR Datasheet
486Kb / 17P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050RSAR TI-TPA5050RSAR Datasheet
859Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050RSAR TI-TPA5050RSAR Datasheet
888Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
More results

Similar Description - TPA5052RSATG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA5050 TI-TPA5050_07 Datasheet
859Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050 Datasheet
486Kb / 17P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050_08 Datasheet
888Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
logo
Renesas Technology Corp
R2S15901SP RENESAS-R2S15901SP Datasheet
200Kb / 8P
   Digital Delay IC for Lip Sync
logo
Texas Instruments
TPA5051 TI-TPA5051_07 Datasheet
794Kb / 21P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5051 TI-TPA5051 Datasheet
511Kb / 19P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
logo
Nippon Precision Circui...
SM5921A NPC-SM5921A Datasheet
152Kb / 27P
   8-channel Lip Sync Delay
logo
Sanyo Semicon Device
LC75051E SANYO-LC75051E Datasheet
82Kb / 9P
   CMOS IC Lip-Sync Enabling Audio DSP
logo
New Japan Radio
NJU26901 NJRC-NJU26901 Datasheet
106Kb / 8P
   Digital Audio Delay
NJU26904 NJRC-NJU26904 Datasheet
208Kb / 18P
   Digital Audio Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com