Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6514UKP095 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6514UKP095
Description  Low-Cost, 2.7V to 5.5V Temperature Switches in a SOT23
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6514UKP095 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6514UKP095 Datasheet HTML 1Page - Maxim Integrated Products MAX6514UKP095 Datasheet HTML 2Page - Maxim Integrated Products MAX6514UKP095 Datasheet HTML 3Page - Maxim Integrated Products MAX6514UKP095 Datasheet HTML 4Page - Maxim Integrated Products MAX6514UKP095 Datasheet HTML 5Page - Maxim Integrated Products MAX6514UKP095 Datasheet HTML 6Page - Maxim Integrated Products MAX6514UKP095 Datasheet HTML 7Page - Maxim Integrated Products MAX6514UKP095 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Applications Information
Temperature-Window Alarm
The MAX6515 logic output asserts when the die tem-
perature is outside the factory-programmed range.
Combining the outputs of two devices creates an
over/undertemperature alarm. Two MAX6515s are used
to form two complementary pairs, containing one cold
trip-point output and one hot trip-point output. The
assertion of either output alerts the system to an out-of-
range temperature (Figure 1).
The thermal overrange signal can be used to assert a
thermal shutdown, power-up, recalibration, or other
temperature-dependent function.
Low-Cost, Fail-Safe Temperature
In high-performance/high-reliability applications, multi-
ple temperature monitoring is important. The high-level
integration and low cost of the MAX6514/MAX6515
facilitate the use of multiple temperature monitors to
increase system reliability. The Figure 2 application
uses two MAX6514s with different hot-temperature
thresholds to ensure that fault conditions that can over-
heat the monitored device cause no permanent dam-
age. The first temperature monitor activates the fan
when the die temperature exceeds +45°C. The second
MAX6514 triggers a system shutdown if the die temper-
ature reaches +75°C, preventing damage from a wide
variety of destructive fault conditions, including
latchups, short circuits, and cooling-system failures.
Thermal Considerations
The MAX6514/MAX6515 supply current is typically
22µA. When used to drive high-impedance loads, the
devices dissipate negligible power and self-heating
effects are minimized.
Accurate temperature monitoring depends on the ther-
mal resistance between the device being monitored
and the MAX6514/MAX6515 die. Heat flows in and out
of plastic packages, primarily through the leads. Pin 2
of the 5-pin SOT23 package provides the lowest ther-
mal resistance to the die. Short, wide copper traces
between the MAX6514/MAX6515 and the objects
whose temperature is being monitored ensure heat
transfers occur quickly and reliably. The rise in die tem-
perature due to self-heating is given by the following
formula:
∆TJ = PDISSIPATION x θJA
where PDISSIPATION is the power dissipated by the
MAX6514/MAX6515, and θJA is the thermal resistance
of the package.
The typical thermal resistance is +140°C/W for the 5-
pin SOT23 package. To limit the effects of self-heating,
minimize the output current. For example, if the
MAX6514/MAX6515 sink 1mA, the open-drain output
voltage is guaranteed to be less than 0.3V. Therefore,
an additional 0.3mW of power is dissipated within the
IC. This corresponds to a 0.042°C shift in the die tem-
perature in the 5-pin SOT23 package.
Low-Cost, 2.7V to 5.5V Temperature Switches
in a SOT23
_______________________________________________________________________________________
5
MAX6515UKP075
MAX6515UKN005
VCC
VCC
+5V
100kΩ
GND
GND
HYST
TUNDER
TOVER
GND
OUT OF RANGE
GND
HYST
VCC
+5V
SYSTEM
SHUTDOWN
MAX6514UKP075
GND
µP
GND
HYST
TOVER
VCC
FAN
CONTROL
MAX6514UKP045
GND
GND
TOVER
HYST
GND
HEAT
HEAT
Figure 1. Temperature-Window Alarms Using the MAX6515
Figure 2. Low-Power, High-Reliability, Fail-Safe Temperature
Monitor


Similar Part No. - MAX6514UKP095

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6514UKP095 MAXIM-MAX6514UKP095 Datasheet
192Kb / 8P
   Low-Cost, 2.7V to 5.5V Temperature Switches in a SOT23
Rev 1; 2/11
More results

Similar Description - MAX6514UKP095

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6514 MAXIM-MAX6514_11 Datasheet
192Kb / 8P
   Low-Cost, 2.7V to 5.5V Temperature Switches in a SOT23
Rev 1; 2/11
MAX6501 MAXIM-MAX6501_V01 Datasheet
294Kb / 9P
   Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23
2011
MAX6516 MAXIM-MAX6516_11 Datasheet
238Kb / 10P
   Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23
Rev 1; 2/11
MAX6516 MAXIM-MAX6516 Datasheet
212Kb / 10P
   Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23
Rev 0; 11/03
MAX6501 MAXIM-MAX6501 Datasheet
397Kb / 8P
   Low-Cost, 2.7V to 5.5V, Micropower Temperature Switches in SOT23 and TO-220
Rev 2; 11/99
logo
Exar Corporation
CLC1005 EXAR-CLC1005 Datasheet
2Mb / 19P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
logo
Cadeka Microcircuits LL...
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
   Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
CLC2005 CADEKA-CLC2005 Datasheet
2Mb / 13P
   Dual, Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
logo
Maxim Integrated Produc...
MAX15108EVKIT MAXIM-MAX15108EVKIT Datasheet
1Mb / 8P
   Operates from a 2.7V to 5.5V Input Supply
Rev 0; 8/11
MAX15118EVKIT MAXIM-MAX15118EVKIT Datasheet
1Mb / 8P
   Operates from a 2.7V to 5.5V Input Supply
2012
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com