Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHAG709D-10FEC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AHAG709D-10FEC
Description  10 GB/S ITU G.709 REED-SOLOMON DECODER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AHAG709D-10FEC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AHAG709D-10FEC Datasheet HTML 1Page - List of Unclassifed Manufacturers AHAG709D-10FEC Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
comtech aha corporation
PBG709D10_0203
© 2005 Comtech AHA Corp.
comtech aha corporation
1126 Alturas Drive
fax: 208.892.5601
tel: 208.892.5600
e-mail: sales@aha.com
www.aha.com
Moscow, ID 83843-8331
A subsidiary of Comtech Telecommunications Corporation
A subsidiary of Comtech Telecommunications Corporation
INPUT SIGNALS
clk - 166 MHz core clock. All inputs are registered
on the rising edge.
reset - Synchronous reset.
received_data[63:0] - Received data bus. Data bus
is valid every clock and is registered on the
rising edge of clk. The data frame is restarted
whenever start is active. The core accepts 8-
bytes per transfers
start - Signal is active to when the first 8 bytes of
the G.709 frame in on the received_data bus.
Must be inactive on all other data transfers in
the frame. Maybe asserted at anytime of the
data frame needs to be reset to the first transfer.
fifo_data[63:0] - FIFO data. Delay version of the
received_data data stream. The bus is
registered on the rising edge of clk.
OUTPUT SIGNALS
decode_complete - Decoding complete. Active
when the first 8-byte transfer of the G.709
frame is on the decode_data data bus and
inactive on all subsequent transfers.
decoded_data[63:0] - Decoded data. The first 8-
bytes of the corrected G.709 frame are valid
when decode_complete is active and the
remainder of the frame is available over the
subsequent 509 clocks. The data is driven from
the rising edge of clk.
status_valid - Status valid signal. Active for a
single clk following the completion of the
frame to indicate when the uncorrectable,
correct-to-zero, and correct_to_one signals
are valid.
uncorrectable[15:0] - Uncorrectable block flags.
Each bit of the signal corresponds to one of the
16 Reed-Solomon blocks in the G.709 frame.
Valid when status_valid is active.
correct_to_zero[10:0] - Number of bits corrected
from ‘1’ to ‘0’ in the just completed G.709
frame. Signal is valid when status_valid is
active.
correct_to_one[10:0] - Number of bits corrected
from ‘0’ to ‘1’ in the just completed G.709
frame. Signal is valid when status_valid is
active.
DELIVERABLES
• G.709D-10 FEC core (VHDL)
• Timing constraints (DesignCompiler and Ambit
format)
• Test bench and verification vectors (VHDL)
• Single use license to AHA’s Reed-Solomon
patents
PATENTS
Design uses one or more of the following US
Patents: 5,170,399; 5,099,482; 4,873,688;
5,396,502
ABOUT AHA
Comtech AHA Corporation (AHA) develops
and markets superior integrated circuits, boards,
and intellectual property core technology for
communications systems architects worldwide.
AHA has been setting the standard in Forward Error
Correction and Lossless Data Compression
technology for many years and provides flexible,
cost-effective solutions for today’s growing
bandwidth and reliability challenges. Comtech
AHA Corporation is a wholly owned subsidiary of
Comtech Telecommuncations Corp. (NASDAQ:
CMTL). For more information, visit www.aha.com.


Similar Part No. - AHAG709D-10FEC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AHAG709D-40FEC ETC1-AHAG709D-40FEC Datasheet
58Kb / 2P
   40 GB/S ITU G.709 REED-SOLOMON DECODER
More results

Similar Description - AHAG709D-10FEC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AHAG709D-40FEC ETC1-AHAG709D-40FEC Datasheet
58Kb / 2P
   40 GB/S ITU G.709 REED-SOLOMON DECODER
logo
NXP Semiconductors
SAA7207H PHILIPS-SAA7207H Datasheet
98Kb / 20P
   Reed Solomon decoder IC
1996 Jul 17
logo
List of Unclassifed Man...
AHA4210 ETC1-AHA4210 Datasheet
470Kb / 36P
   Viterbi with Reed-Solomon Decoder
COIC5130A ETC1-COIC5130A Datasheet
291Kb / 20P
   Programmable Reed-Solomon Error Correction Encoder and Decoder
logo
Actel Corporation
MC-ACT-RSENC-NET ACTEL-MC-ACT-RSENC-NET Datasheet
121Kb / 5P
   Reed-Solomon Encoder
logo
List of Unclassifed Man...
AHA4011C ETC-AHA4011C Datasheet
466Kb / 28P
   10 MBytes/sec Reed-Solomon Error Correction Device
logo
Motorola, Inc
MC92305 MOTOROLA-MC92305 Datasheet
39Kb / 4P
   16/32/64/128/256 QAM RECEIVER AND REED-SOLOMON DECODER
logo
Freescale Semiconductor...
AN2407 FREESCALE-AN2407 Datasheet
556Kb / 48P
   Reed Solomon Encoder/Decoder on the StarCore SC140/SC1400 Cores, With Extended Examples
logo
Dynex Semiconductor
MA1916 DYNEX-MA1916 Datasheet
94Kb / 11P
   Radiation Hard Reed-Solomon & Convolution Encoder
logo
Keysight Technologies
N4970A KEYSIGHT-N4970A Datasheet
2Mb / 6P
   PRBS generator 10 Gb/s
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com