Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM1404BSOHQ6F Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM1404BSOHQ6F
Description  Security Supervisor with Battery Switchover
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1404BSOHQ6F Datasheet(HTML) 1 Page - STMicroelectronics

  STM1404BSOHQ6F Datasheet HTML 1Page - STMicroelectronics STM1404BSOHQ6F Datasheet HTML 2Page - STMicroelectronics STM1404BSOHQ6F Datasheet HTML 3Page - STMicroelectronics STM1404BSOHQ6F Datasheet HTML 4Page - STMicroelectronics STM1404BSOHQ6F Datasheet HTML 5Page - STMicroelectronics STM1404BSOHQ6F Datasheet HTML 6Page - STMicroelectronics STM1404BSOHQ6F Datasheet HTML 7Page - STMicroelectronics STM1404BSOHQ6F Datasheet HTML 8Page - STMicroelectronics STM1404BSOHQ6F Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
DATA BRIEFING
January 2006
For further information contact your local ST sales office.
STM1404
3V FIPS-140
Security Supervisor with Battery Switchover
Rev 4.0
FEATURES
STM1404 SUPPORTS FIPS-140 SECURITY
LEVEL 4
4 High-Impedance Physical Tamper
Inputs
Over/Under Operating Voltage Detector
Security Alarm (SAL) on Tamper
Detection
Over/Under Operating Temperature
Detector
Over/Under Temperature Thresholds are
Customer-Selectable and Factory-
Programmed
SUPERVISORY FUNCTIONS
Automatic Battery Switchover
–RST Output (Open Drain)
Manual (Push-button) Reset Input (MR)
Power-fail Comparator (PFI/PFO)
Vccsw (VCC SWITCH OUTPUT)
Low When Switched to VCC
High When Switched to VBAT (BATT ON
Indicator)
BATTERY LOW VOLTAGE DETECTOR
(POWER-UP)
Figure 1. Package
OPTIONAL VREF (1.237V)
(Available for STM1404A only)
LOW BATTERY SUPPLY CURRENT (5.3µA
Typ)
SECURE LOW PROFILE 16-PIN, 3x3mm,
QFN PACKAGE
RoHS COMPLIANCE
Lead-free components compliant with the
RoHS directive
Table 1. Device Options
Note: 1. SAL, RST, PFO, and BLD are Open Drain.
2. Normal Mode: Low when VOUT is internally switched to VCC and High when VOUT is internally switched to battery.
3. Pin 9 is the VREF pin for STM1404A. It is the VTPU pin for STM1404B/C.
QFN16, 3x3mm (Q)
STM704
Functions(1)
Physical
Tamper
Inputs
Over/Under
Voltage
Alarms
Over/Under
Temperature
Alarms
VREF
(1.237V)
Option
VOUT Status,
During
Alarm
Vccsw Status,
During Alarm
STM1404A
✔✔
ON
Normal Mode(2)
STM1404B
✔✔
Note 3
High-Z
High
STM1404C
✔✔
Note 3
Ground
High


Similar Part No. - STM1404BSOHQ6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM1404BSOBQ6F STMICROELECTRONICS-STM1404BSOBQ6F Datasheet
370Kb / 35P
   3 V FIPS-140 security supervisor with battery switchover
STM1404BSOCQ6F STMICROELECTRONICS-STM1404BSOCQ6F Datasheet
370Kb / 35P
   3 V FIPS-140 security supervisor with battery switchover
STM1404BSODQ6F STMICROELECTRONICS-STM1404BSODQ6F Datasheet
370Kb / 35P
   3 V FIPS-140 security supervisor with battery switchover
More results

Similar Description - STM1404BSOHQ6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM1403 STMICROELECTRONICS-STM1403 Datasheet
162Kb / 9P
   3V FIPS-140 Security Supervisor with Battery Switchover
STM1403 STMICROELECTRONICS-STM1403_08 Datasheet
361Kb / 34P
   3 V FIPS-140 security supervisor with battery switchover
STM1404 STMICROELECTRONICS-STM1404_08 Datasheet
370Kb / 35P
   3 V FIPS-140 security supervisor with battery switchover
STM690 STMICROELECTRONICS-STM690_06 Datasheet
657Kb / 32P
   3V Supervisor with Battery Switchover
STM690 STMICROELECTRONICS-STM690 Datasheet
445Kb / 31P
   3V Supervisor with Battery Switchover
STM690A STMICROELECTRONICS-STM690A Datasheet
773Kb / 37P
   5V Supervisor with Battery Switchover
STM690 STMICROELECTRONICS-STM690_10 Datasheet
960Kb / 42P
   3 V supervisor with battery switchover
STM690A STMICROELECTRONICS-STM690A_10 Datasheet
1Mb / 43P
   5 V supervisor with battery switchover
M41T82 STMICROELECTRONICS-M41T82 Datasheet
453Kb / 58P
   Serial RTC with battery switchover
logo
Maxim Integrated Produc...
MAX4959 MAXIM-MAX4959 Datasheet
335Kb / 17P
   High-Voltage OVP with Battery Switchover
Rev 0; 7/07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com