Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCD9111RHB Datasheet(PDF) 9 Page - Texas Instruments

Part # UCD9111RHB
Description  SINGLE PHASE SYNCHRONOUS BUCK CONTROLLER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD9111RHB Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCD9111RHB Datasheet HTML 5Page - Texas Instruments UCD9111RHB Datasheet HTML 6Page - Texas Instruments UCD9111RHB Datasheet HTML 7Page - Texas Instruments UCD9111RHB Datasheet HTML 8Page - Texas Instruments UCD9111RHB Datasheet HTML 9Page - Texas Instruments UCD9111RHB Datasheet HTML 10Page - Texas Instruments UCD9111RHB Datasheet HTML 11Page - Texas Instruments UCD9111RHB Datasheet HTML 12Page - Texas Instruments UCD9111RHB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
UCD9111
SEPEMBER 2006
9
www.ti.com
High level output voltage (VOH)
I PGOOD = -5 mA
2.8
V
PMBus AERT
PMBus Alert assertion delay
TBD
μs
PMBus Alert deassertion delay
TBD
μs
Low level output voltage (VOL)
I alert = 5 mA
0.4
V
High level output voltage (VOH)
I alert = -5 mA
2.8
V
THERMAL SHUTDOWN
Shutdown temperature
Junction temperature
TBD
ºC
Hysteresis
TBD
ºC
I/O CHARACTERISTICS
High input voltage, VIH
VD33=3.3V
2
3.45
V
Low input voltage, VIL
VD33=3.3V
0.8
V
Input hysteresis voltage.
VD33=3.3V
0.3
V
Output Voltage High (VOH)
VD33=3.3V, IOH = -5mA
2.8
Output Voltage Low (VOL)
VD33 = 3.3V, IOL = 5mA
0.4
PMBus/SMBus/I2C
FSMB
PMBus/SMBus
operating frequency
Slave mode, SMBC 50%
duty cycle
100
kHz
FI2C
I
2C operating frequency
Slave mode, SCL 50%
duty cycle
400
kHz
t(BUF)
Bus free time between
start and stop
4.7
us
t(HD:STA)
Hold time after
(repeated) start
4.0
us
t(SU:STA)
Repeated start setup
time
4.7
us
t(SU:STO)
Stop setup time
4.0
us
t(HD:DAT)
Data hold time
Receive Mode
0
ns
Transmit Mode
300
ns
t(SU:DAT)
Data setup time
250
ns
t(TIMEOUT)
Error signal/detect
(1)
25
35
ms
t(LOW)
Clock low period
4.7
us
t(HIGH)
Clock high period
(2)
4.0
50
us


Similar Part No. - UCD9111RHB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9112 TI-UCD9112 Datasheet
1Mb / 29P
[Old version datasheet]   DIGITAL DUAL PHASE SYNCHRONOUS BUCK CONTROLLER
UCD9112 TI1-UCD9112 Datasheet
886Kb / 27P
[Old version datasheet]   Digital Dual-Phase Synchronous Buck Controller
UCD9112RHB TI-UCD9112RHB Datasheet
1Mb / 29P
[Old version datasheet]   DIGITAL DUAL PHASE SYNCHRONOUS BUCK CONTROLLER
UCD9112RHBT TI1-UCD9112RHBT Datasheet
886Kb / 27P
[Old version datasheet]   Digital Dual-Phase Synchronous Buck Controller
UCD9112 TI1-UCD9112_16 Datasheet
886Kb / 27P
[Old version datasheet]   Digital Dual-Phase Synchronous Buck Controller
More results

Similar Description - UCD9111RHB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3209D ONSEMI-ADP3209D Datasheet
466Kb / 27P
   Single-Phase, Synchronous Buck Controller
March, 2010 ??Rev. 0
logo
Diodes Incorporated
AP3591 DIODES-AP3591 Datasheet
689Kb / 18P
   SINGLE PHASE SYNCHRONOUS BUCK CONTROLLER
logo
BCD Semiconductor Manuf...
AP3586A,B,C BCDSEMI-AP3586A,B,C Datasheet
624Kb / 17P
   Single Phase Synchronous Buck PWM Controller
AP3581A,B,C BCDSEMI-AP3581A,B,C Datasheet
575Kb / 13P
   Single Phase Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8120 RICHTEK-RT8120_V01 Datasheet
223Kb / 17P
   Single-Phase Synchronous Buck PWM Controller
logo
Diodes Incorporated
AP3581A DIODES-AP3581A Datasheet
756Kb / 13P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER
November 2018 Rev. 2 - 4
logo
Texas Instruments
TPS51513 TI1-TPS51513_16 Datasheet
1Mb / 39P
[Old version datasheet]   SINGLE PHASE, D-CAP SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
ADP3209CJCPZ-RL ONSEMI-ADP3209CJCPZ-RL Datasheet
752Kb / 32P
   5-Bit, Programmable, Single-Phase, Synchronous Buck Controller
Jan2008 Rev. 2 ADP3209/D
ADP3211NMNR2G ONSEMI-ADP3211NMNR2G Datasheet
524Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
November, 2009 ??Rev. 2
logo
uPI Group Inc.
UP9511S UPI-UP9511S Datasheet
371Kb / 19P
   Phase Synchronous-Rectified Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com