Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA6107 Datasheet(PDF) 7 Page - Texas Instruments

Part # PCA6107
Description  REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA6107 Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCA6107 Datasheet HTML 3Page - Texas Instruments PCA6107 Datasheet HTML 4Page - Texas Instruments PCA6107 Datasheet HTML 5Page - Texas Instruments PCA6107 Datasheet HTML 6Page - Texas Instruments PCA6107 Datasheet HTML 7Page - Texas Instruments PCA6107 Datasheet HTML 8Page - Texas Instruments PCA6107 Datasheet HTML 9Page - Texas Instruments PCA6107 Datasheet HTML 10Page - Texas Instruments PCA6107 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
www.ti.com
Device Address
0
Slave Address
0
1
1 A2 A1 A0 R/W
Fixed
Programmable
Control Register and Command Byte
0
0
0
0
B1
B0
0
0
PCA6107
REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER
WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
SCPS139B – JANUARY 2006 – REVISED OCTOBER 2006
The address of the PCA6107 is shown in Figure 4.
Figure 4. PCA6107 Address
Address Reference
INPUTS
I2C BUS SLAVE ADDRESS
A2
A1
A0
L
L
L
24 (decimal), 18 (hexadecimal)
L
L
H
25 (decimal), 19 (hexadecimal)
L
H
L
26 (decimal), 1A (hexadecimal)
L
H
H
27 (decimal), 1B (hexadecimal)
H
L
L
28 (decimal), 1C (hexadecimal)
H
L
H
29 (decimal), 1D (hexadecimal)
H
H
L
30 (decimal), 1E (hexadecimal)
H
H
H
31 (decimal), 1F (hexadecimal)
The last bit of the slave address defines the operation (read or write) to be performed. A high (1) selects a read
operation, while a low (0) selects a write operation.
Following the successful acknowledgment of the address byte, the bus master sends a command byte that is
stored in the control register in the PCA6107. Two bits of this data byte state the operation (read or write) and
the internal registers (input, output, polarity inversion or configuration) that will be affected. This register can be
written or read through the I2C bus. The command byte is sent only during a write transmission.
Once a new command byte has been sent, the register that was addressed continues to be accessed by reads
until a new command byte has been sent.
Figure 5. Control Register Bits
Command Byte
CONTROL REGISTER BITS
COMMAND BYTE
POWER-UP
REGISTER
PROTOCOL
(HEX)
DEFAULT
B1
B0
0
0
0x00
Input Port
Read byte
xxxx xxxx
0
1
0x01
Output Port
Read/write byte
0000 0000
1
0
0x02
Polarity Inversion
Read/write byte
1111 0000
1
1
0x03
Configuration
Read/write byte
1111 1111
7
Submit Documentation Feedback


Similar Part No. - PCA6107

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
PCA61HL320 ADAM-TECH-PCA61HL320 Datasheet
129Kb / 1P
   ZIF FLEX CIRCUIT CONNECTOR
PCA61HU320 ADAM-TECH-PCA61HU320 Datasheet
129Kb / 1P
   ZIF FLEX CIRCUIT CONNECTOR
PCA61V320 ADAM-TECH-PCA61V320 Datasheet
129Kb / 1P
   ZIF FLEX CIRCUIT CONNECTOR
More results

Similar Description - PCA6107

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9538 TI-PCA9538 Datasheet
479Kb / 29P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9538 TI-PCA9538_1 Datasheet
626Kb / 31P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9554DW TI-PCA9554DW Datasheet
933Kb / 36P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554A TI-PCA9554A Datasheet
650Kb / 33P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A_101 TI-PCA9534A_101 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A Datasheet
643Kb / 35P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534 TI-PCA9534 Datasheet
657Kb / 32P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A_10 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9539 TI-PCA9539 Datasheet
777Kb / 34P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com