Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF1550FNT1 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MRF1550FNT1
Description  RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF1550FNT1 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MRF1550FNT1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF1550FNT1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF1550FNT1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF1550FNT1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF1550FNT1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF1550FNT1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF1550FNT1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF1550FNT1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF1550FNT1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MRF1550NT1 MRF1550FNT1
1
RF Device Data
Freescale Semiconductor
RF Power Field Effect Transistors
N-Channel Enhancement-Mode Lateral MOSFETs
Designed for broadband commercial and industrial applications with frequen-
cies to 175 MHz. The high gain and broadband performance of these devices
make them ideal for large -signal, common source amplifier applications in
12.5 volt mobile FM equipment.
• Specified Performance @ 175 MHz, 12.5 Volts
Output Power — 50 Watts
Power Gain — 12 dB
Efficiency — 50%
• Capable of Handling 20:1 VSWR, @ 15.6 Vdc, 175 MHz, 2 dB Overdrive
Features
• Excellent Thermal Stability
• Characterized with Series Equivalent Large-Signal Impedance Parameters
• Broadband -Full Power Across the Band: 135-175 MHz
• Broadband Demonstration Amplifier Information Available
Upon Request
• 200_C Capable Plastic Package
• N Suffix Indicates Lead-Free Terminations. RoHS Compliant.
• In Tape and Reel. T1 Suffix = 500 Units per 44 mm, 13 inch Reel.
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-0.5, +40
Vdc
Gate-Source Voltage
VGS
±20
Vdc
Drain Current — Continuous
ID
12
Adc
Total Device Dissipation @ TC = 25°C (1)
Derate above 25°C
PD
165
0.50
W
W/°C
Storage Temperature Range
Tstg
- 65 to +150
°C
Operating Junction Temperature
TJ
200
°C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value(2)
Unit
Thermal Resistance, Junction to Case
RθJC
0.75
°C/W
Table 3. Moisture Sensitivity Level
Test Methodology
Rating
Package Peak Temperature
Unit
Per JESD 22-A113, IPC/JEDEC J-STD-020
1
260
°C
1. Calculated based on the formula PD =
2. MTTF calculator available at http://www.freescale.com/rf. Select Tools/Software/Application Software/Calculators to access
the MTTF calculators by product.
NOTE - CAUTION - MOS devices are susceptible to damage from electrostatic charge. Reasonable precautions in handling and
packaging MOS devices should be observed.
Document Number: MRF1550N
Rev. 11, 9/2006
Freescale Semiconductor
Technical Data
175 MHz, 50 W, 12.5 V
LATERAL N-CHANNEL
BROADBAND
RF POWER MOSFETs
MRF1550NT1
MRF1550FNT1
CASE 1264-09, STYLE 1
TO-272-6 WRAP
PLASTIC
MRF1550NT1
CASE 1264A-02, STYLE 1
TO-272-6
PLASTIC
MRF1550FNT1
TJ– TC
RθJC
© Freescale Semiconductor, Inc., 2006. All rights reserved.


Similar Part No. - MRF1550FNT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1550FNT1 FREESCALE-MRF1550FNT1 Datasheet
513Kb / 18P
   RF Power Field Effect Transistors
MRF1550FNT1 FREESCALE-MRF1550FNT1 Datasheet
465Kb / 18P
   RF Power Field Effect Transistors
More results

Similar Description - MRF1550FNT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com