Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8121J80HABE23 Datasheet(PDF) 5 Page - ITT Industries

Part # 8121J80HABE23
Description  Snap-acting Momentary Pushbutton Switches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

8121J80HABE23 Datasheet(HTML) 5 Page - ITT Industries

  8121J80HABE23 Datasheet HTML 1Page - ITT Industries 8121J80HABE23 Datasheet HTML 2Page - ITT Industries 8121J80HABE23 Datasheet HTML 3Page - ITT Industries 8121J80HABE23 Datasheet HTML 4Page - ITT Industries 8121J80HABE23 Datasheet HTML 5Page - ITT Industries 8121J80HABE23 Datasheet HTML 6Page - ITT Industries 8121J80HABE23 Datasheet HTML 7Page - ITT Industries 8121J80HABE23 Datasheet HTML 8Page - ITT Industries 8121J80HABE23 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
A–31
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
C&K 8020 Series
Snap-acting Momentary Pushbutton Switches
ACTUATOR—SNAP-IN FRONT MOUNT
ACTUATOR—PC MOUNT
*
* Increase this dim. to .620/.625 (15,75/15,88) for
.091/.125 (2,31/3,18) thk. panels.
PANEL MOUNTING
PC MOUNTING
J85
SNAP-IN WITH FRAME AND LED
J95
PC WITH V-BRACKET AND LED
ACTUATOR OR PLUNGER
CAP COLOR
LED COLOR
FRAME COLOR
ACTUATOR OR PLUNGER
CAP COLOR
LED COLOR
Available with C, W-W4, Z or Z3
terminations and SPDT models only.
For LED information see page A-43.
NOTE: Caps & frames available
separately, see pages A-42 and A-43.
For LED information see page A-43.
2
BLACK
1
WHITE
3
RED
4
ORANGE
5
YELLOW
6
GREEN
7
BLUE
9
GRAY
CAP AND FRAME
COLOR
OPTION
CODE
3
RED
5
YELLOW
6
GREEN
LED COLOR
OPTION
CODE
NOTE: Caps available separately, see page A-42.
Available with V3 terminations and SPDT models only.
For LED information see page A-43.
2
BLACK
1
WHITE
3
RED
4
ORANGE
5
YELLOW
6
GREEN
7
BLUE
9
GRAY
CAP AND FRAME
COLOR
OPTION
CODE
3
RED
5
YELLOW
6
GREEN
LED COLOR
OPTION
CODE
8121J85ZGE223
SPST
8121J95V3GE23
SPST
A


Similar Part No. - 8121J80HABE23

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8121 ETC2-8121 Datasheet
891Kb / 8P
   BEAM POWER TUBE
logo
Heyco.
8121 HEYCO-8121 Datasheet
187Kb / 1P
   Ring and Spade Terminals
logo
Agilent(Hewlett-Packard...
8121-0723 HP-8121-0723 Datasheet
2Mb / 2P
   IPCMini Single Channel Ion Pump Controller
logo
Bourns Electronic Solut...
8121-RC BOURNS-8121-RC Datasheet
103Kb / 1P
   Common Mode Inductors (with Optional Header) Dielectric strength: 1500 Vrms
logo
Festo Corporation.
8121043 FESTO-8121043 Datasheet
89Kb / 2P
   Robot kit suction gripper
6/7/22
More results

Similar Description - 8121J80HABE23

ManufacturerPart #DatasheetDescription
logo
C&K Components
8020 CK-COMPONENTS-8020 Datasheet
1Mb / 17P
   Snap-acting Momentary Pushbutton Switches
8020 CK-COMPONENTS-8020_V01 Datasheet
3Mb / 17P
   Snap-acting Momentary Pushbutton Switches
2022
E020 CK-COMPONENTS-E020 Datasheet
516Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
logo
ITT Industries
E121SD1ABE ITT-E121SD1ABE Datasheet
972Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
logo
C&K Components
E020 CK-COMPONENTS-E020_V01 Datasheet
1Mb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
5 Aug 20
logo
List of Unclassifed Man...
SPC5064 ETC2-SPC5064 Datasheet
54Kb / 1P
   Snap-Acting Momentary Pushbutton Switch
logo
E-SWITCH
700 E-SWITCH-700 Datasheet
525Kb / 6P
   PUSHBUTTON SWITCHES - SNAP-ACTING
logo
GREATECS
PB2 GREATECS-PB2 Datasheet
1,020Kb / 2P
   Sealed Snap-Acting Pushbutton Switches
PB1M GREATECS-PB1M Datasheet
2Mb / 5P
   Snap-Acting Pushbutton Switches (ON-MOM)
logo
List of Unclassifed Man...
1400N ETC-1400N Datasheet
147Kb / 3P
   Momentary pushbutton switches - snap-in mounting - square plunger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com