Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UA78M12CKC Datasheet(PDF) 7 Page - Texas Instruments

Part # UA78M12CKC
Description  POSITIVE-VOLTAGE REGULATORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UA78M12CKC Datasheet(HTML) 7 Page - Texas Instruments

Back Button UA78M12CKC Datasheet HTML 3Page - Texas Instruments UA78M12CKC Datasheet HTML 4Page - Texas Instruments UA78M12CKC Datasheet HTML 5Page - Texas Instruments UA78M12CKC Datasheet HTML 6Page - Texas Instruments UA78M12CKC Datasheet HTML 7Page - Texas Instruments UA78M12CKC Datasheet HTML 8Page - Texas Instruments UA78M12CKC Datasheet HTML 9Page - Texas Instruments UA78M12CKC Datasheet HTML 10Page - Texas Instruments UA78M12CKC Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
www.ti.com
Electrical Characteristics
Electrical Characteristics
µA78M00 SERIES
POSITIVE-VOLTAGE REGULATORS
SLVS059P – JUNE 1976 – REVISED OCTOBER 2005
at specified virtual junction temperature, V
I = 14 V, IO = 350 mA, TJ = 25°C (unless otherwise noted)
µA78M08C
PARAMETER
TEST CONDITIONS(1)
UNIT
MIN
TYP MAX
7.7
8
8.3
Output voltage
VI = 10.5 V to 23 V,
IO = 5 mA to 350 mA
V
TJ = 0°C to 125°C
7.6
8.4
VI = 10.5 V to 25 V
6
100
Input voltage regulation
IO = 200 mA
mV
VI = 11 V to 25 V
2
50
IO = 100 mA,
TJ = 0°C to 125°C
56
VI = 11 V to 21.5 V,
Ripple rejection
dB
f = 120 Hz
IO = 300 mA
56
80
IO = 5 mA to 500 mA
25
160
Output voltage regulation
mV
IO = 5 mA to 200 mA
10
80
Temperature coefficient
IO = 5 mA,
TJ = 0°C to 125°C
–1
mV/
°C
of output voltage
Output noise voltage
f = 10 Hz to 100 kHz
52
µV
Dropout voltage
2
V
Bias current
4.6
6
mA
VI = 10.5 V to 25 V,
IO = 200 mA,
TJ = 0°C to 125°C
0.8
Bias current change
mA
IO = 5 mA to 350 mA,
TJ = 0°C to 125°C
0.5
Short-circuit output
VI = 35 V
250
mA
current
Peak output current
0.7
A
(1)
All characteristics are measured with a 0.33-
µF capacitor across the input and a 0.1-µF capacitor across the output. Pulse-testing
techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately.
at specified virtual junction temperature, V
I = 16 V, IO = 350 mA, TJ = 25°C (unless otherwise noted)
µA78M09C
PARAMETER
TEST CONDITIONS(1)
UNIT
MIN
TYP MAX
8.6
9
9.4
Output voltage
VI = 11.5 V to 24 V,
IO = 5 mA to 350 mA
V
TJ = 0°C to 125°C
8.5
9.5
VI = 11.5 V to 26 V
6
100
Input voltage regulation
IO = 200 mA
mV
VI = 12 V to 26 V
2
50
IO = 100 mA,
TJ = 0°C to 125°C
56
VI = 13 V to 23 V,
Ripple rejection
dB
f = 120 Hz
IO = 300 mA
56
80
IO = 5 mA to 500 mA
25
180
Output voltage regulation
mV
IO = 5 mA to 200 mA
10
90
Temperature coefficient
IO = 5 mA,
TJ = 0°C to 125°C
–1
mV/
°C
of output voltage
Output noise voltage
f = 10 Hz to 100 kHz
58
µV
Dropout voltage
2
V
Bias current
4.6
6
mA
VI = 11.5 V to 26 V,
IO = 200 mA,
TJ = 0°C to 125°C
0.8
Bias current change
mA
IO = 5 mA to 350 mA,
TJ = 0°C to 125°C
0.5
Short-circuit output
VI = 35 V
250
mA
current
Peak output current
0.7
A
(1)
All characteristics are measured with a 0.33-
µF capacitor across the input and a 0.1-µF capacitor across the output. Pulse-testing
techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately.
7


Similar Part No. - UA78M12CKC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA78M12CKC TI-UA78M12CKC Datasheet
272Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78M12CKC TI-UA78M12CKC Datasheet
232Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78M12CKC TI-UA78M12CKC Datasheet
480Kb / 21P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78M12CKC TI-UA78M12CKC Datasheet
563Kb / 20P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78M12CKC TI1-UA78M12CKC Datasheet
1Mb / 30P
[Old version datasheet]   Positive-Voltage Regulators
More results

Similar Description - UA78M12CKC

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com