Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS470R1A384 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMS470R1A384
Description  16/32-Bit RISC Flash Microcontroller
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS470R1A384 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS470R1A384 Datasheet HTML 6Page - Texas Instruments TMS470R1A384 Datasheet HTML 7Page - Texas Instruments TMS470R1A384 Datasheet HTML 8Page - Texas Instruments TMS470R1A384 Datasheet HTML 9Page - Texas Instruments TMS470R1A384 Datasheet HTML 10Page - Texas Instruments TMS470R1A384 Datasheet HTML 11Page - Texas Instruments TMS470R1A384 Datasheet HTML 12Page - Texas Instruments TMS470R1A384 Datasheet HTML 13Page - Texas Instruments TMS470R1A384 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
www.ti.com
TMS470R1A384
16/32-Bit RISC Flash Microcontroller
SPNS110B – AUGUST 2005 – REVISED AUGUST 2006
Table 2. Terminal Functions (continued)
TERMINAL
INTERNAL
INPUT
OUTPUT
PULLUP/
DESCRIPTION
VOLTAGE(1)(2)
CURRENT(3)
NAME
PZ
PGE
PULLDOWN
GENERAL-PURPOSE I/O (GIO) (CONTINUED)
GIOD[0]/EBADDR[0]
-
42
GIOD[1]/EBADDR[1]
-
39
GIOD[2]/EBADDR[2]
-
35
GIOD[3]/EBADDR[3]
-
30
GIOD[4]/EBADDR[4]
-
27
GIOD[5]/EBADDR[5]
-
23
GIOE[0]/EBDATA[0]
-
44
GIOE[1]/EBDATA[1]
-
47
GIOE[2]/EBDATA[2]
-
58
GIOE[3]/EBDATA[3]
-
61
GIOE[4]/EBDATA[4]
-
64
GIOE[5]/EBDATA[5]
-
67
GIOE[6]/EBDATA[6]
-
70
GIOE[7]/EBDATA[7]
-
77
GIOF[0]/EBADDR[6]/
-
80
EBDATA[8]
GIOB[0], GIOC[4:0], GIOD[5:0], GIOE[7:0:],
GIOF[1]/EBADDR[7]/
-
82
GIOF[7:0], GIOG[7:0], AND GIOH[5:0] are
EBDATA[9]
3.3-V
2 mA
IPD (20 µA)
multiplexed with the expansion bus module.
GIOF[2]/EBADDR[8]/
-
89
See Table 7.
EBDATA[10]
GIOF[3]/EBADDR[9]/
-
90
EBDATA[11]
GIOF[4]/EBADDR[10]
-
93
/EBDATA[12]
GIOF[5]/EBADDR[11]
-
96
/EBDATA[13]
GIOF[6]/EBADDR[12]
-
99
/EBDATA[14]
GIOF[7]/EBADDR[13]
-
100
/EBDATA[15]
GIOG[0]/EBADDR[14
-
20
]/EBADDR[6]
GIOG[1]/EBADDR[15
-
10
]/EBADDR[7]
GIOG[2]/EBADDR[16
-
8
]/EBADDR[8]
GIOG[3]/EBADDR[17
-
6
]/EBADDR[9]
10
Submit Documentation Feedback


Similar Part No. - TMS470R1A384

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1A384 TI1-TMS470R1A384 Datasheet
638Kb / 63P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A384PGEQ TI1-TMS470R1A384PGEQ Datasheet
638Kb / 63P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A384PGET TI1-TMS470R1A384PGET Datasheet
638Kb / 63P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A384PZ-T TI1-TMS470R1A384PZ-T Datasheet
638Kb / 63P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A384PZQ TI1-TMS470R1A384PZQ Datasheet
638Kb / 63P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results

Similar Description - TMS470R1A384

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B512 TI-TMS470R1B512 Datasheet
432Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com