Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


SP8036 Datasheet(PDF) 2 Page - Sipex Corporation

Part No. SP8036
Description  APC Amplifier with Integrated Photodiode and Gain Adjust Capability
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIPEX [Sipex Corporation]
Homepage  http://www.sipex.com
Logo 

   
 2 page
background image
Rev 0.8 (09/25/06)
SP8036 APC Amplifier
2006 Sipex Corporation
page
2 of 6
FUNCTIONAL DIAGRAM
Figure 1: Functional Diagram
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at these ratings or any other above those
indicated in the operation sections of the specifications below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect reliability.
Supply Voltage (Vcc)……………….……...……..6.0V
All Other Pins…………. …….……………...…… 6.0V
Junction Temperature (TJ)……….…..…………120
oC
Storage Temperature…………….....-40°C to +100°C
Soldering Temperature……….….……………+235°C
RECOMMENDED OPERATING CONDITIONS
Supply Voltage (Vcc)………..…………...4.5V to 5.5V
Reference Voltage (VREF) ….……………1.9V to 2.3V
Operating temperature…….……………-20 to +85
oC
THERMAL SPECIFICATIONS
8-pin OPLGA (3 x 3.5mm) Package Thermal Resistance…………90
oC/W




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SP8034A250 V/us APC Amplifier with Integrated Photodiode and Gain Adjust Capability 1 2 3 4 5 MoreSipex Corporation
SP8024200V/us Integrated APC Amplifier with Gain Adjust & Differential Output 1 2 3 4 5 MoreSipex Corporation
BUD42DHigh Speed High Gain Bipolar NPN Transistor with Antisaturation Network and Transient Voltage Suppression Capability 1 2 3 4 5 MoreON Semiconductor
LM48991 Watt Fully Differential Audio Power Amplifier With Shutdown Select and Fixed 6dB Gain 1 2 3 4 5 MoreNational Semiconductor (TI)
NCP1603PFC/PWM Combo Controller with Integrated High Voltage Startup and Standby Capability 1 2 3 4 5 MoreON Semiconductor
OPT301INTEGRATED PHOTODIODE AND AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
OPT201INTEGRATED PHOTODIODE AND AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
LM48951 Watt Fully Differential Audio Power Amplifier With Shutdown Select and Fixed 6dB Gain 1 2 3 4 5 MoreNational Semiconductor (TI)
OPA3603V Video Amplifier with 6dB Gain and Filter in SC70 1 2 3 4 5 MoreBurr-Brown (TI)
APA4838Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain 1 2 3 4 5 MoreAnpec Electronics Coropration

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl