Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP1084 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP1084
Description  5A Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP1084 Datasheet(HTML) 5 Page - Sipex Corporation

  SP1084 Datasheet HTML 1Page - Sipex Corporation SP1084 Datasheet HTML 2Page - Sipex Corporation SP1084 Datasheet HTML 3Page - Sipex Corporation SP1084 Datasheet HTML 4Page - Sipex Corporation SP1084 Datasheet HTML 5Page - Sipex Corporation SP1084 Datasheet HTML 6Page - Sipex Corporation SP1084 Datasheet HTML 7Page - Sipex Corporation SP1084 Datasheet HTML 8Page - Sipex Corporation SP1084 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Date: 7/26/06 Rev G
SP084 5A Low Dropout Linear Regulator
© 2006 Sipex Corporation
electrical characteristics (continued)
Parameter
Symbol Conditions
Min
Typ
Max
Unit
Load Regulation
VOUT
SP1084-ADJ, 0mA IOUT 5A,
VIN - VOUT = 3V
0.1
0.2
0.3
0.4
%
SP1084-1.5, 0mA IOUT 5A,
VIN - VOUT = 3V
3
7
15
20
mV
SP1084-1.8, 0mA IOUT 5A,
VIN - VOUT = 3V
3
7
15
20
mV
SP1084-2.5, 0mA IOUT 5A,
VIN - VOUT = 3V
3
7
15
20
mV
SP1084-2.85, 0mA IOUT 5A,
VIN - VOUT = 3V
3
7
15
20
mV
SP1084-3.3, 0mA IOUT 5A,
VIN - VOUT = 3V
3
7
15
20
mV
SP1084-5.0, 0mA IOUT 5A,
VIN - VOUT = 3V
5
10
20
35
mV
Dropout Voltage
IO = 5A, VREF, VOUT= 1%
1.3
1.5
V
Current Limit
ILIMIT VIN - VOUT = 3V,
5.5
6.5
A
Minimum
Load Current
VIN = 10V (SP1084-ADJ)
3
10
mA
Quiescent Current
VIN = 10V (SP1084)
5
10
mA
Ripple Rejection
fRIPPLE = 120Hz, COUT = 25 F Tantalum,
IOUT = 5A, VIN - VOUT = 3V
60
72
dB
Adjust Pin Current
VIN = 4.25V, IOUT = 10mA
55
120
A
Adjust Pin Current
Change
10mA IOUT 5A,
1.5V (VIN -VOUT) 4.5V
0.2
5
A
Temperature
Stability
IOUT = 10mA, VIN - VOUT = 1.5
0.5
%
Long Term Stability
TA = 125oC, 1000Hrs
0.5
%
RMS Noise
(% of VOUT)
10Hz f 10kHz
0.003
%
Thermal Resistance
Junction -to-Case
JC
TO-263
TO-220
TO-252
3
3
4
oC/W
Typicals and limits appearing in normal type apply for TJ = 25oC. Limits appearing in Boldface type apply over
the entire operating junction temperature range.


Similar Part No. - SP1084

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
SP1080L GXELECTRONICS-SP1080L Datasheet
572Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sipex Corporation
SP1085 SIPEX-SP1085 Datasheet
471Kb / 12P
   3A Low Dropout Linear Regulator
SP1085V-L SIPEX-SP1085V-L Datasheet
471Kb / 12P
   3A Low Dropout Linear Regulator
SP1085V-L-1-5 SIPEX-SP1085V-L-1-5 Datasheet
471Kb / 12P
   3A Low Dropout Linear Regulator
SP1085V-L-1-8 SIPEX-SP1085V-L-1-8 Datasheet
471Kb / 12P
   3A Low Dropout Linear Regulator
More results

Similar Description - SP1084

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
   5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Eorex Corporation
EP1084 EOREX-EP1084 Datasheet
279Kb / 8P
   5A Low Dropout Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP1084 FOSLINK-FSP1084 Datasheet
226Kb / 9P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1084-XX GMT-G1084-XX Datasheet
300Kb / 8P
   5A Low-Dropout Linear Regulator
logo
Unisonic Technologies
LR5966 UTC-LR5966 Datasheet
175Kb / 5P
   5A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084 Datasheet
171Kb / 15P
   5A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com