Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN73832 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # FAN73832
Description  Half-Bridge Gate-Drive IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FAN73832 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  FAN73832 Datasheet HTML 1Page - Freescale Semiconductor, Inc FAN73832 Datasheet HTML 2Page - Freescale Semiconductor, Inc FAN73832 Datasheet HTML 3Page - Freescale Semiconductor, Inc FAN73832 Datasheet HTML 4Page - Freescale Semiconductor, Inc FAN73832 Datasheet HTML 5Page - Freescale Semiconductor, Inc FAN73832 Datasheet HTML 6Page - Freescale Semiconductor, Inc FAN73832 Datasheet HTML 7Page - Freescale Semiconductor, Inc FAN73832 Datasheet HTML 8Page - Freescale Semiconductor, Inc FAN73832 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN73832 Rev. 1.0.0
5
Absolute Maximum Ratings
The “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. The
device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are
not guaranteed at the absolute maximum ratings. The “Recommended Operating Conditions” table defines the condi-
tions for actual device operation. TA=25°C unless otherwise specified.
Notes:
2. Mounted on 76.2 x 114.3 x 1.6mm PCB (FR-4 glass epoxy material).
3. Refer to the following standards:
JESD51-2: Integral circuits thermal test method environmental conditions - Natural convection
JESD51-3: Low effective thermal conductivity test board for leaded surface mount packages
4. Do not exceed PD under any circumstances.
Recommended Operating Conditions
Symbol
Characteristics
Min.
Max.
Unit
VS
High-side offset voltage
VB-25
VB+0.3
V
VB
High-side floating supply voltage
-0.3
625
V
VHO
High-side floating output voltage HO
VS-0.3
VB+0.3
V
VDD
Low-side and logic-fixed supply voltage
-0.3
25
V
VLO
Low-side output voltage LO
-0.3
VDD+0.3
V
VIN
Logic input voltage (IN)
-0.3
VDD+0.3
V
VDT/SD
Dead-time and shutdown control voltage
-0.3
5.0
V
GND
Logic ground
VDD-25
VDD+0.3
V
dVS/dt
Allowable offset voltage slew rate
50
V/nsec
PD
(2)(3)(4)
Power dissipation
8-SOP
0.625
W
8-DIP
1.25
θ
JA
Thermal resistance, junction-to-ambient
8-SOP
200
°C/W
8-DIP
100
TJ
Junction temperature
150
°C
TSTG
Storage temperature
150
°C
Symbol
Parameter
Condition
Min.
Max.
Unit
VB
High-side floating supply voltage
VS+15
VS+20
V
VS
High-side floating supply offset voltage
6-VDD
600
V
VDD
Low-side supply voltage
15
20
V
VHO
High-side (HO) output voltage
VS
VB
V
VLO
Low-side (LO) output voltage
GND
VDD
V
VIN
Logic input voltage (IN)
GND
VDD
V
TA
Ambient temperature
-40
125
°C


Similar Part No. - FAN73832

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN73832 FAIRCHILD-FAN73832 Datasheet
1Mb / 16P
   Half-Bridge Gate-Drive IC
logo
ON Semiconductor
FAN73832 ONSEMI-FAN73832 Datasheet
1Mb / 18P
   Half-Bridge Gate-Drive IC
February 2007 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN73832M FAIRCHILD-FAN73832M Datasheet
1Mb / 16P
   Half-Bridge Gate-Drive IC
logo
ON Semiconductor
FAN73832M ONSEMI-FAN73832M Datasheet
1Mb / 18P
   Half-Bridge Gate-Drive IC
February 2007 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN73832MX FAIRCHILD-FAN73832MX Datasheet
1Mb / 16P
   Half-Bridge Gate-Drive IC
More results

Similar Description - FAN73832

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7384 FAIRCHILD-FAN7384 Datasheet
1Mb / 17P
   Half-Bridge Gate-Drive IC
FAN7384 FAIRCHILD-FAN7384_09 Datasheet
1Mb / 17P
   Half-Bridge Gate-Drive IC
FAN73933 FAIRCHILD-FAN73933 Datasheet
1Mb / 17P
   Half-Bridge Gate Drive IC
FAN73932 FAIRCHILD-FAN73932 Datasheet
1Mb / 14P
   Half-Bridge Gate Drive IC
logo
ON Semiconductor
FAN7383 ONSEMI-FAN7383 Datasheet
1Mb / 18P
   Half-Bridge Gate-Drive IC
February 2007 Rev. 1.0.3
FAN7393A ONSEMI-FAN7393A Datasheet
2Mb / 17P
   Half-Bridge Gate Drive IC
July 2012 Rev. 1.0.1
FAN73832 ONSEMI-FAN73832 Datasheet
1Mb / 18P
   Half-Bridge Gate-Drive IC
February 2007 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN73833 FAIRCHILD-FAN73833 Datasheet
1Mb / 12P
   Half-Bridge Gate-Drive IC
logo
ON Semiconductor
FAN73833 ONSEMI-FAN73833 Datasheet
1Mb / 15P
   Half-Bridge Gate-Drive IC
October 2012 Rev. 1.0.2
FAN73933 ONSEMI-FAN73933 Datasheet
2Mb / 19P
   Half-Bridge Gate Drive IC
Rev. 1.0.0
logo
Fairchild Semiconductor
FAN7393A FAIRCHILD-FAN7393A_12 Datasheet
690Kb / 16P
   Half-Bridge Gate Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com