Part Name
         Description
OXU140CM

 USB On-The-Go Full Speed Host, High Speed Peripheral with Multi-Storage Interface ( 20 Page)


OXFORD
100% 
Zoom Out Zoom In
 
 5 page
background image
DS-0038 Jul 06
External--Free Release
5
Oxford Semiconductor, Inc.
OXU140CM Data Sheet
Electrical
Characteristics
Tables 1 to 11 detail the required operating conditions for the device and 
the DC and AC electrical characteristics.
Note:
Permanent device damage may occur if absolute maximum ratings are exceeded. Functional opera‐
tion should be restricted to the normal operating conditions specified in the following section. Expo‐
sure to absolute maximum rating conditions for extended periods may affect device reliability.
Table 1 Absolute Maximum Device Ratings
Symbol
Parameter
Min
Max
Unit
VDD3.3
3.3 V power supply
-0.3
4.0
V
VDD1.8
1.8 V power supply
-0.3
2.16
V
VDDW
1.8 V to 3.3 V
wide-range I/O power supply
-0.3
4.0
V
VI
DC input voltage
-0.3
4.0
V
TS
Storage temperature
-40
+150
°C
Table 2 Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VDD3.3
3.3 V power supply
2.97
3.63
V
VDD1.8
1.8 V power supply
1.62
1.98
V
VDDW
1.8 to 3.3 V
wide-range I/O power supply
1.62
3.63
V
VI3.3
DC input voltage of 3.3 V pins
0
3.6
V
VIW
DC input voltage of wide-range pins
0
1.1*VDDW
V
TO
Operating temperature
-40
+85
°C
Table 3 DC Characteristics, Full-Speed USB I/O Signals: DPN, DMN
Symbol
Parameter
Condition
Min
Max
Unit
VDI
Differential input sensitivity
|VI(DPN) -- VI(DMN)| (where N = 1 or 2)
0.2
V
VCM
Differential comm. mode range
0.8
2.5
V
VOL
Static output low
0.0
0.3
V
VOH
Static output high
2.8
3.6
V
VCRS
Output signal crossover
1.3
2.0
V
CIN
Input capacitance
20
pF



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX3421EUSB Peripheral/Host Controller with SPI Interface 1 2 3 4 5 MoreMaxim Integrated Products
USB3300HI SPEED USB HOST OR DEVICE PHY WITH ULPI LOW PIN INTERFACE 1 2 3 4 5 MoreSMSC Corporation
ST7260LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 8K FLASH/ROM AND SERIAL COMMUNICATION INTERFACE SCI 1 2 3 4 5 MoreSTMicroelectronics
AT89C5131A-L8-bit Flash Microcontroller with Full Speed USB Device 1 2 3 4 5 MoreATMEL Corporation
ST19XT34Smartcard MCU with MAP USB/ISO Interface & 34 Kbytes High Density EEPROM 1 2 3 STMicroelectronics
MAX3420EUSB Peripheral Controller with SPI Interface 1 2 3 4 5 MoreMaxim Integrated Products
AT89C51318-bit Flash Microcontroller with Full Speed USB Device 1 2 3 4 5 MoreATMEL Corporation
OTI-6888USB 1.1 USB Host with MP3 Interface Controller 1 2 3 4 5 MoreList of Unclassifed Manufacturers
OXU121HPUSB On-The-Go Full-Speed Host and High-Speed Peripheral Controller 1 2 3 4 5 MoreOxford Semiconductor
ST7HUBUSB 1.1 HUB WITH 2 DOWNSTREAMS FULL SPEED FUNCTION 8-BIT MCU 10-BIT ADC 3 TIMERS 2 PWMs 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl