Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCY59X Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BCY59X
Description  NPN switching transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCY59X Datasheet(HTML) 2 Page - NXP Semiconductors

  BCY59X Datasheet HTML 1Page - NXP Semiconductors BCY59X Datasheet HTML 2Page - NXP Semiconductors BCY59X Datasheet HTML 3Page - NXP Semiconductors BCY59X Datasheet HTML 4Page - NXP Semiconductors BCY59X Datasheet HTML 5Page - NXP Semiconductors BCY59X Datasheet HTML 6Page - NXP Semiconductors BCY59X Datasheet HTML 7Page - NXP Semiconductors BCY59X Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1997 Jun 17
2
Philips Semiconductors
Product specification
NPN switching transistors
BCY58; BCY59
FEATURES
• Low current (max. 100 mA)
• Low voltage (max. 45 V).
APPLICATIONS
• Switching and amplification.
DESCRIPTION
NPN switching transistor in a TO-18 metal package.
PNP complements: BCY78 and BCY79.
PINNING
PIN
DESCRIPTION
1
emitter
2
base
3
collector, connected to case
Fig.1 Simplified outline (TO-18) and symbol.
handbook, halfpage
MAM264
1
3
2
3
1
2
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
BCY58
−−
32
V
BCY59
−−
45
V
VCEO
collector-emitter voltage
open base
BCY58
−−
32
V
BCY59
−−
45
V
IC
collector current (DC)
−−
100
mA
Ptot
total power dissipation
Tamb ≤ 45 °C
−−
340
mW
Tcase ≤ 45 °C
−−
1W
hFE
DC current gain
IC = 2 mA; VCE =5V
BCY58/VII; BCY59/VII
120
170
220
BCY58/VIII; BCY59/VIII
180
250
310
BCY58/IX; BCY59/IX
250
350
460
BCY58/X; BCY59/X
380
500
630
fT
transition frequency
IC = 10 mA; VCE = 5 V; f = 100 MHz
150
−−
MHz
toff
turn-off time
ICon = 10 mA; IBon = 1 mA; IBoff = −1mA
480
800
ns
ICon = 100 mA; IBon = 10 mA; IBoff = −10 mA −
450
800
ns


Similar Part No. - BCY59X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BCY59 STMICROELECTRONICS-BCY59 Datasheet
99Kb / 6P
   LOW NOISE AUDIO AMPLIFIERS
logo
Siemens Semiconductor G...
BCY59 SIEMENS-BCY59 Datasheet
133Kb / 4P
   npn silicon planar transistors
logo
Micro Electronics
BCY59 MICRO-ELECTRONICS-BCY59 Datasheet
175Kb / 4P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Seme LAB
BCY59 SEME-LAB-BCY59 Datasheet
10Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO18 Metal Package
logo
STMicroelectronics
BCY59 STMICROELECTRONICS-BCY59 Datasheet
997Kb / 6P
   SMALL SIGNAL NPN TRANSISTORxbitm
More results

Similar Description - BCY59X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBT2222 PHILIPS-PMBT2222 Datasheet
46Kb / 8P
   NPN switching transistors
1999 Apr 27
PN2369 PHILIPS-PN2369 Datasheet
45Kb / 8P
   NPN switching transistors
1999 Apr 14
PMBT2222 NXP-PMBT2222 Datasheet
152Kb / 8P
   NPN switching transistors
2004 Jan 22
logo
Nexperia B.V. All right...
BSR13 NEXPERIA-BSR13 Datasheet
376Kb / 9P
   NPN switching transistors
2004 Jan 13
logo
NXP Semiconductors
2N2222 PHILIPS-2N2222 Datasheet
53Kb / 8P
   NPN switching transistors
1997 May 29
BSW66A PHILIPS-BSW66A Datasheet
53Kb / 8P
   NPN switching transistors
1997 May 05
logo
Micro Commercial Compon...
2N2222 MCC-2N2222 Datasheet
238Kb / 3P
   NPN Switching Transistors
2N2222A-BP MCC-2N2222A-BP Datasheet
243Kb / 3P
   NPN Switching Transistors
logo
Comset Semiconductor
2N5681 COMSET-2N5681 Datasheet
79Kb / 3P
   NPN SWITCHING TRANSISTORS
logo
Guangdong Kexin Industr...
BSR17A KEXIN-BSR17A Datasheet
45Kb / 2P
   NPN Switching Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com